PART |
Description |
Maker |
BAS70LT1 ON0123 |
CASE 318 08, STYLE 8 SOT 23 (TO 236AB) From old datasheet system 70VOLTS SCHOTTKY BARRIER DIODES CASE 318 08 STYLE 8 SOT 23 (TO 236AB)
|
Motorola, Inc MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor]
|
BC847ALT1 BC847BLT1 BC847CLT1 BC848BLT1 BC850CLT1 |
CASE 318-08 STYLE 6 SOT-23 (TO-236AB) CASE 318-08, STYLE 6 SOT-23 (TO-236AB) CASE 318-08/ STYLE 6 SOT-23 (TO-236AB) CIR 4C 4#0 FR PIN PLUG High Speed CMOS Logic Triple 3-Input NOR Gates 14-PDIP -55 to 125 100 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AB NPN Silicon General Purpose Transistors NPN硅通用晶体 High Speed CMOS Logic Dual Monostable Multivibrators with Reset 16-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AB
|
MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] Motorola Inc Motorola, Inc. Motorola Mobility Holdings, Inc.
|
BAS4006LT1 |
CASE 318-08/ STYLE 11 SOT-23 (TO-236AB) CASE 318-08, STYLE 11 SOT-23 (TO-236AB)
|
Motorola Inc MOTOROLA[Motorola, Inc]
|
BC817-25LT1 BC817-40LT1 BC81716LT1 BC817-16LT1 |
CASE 318-08, STYLE 6 SOT-23 (TO-236AB)
|
MOTOROLA INC Motorola, Inc. MOTOROLA[Motorola, Inc]
|
BAV70LT1 ON0132 |
CASE 318-08, STYLE 9 SOT-23 (TO-236AB) From old datasheet system Monolithic Dual Switching Diode Common Cathode
|
MOTOROLA[Motorola, Inc] ON Semiconductor
|
DTC114YE DTC114YE_D ON0281 |
CASE 463-01/ STYLE 1 SOT-416/SC-90 CASE 463-01, STYLE 1 SOT-416/SC-90 CASE 463-1, STYLE 1 SOT-16/SC-0 From old datasheet system
|
Motorola Inc ON Semi MOTOROLA[Motorola, Inc]
|
2N5555 ON0063 |
CASE 29.04, STYLE 5 TO-92 (TO-226AA) CASE 29-4, STYLE 5TO-2 (TO-26AA) From old datasheet system JFET Switching
|
MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
PST993 PST993C PST993D PST993E PST993F PST993G PST |
MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-20V; Continuous Drain Current, Id:-2.2A; On-Resistance, Rds(on):0.1ohm; Rds(on) Test Voltage, Vgs:-4.5V; Package/Case:SOT-23; Leaded Process Compatible:No MOSFET, P, SOT-23; Transistor type:MOSFET; Current, Id cont:2.2A; Resistance, Rds on:0.1R; Voltage, Vgs Rds on measurement:4.5V; Case style:SOT-23 (TO-236); Current, Id max:2.2A; Current, Idm pulse:10A; Marking, SMD:L1; Pins, No. RoHS Compliant: Yes MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:20V; Continuous Drain Current, Id:2.1A; On-Resistance, Rds(on):0.085ohm; Rds(on) Test Voltage, Vgs:4.5V; Package/Case:SOT-23; Leaded Process Compatible:No System Reset
|
MITSUMI ELECTRIC CO LTD ETC[ETC] Mitsumi Electronics, Corp.
|
ST95P08 ST95P08B1TR ST95P08B3TR ST95P08B6TR ST95P0 |
MOSFET, P, SOT-23; Transistor type:MOSFET; Current, Id cont:3A; Resistance, Rds on:0.05R; Voltage, Vgs Rds on measurement:4.5V; Case style:SOT-23 (TO-236); Current, Id max:3.0A; Current, Idm pulse:12A; Marking, SMD:M5; Pins, No. RoHS Compliant: Yes 8 Kbit Serial SPI EEPROM with Positive Clock Strobe
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
AP1501A AP1501A-12 AP1501A-12K5 AP1501A-12K5A AP15 |
Adj, 150 Khz, 5 A PWM buck DC/DC converter 150Khz, 5A PWM Buck DC/DC Converter IR Emitting Diode; Mounting Type:Through Hole; LED Color:Clear; Leaded Process Compatible:Yes; Terminal Type:2 Pin Leaded; Color:Clear; Lens Style:(H x Dia) 8.7 x 5.8 mm; Voltage Rating:5V IR Emitting Diode; LED Color:Infrared; Mounting Type:Through Hole; Terminal Type:3 Pin Leaded; Color:Infrared; Lens Style:(H x Dia) 12.5 x 10.0 mm; Voltage Rating:5.5V Leaded Process Compatible: Yes IR Emitting Diode; Mounting Type:Through Hole; LED Color:Blue Gray; Leaded Process Compatible:Yes; Terminal Type:2 Pin Leaded; Color:Blue Gray; Lens Style:(H x W) 8.7 x 5.8 mm; Voltage Rating:5V MOSFET, P, SOT-23; Transistor type:MOSFET; Current, Id cont:0.185A; Resistance, Rds on:6R; Voltage, Vgs Rds on measurement:10V; Case style:SOT-23 (TO-236); Current, Id max:0.185A; Current, Idm pulse:.8A; Marking, SMD:6K; Pins, No. RoHS Compliant: Yes MOSFET, P SOT-23MOSFET, P SOT-23; Transistor type:MOSFET; Transistor polarity:P; Voltage, Vds max:20V; Case style:SOT-23; Current, Id cont:0.58A; Current, Idm pulse:2A; Power, Pd:0.35W; Resistance, Rds on:0.65R; SMD:1; Current, Id MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-30V; Continuous Drain Current, Id:-385mA; On-Resistance, Rds(on):1.4ohm; Rds(on) Test Voltage, Vgs:-10V; Package/Case:TO-236; Drain Source On Resistance @ 10V:1.4ohm IR Emitting Diode; Mounting Type:Through Hole; LED Color:Infrared; Leaded Process Compatible:Yes; Terminal Type:2 Pin Leaded; Color:Infrared; Lens Style:(H x W) 8.7 x 5.8 mm; Voltage Rating:5V TRANSISTOR,MOSFET,P-CHANNEL,60V V(BR)DSS,270MA I(D),TO-226AA RoHS Compliant: Yes IR EMITTER; Wavelength, typ:950nm; Current, forward If:5mA; Angle, viewing:90(degree); Temperature, operating range:-25(degree C) to (degree C) RoHS Compliant: Yes MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-20V; Continuous Drain Current, Id:-580mA; On-Resistance, Rds(on):650mohm; Rds(on) Test Voltage, Vgs:-4.5V; Package/Case:SOT-23
|
ANACHIP[Anachip Corp]
|
|