PART |
Description |
Maker |
BAL99LT1 ON0111 |
JT 22C 22#22D PIN WALL RECP SILICON, SIGNAL DIODE, TO-236AB CASE 318-08/ STYLE 18 SOT-23 (TO-236AB) CASE 318-08, STYLE 18 SOT-23 (TO-236AB) From old datasheet system
|
Motorola Mobility Holdings, Inc. Motorola Inc MOTOROLA[Motorola, Inc]
|
BAS21LT1 |
CASE 318 08, STYLE 8 SOT 23 (TO 236AB)
|
MOTOROLA[Motorola, Inc]
|
BSV52LT1_D ON0231 |
CASE 318?8, STYLE 6 SOT-3 (TO-36AB) From old datasheet system
|
ON Semi
|
BAV70LT1 ON0132 |
CASE 318-08, STYLE 9 SOT-23 (TO-236AB) From old datasheet system Monolithic Dual Switching Diode Common Cathode
|
MOTOROLA[Motorola, Inc] ON Semiconductor
|
2N7002LT1 ON0106 |
CASE 318-08, STYLE 21 SOT-23 (TO-236AB) 115 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236AB From old datasheet system
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc] http://
|
BCW68GLT1 BCW68OLT1 ON0179 |
General Purpose Transistor CASE 318-08,STYLE6 SOT-23(TO-236AB) From old datasheet system
|
Motorola Inc ON Semi MOTOROLA[Motorola, Inc]
|
BAS16WT1 ON0115 |
CASE 419-02, STYLE 2 SC-70/SOT-323 From old datasheet system
|
Motorola, Inc. MOTOROLA[Motorola, Inc]
|
BAT54WT1 ON0130 |
30 VOLTS SCHOTTKY BARRIER DETECTOR AND SWITCHING DIODE From old datasheet system CASE 419?2, STYLE 2 SOT-23 (SC-0)
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
2N5460 2N5462 ON0061 2N5461 2N5460THRU2N5462 MOTOR |
JFET Amplifier P-Channel From old datasheet system CASE 29-4, STYLE 7TO-2 (TO-26AA) CASE 2904, STYLE 7 TO92 (TO226AA) 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路
|
ON Semiconductor MOTOROLA INC MOTOROLA[Motorola, Inc] Motorola, Inc. Motorola Mobility Holdings, Inc.
|
2N7000 |
CASE 29-04, STYLE 22 TO-92 (TO-226AA) 200 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92 CASE 29-04/ STYLE 22 TO-92 (TO-226AA)
|
Motorola Mobility Holdings, Inc. Motorola, Inc. Motorola Inc MOTOROLA[Motorola, Inc]
|
PCK2001M_6 PCK2001M |
14.318-150 MHz IIC 1:10 clock buffer(14.318-150 MHz IIC 1:10时钟缓冲 14.318-150兆赫进口:10时钟缓冲器(14.318-150兆赫进口:10时钟缓冲器) From old datasheet system
|
NXP Semiconductors N.V.
|
SST89C54-33-AC-NJ SST89C58-33-AC-NJ SST89C54-33-AI |
Voltage Regulator IC; Output Current:150mA; Output Voltage:3.3V; Package/Case:5-SOT-23; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:3.3V Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:5V; Peak Reflow Compatible (260 C):No Replaced by PT78ST133 : 3.3Vout 1.5A Wide Input Positive Step-Down ISR 3-SIP MODULE -40 to 85 Voltage Regulator IC; Output Current:150mA; Output Voltage:2.6V; Package/Case:5-SOT-23; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:2.6V Linear Voltage Regulator IC; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:5V; Peak Reflow Compatible (260 C):No; Reel Quantity:3000; Voltage Regulator Type:Low Dropout (LDO) RoHS Compliant: No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:2.85V; Peak Reflow Compatible (260 C):No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:3V; Peak Reflow Compatible (260 C):No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:1.8V; Peak Reflow Compatible (260 C):No Voltage Regulator IC; Output Current:500mA; Output Voltage:1.215V; Package/Case:8-MLP33; Supply Voltage Max:6V; Current Rating:500mA; Leaded Process Compatible:No; Output Current Max:500mA; Output Voltage Max:1.215V FlashFlex51 MCU FlashFlex51单片
|
Silicon Storage Technology, Inc. SILICON STORAGE TECHNOLOGY INC
|