PART |
Description |
Maker |
MMBD717 MMBD717LT1 MMBD717LT1D ON2086 |
From old datasheet system Common Anode Schottky Barrier Diodes
|
MOTOROLA[Motorola, Inc] ON Semiconductor
|
MBR20150CA |
20.0 Ampere Dual Common Anode Schottky Barrier Rectifiers
|
Thinki Semiconductor Co...
|
SRF1020111111 SR1050 SR1060 SRF10A0 SRF1080 SR1020 |
Schottky barrier rectifier. Common anode. Max repetitive peak reverse voltage 30 V. Max average forward rectified current 10.0 A. Schottky barrier rectifier. Common anode. Max repetitive peak reverse voltage 20 V. Max average forward rectified current 10.0 A.
|
Shanghai Sunrise Electronics CHENYI[Shanghai Lunsure Electronic Tech] Chenyi Electronics
|
SB30-45-25 SB30-40-258RM SB30-40-258M SB30-40-258A |
Dual Schottky Barrier Diode In TO258 Metal Package For HI-REL Application(Common Anode)(双肖特基势垒二极HI-REL应用,TO258金属封装,共阳极连) 双肖特基二极管在TO258金属封装,高可靠性的应用(共阳极)(双肖特基势垒二极管(高可靠性应用,TO258金属封装,共阳极连接)) DUAL SCHOTTKY BARRIER DIODE IN TO258 METAL PACKAGE FOR HI-REL APPLICATIONS 30 A, 40 V, SILICON, RECTIFIER DIODE, TO-258AA Dual Schottky Barrier Diode In TO258 Metal Package For HI-REL Application(Series Connection)(双肖特基势垒二极HI-REL应用,TO258金属封装,串行连接)) Dual Schottky Barrier Diode In TO258 Metal Package For HI-REL Application(Common Cathode)(双肖特基势垒二极HI-REL应用,TO258金属封装,共阴极连)
|
SEMELAB LTD TT electronics Semelab, Ltd. TT electronics Semelab Limited Semelab(Magnatec) SEME-LAB[Seme LAB]
|
SB16-100A-SMD SB16-100R-SMD SB16-100SMD SB16-100M- |
DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HI-REL APPLICATIONS Dual Schottky Barrier Diode In a SMD1 Ceramic Surface Mount Package For HI-REL Application(Common Cathode)(双肖特基势垒二极HI-REL应用,SMD1陶瓷表贴封装,共阴极连) Dual Schottky Barrier Diode In a SMD1 Ceramic Surface Mount Package For HI-REL Application(Common Anode)(双肖特基势垒二极HI-REL应用,SMD1陶瓷表贴封装,共阳极连) Dual Schottky Barrier Diode In a SMD1 Ceramic Surface Mount Package For HI-REL Application(Series Connection)(双肖特基势垒二极HI-REL应用,SMD1陶瓷表贴封装,串行连接)) DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HIREL APPLICATIONS DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS 16 A, 100 V, SILICON, RECTIFIER DIODE
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited Semelab(Magnatec) TT electronics Semelab, Ltd.
|
U2JC44 U2BC44 U2GC44 |
SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE GENERAL PURPOSE RECTIFIER APPLICATIONS TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
|
TOSHIBA[Toshiba Semiconductor]
|
SR15100 SR15150 SR1560 |
SCHOTTKY BARRIER RECTIFLER SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
|
Gaomi Xinghe Electronics Co., Ltd. Chendahang Electronics Co., Ltd Gaomi Xinghe Electronic...
|
U5FWK2C42 |
SCHOTTKY BARRIER RECTIFIER TRENCH SCHOTTKY BARRIER TYPE SWITCHING MODE POWER SUPPLY APPLICATION
|
TOSHIBA
|
CDBD1545A CDBD1545C CDBD1540C CDBD1530C CDBD1530 |
SMD Schottky Barrier Rectifier 15.0 A SMD schottky barrier rectifier. Max repetitive peak reverse voltage 30 V. Common cathod. 15.0 A SMD schottky barrier rectifier. Max repetitive peak reverse voltage 40 V. Common cathod. 15.0 A SMD schottky barrier rectifier. Max repetitive peak reverse voltage 45 V. Common cathod. 15.0 A SMD schottky barrier rectifier. Max repetitive peak reverse voltage 45 V. Common anode.
|
Comchip Technology
|
USCD012 USCD014 |
(USCD012 / USCD014) Schottky Barrier Rectifiers SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
|
Zowie Technology Corporation
|