PART |
Description |
Maker |
CMSSH-3E CMSSH-3SE CMSSH-3AE CMSSH-3CE |
SMD Schottky Diode Dual: High Current: Common Anode SMD Schottky Diode Dual: High Current: Common Cathode SMD Schottky Diode Dual: High Current: In Series SMD Schottky Diode Single: High Current ENHANCED SPECIFICATION SURFACE MOUNT, SUPERmini SILICON SCHOTTKY DIODES
|
CENTRAL[Central Semiconductor Corp]
|
376 |
DIODE SCHOTTKY DUAL-DUAL SERIES 30V 200mW 0.38V-vf 200mA-IFM 1mA-IF 0.2uA-IR SOT-363 3K/REEL
|
Intel Corp.
|
20CLQ045 20CLQ045PBF |
20 A, 45 V, SILICON, RECTIFIER DIODE SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES 20A 45V Hi-Rel Schottky Common Cathode Diode in a SMD-1 package
|
IRF[International Rectifier]
|
120LQ045 120LQ045-15 |
120A 45V Hi-Rel Schottky Discrete Diode in a SMD-1 package SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
|
International Rectifier
|
16SYQ060C |
16A 60V Hi-Rel Schottky Discrete Diode in a TO-257AA package SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
|
IRF[International Rectifier]
|
CMLSH-4DO |
SMD Schottky Diode Dual: High Current: Opposing Polarity SURFACE MOUNT PICOmini DUAL ISOLATED OPPOSING SILICON SCHOTTKY DIODES
|
CENTRAL[Central Semiconductor Corp]
|
CMPD2005S |
SURFACE MOUNT DUAL, IN SERIES HIGH VOLTAGE SILICON SWITCHING DIODES 0.225 A, 350 V, 2 ELEMENT, SILICON, SIGNAL DIODE SMD Switching Diode Dual: High Voltage: In Series
|
Central Semiconductor, Corp. Central Semiconductor Corp
|
16SCYQ045C 16SCYQ045CSCS 16SCYQ045C-15 |
16A 45V Hi-Rel Schottky Common Cathode Diode in a TO-257AA package SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
|
IRF[International Rectifier]
|
5082-2279 50822279 |
SCHOTTKY BARRIER DUAL DIODE SILICON, LOW BARRIER SCHOTTKY, X BAND, MIXER DIODE From old datasheet system
|
Advanced Semiconductor, Inc. ASI[Advanced Semiconductor]
|
35CGQ150 |
35V 150A Hi-Rel Schottky Common Cathode Diode in a TO-254AA package SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES 35 Amp,150V
|
IRF[International Rectifier]
|
CMKD7000 |
SMD Switching Diode Dual Pair: In Series SURFACE MOUNT ULTRAmini DUAL PAIR OF SERIES CONFIGURED ULTRA-HIGH SPEED SILICON SWITCHING DIODES
|
Central Semiconductor C...
|