PART |
Description |
Maker |
S29GL016A S29GL016A100BAI010 S29GL016A100BAI012 S2 |
64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
|
SPANSION
|
S29GL016A10FAIR10 S29GL016A30FAIR10 S29GL032A10FAI |
64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
|
SPANSION http://
|
S29CD016G0JFAA002 S29CD016G0JFAA012 S29CD016G0JFAA |
32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
|
SPANSION[SPANSION]
|
S29CD016G0JQFA212 S29CD032G0MFAA102 S29CD016G0MQAI |
32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
|
SPANSION
|
AT45DB642D06 AT45DB642D-CNU AT45DB642D_06 AT45DB64 |
64-megabit 2.7-volt Dual-interface DataFlash
|
ATMEL[ATMEL Corporation]
|
HY29F080 HY29F080G12 HY29F080G70 HY29F080G90 HY29F |
8 Megabit (1M x 8)/ 5 Volt-only/ Flash Memory 8 Megabit (1M x 8), 5 Volt-only, Flash Memory IC,EEPROM,NOR FLASH,1MX8,CMOS,TSOP,40PIN,PLASTIC From old datasheet system
|
HYNIX[Hynix Semiconductor]
|
S25FL001D0FNAI013 S25FL001D0FNFI001 S25FL001D0FNFI |
2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
|
SPANSION[SPANSION]
|
AT49HF010 AT49HF010-45JC AT49HF010-45JI AT49HF010- |
1-Megabit (128K x 8) 5-volt only CMOS flash memory, 40mA active, 0.3mA standby THERMISTOR, NTC; Series:B578; Thermistor type:NTC; Resistance:3kR; Tolerance, resistance: /-1%; Beta value:3988; Temperature, lower limit, beta DB25SC37 DSUB 1-Megabit 128K x 8 5-volt Only CMOS Flash Memory 128K X 8 FLASH 5V PROM, 55 ns, PDIP32 1-Megabit 128K x 8 5-volt Only CMOS Flash Memory 128K X 8 FLASH 5V PROM, 55 ns, PQCC32
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
AM29LV002 AM29LV002B-90RECB AM29LV002B-120FCB AM29 |
2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only/ Boot Sector Flash Memory Half Bridge Driver, LO Out of Phase with RT, Programmable Oscillating Frequency, 1.2us Deadtime in a 8-pin DIP package 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 2兆位56亩8位).0伏的CMOS只,引导扇区闪存 Connector 连接 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 3V PROM, 100 ns, PDSO40 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 3V PROM, 120 ns, PDSO40 MB 18C 18#20 PIN RECP 256K X 8 FLASH 3V PROM, 120 ns, PDSO40 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 2兆位256亩8位).0伏的CMOS只,引导扇区闪存 256K X 8 FLASH 3V PROM, 90 ns, PDSO40
|
AMD Advanced Micro Devices, Inc. SPANSION LLC ADVANCED MICRO DEVICES INC
|
AT45DB081D AT45DB081D-SU-2.5 AT45DB081D-SSU-2.5 AT |
8-megabit 2.5-volt or 2.7-volt DataFlash 8M X 1 FLASH 2.7V PROM, PDSO8
|
Atmel Corp. Atmel, Corp.
|
AM29DL800BB120FI AM29DL800BB90SEB AM29DL800BT90SEB |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 512K X 16 FLASH 3V PROM, 70 ns, PDSO44 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 1M X 8 FLASH 3V PROM, 120 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 512K X 16 FLASH 3V PROM, 90 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 512K X 16 FLASH 3V PROM, 90 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).0伏的CMOS只,同时作业快闪记忆
|
Advanced Micro Devices, Inc. http://
|