PART |
Description |
Maker |
AM27C512-120DC |
512 Kilobit (64 K x 8-Bit) CMOS EPROM
|
AMD
|
AM27C512-200DC AM27C512-200DCB AM27C512-200DE AM27 |
512 Kilobit (64 K x 8-Bit) CMOS EPROM
|
Advanced Micro Devices
|
V29LC51000 |
512 KILOBIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY 512 KILOBIT 65/536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
|
Mosel Vitelic Corp MOSEL[Mosel Vitelic, Corp] Mosel Vitelic, Corp. Mosel Vitelic Corp
|
SST27SF512 SST27VF512 27XF512 |
512 Kilobit (64K x 8) SuperFlash MTP From old datasheet system
|
SST
|
AMD27C64 |
64 Kilobit (8192 x 8-Bit) CMOS EPROM
|
Advanced Micro Devices
|
LH28F800BGH-L LH28F800BGR-TL85 LH28F800BGR-TL12 LH |
Aluminum Polymer Radial Lead Capacitor; Capacitance: 1800uF; Voltage: 4V; Case Size: 8x12 mm; Packaging: Bulk 8 M位(512 KB的16)SmartVoltage闪存 RES CURRENT SENSE .025 OHM 1W 1% 8 M位(512 KB的16)SmartVoltage闪存 8 M-bit (512 kB x 16) SmartVoltage Flash Memories 8 M位(512 KB的16)SmartVoltage闪存
|
http:// Sharp, Corp. Sharp Corporation Sharp Electrionic Compo...
|
AM29F040B-1 AM29F040B-120EC AM29F040B-120EE AM29F0 |
From old datasheet system EEPROM,FLASH,512KX8,CMOS,DIP,32PIN,PLASTIC 4 Mbit (512 K x 8-Bit) 4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
|
AMD[Advanced Micro Devices] AMD Inc
|
SRI51211 SRI512 SRI512-SBN18/1GE |
512-bit ISO14443-B contactless memory with 2 binary counters, 5 OTP blocks and anti-collision 13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
|
ST Microelectronics STMicroelectronics
|
M41000002M M41000002R M41000002W AM41DL3228GB30IS |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices]
|
AM45DL3208GNBSP AM45DL3208G |
32 Mbit (4 M x 8-Bit/2 M x 16-Bit) CMOS and 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) (Preliminary) From old datasheet system
|
AMD Inc
|