PART |
Description |
Maker |
ISL83485 ISL83485IB ISL83485IP ISL83483 ISL83488 I |
N-CHANNEL SILICON JUNCTION FET SOT23 Quadruple 2-Input Positive-OR Gates 14-SOIC -40 to 85 3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8 3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDIP8 3.3V/ Low Power/ High Speed or Slew Rate Limited/ RS-485/RS-422 Transceivers 3.3V Low Power High Speed or Slew Rate Limited RS-485/RS-422 Transceivers There is no valid match for the device number entered.
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
HS-2520RH01 HS-2520RH |
Op Amp, Single, 20MHz, High Slew Rate 120V/s (Typ), Rad-Hard Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
|
Intersil Corporation
|
HA3-2839-5 HA3-2839-9 HA-2839_883 FN3593 HA1-2839- |
From old datasheet system Very High Slew Rate, Wideband Operational Amplifier 600MHz, Very High Slew Rate Operational Amplifier Very High Slew Rate,
Wideband Operational Amplifier(高转换率、宽带运算放大器) Very High Slew Rate/ Wideband Operational Amplifier 600MHz/ Very High Slew Rate Operational Amplifier
|
INTERSIL[Intersil Corporation]
|
IDT723631 IDT723651 IDT723641 IDT723631L15PQF IDT7 |
Quad, High Slew Rate, Single-Supply, Op Amp 14-SOIC 0 to 70 HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS 14-TSSOP 0 to 70 Quad, High Slew Rate, Single-Supply, Op Amp 14-SOIC -40 to 105 CMOS SyncFIFOO 512 x 36, 1024 x 36, 2048 x 36
|
Integrated Device Technology, Inc.
|
ISL81487L ISL81487LIB-T ISL81487LIBZ-T ISL81487LIB |
5kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDIP8 5kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8 5kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers 5kV的ESD保护 / 8单位负载V,低功耗,高速或摆率限制,RS-485/RS-422收发 【15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers ±15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
HA-2520 HA-2522 HA-2525 |
Op Amp, 20MHz, High Slew Rate, Uncompensated, High Input Impedance, 8mV Max Offset Voltage Op Amp, 20MHz, High Slew Rate, Uncompensated, High Input Impedance, 10mV Max Offset Voltage Op Amp, 20MHz, High Slew Rate, Uncompensated, High Input Impedance, 10mV Offset Voltage Drift
|
Intersil
|
DS4812 |
Low Voltage, High Slew Rate, Rail-to-Rail Dual Op-Amp
|
MAXIM - Dallas Semiconductor
|
ISL83070E07 ISL83076E ISL83076EIBZA ISL83070EIBZA |
卤15kV ESD Protected, 3.3V, Full Fail-safe,Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers(卤15kV ESD 淇??, 3.3V宸ヤ?,RS-485/RS-422?跺??? ±15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers 隆戮15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers 【15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers ±15kV ESD Protected, 3.3V, Full Fail-safe,Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers(±15kV ESD 保护, 3.3V工作,RS-485/RS-422收发 ± 15kV的ESD保护.3伏,全面故障保护,低功耗,高速或摆率限制,RS-485/RS-422收发器(± 15kV的ESD保护.3V的工作的RS-485/RS-422收发器)
|
Intersil Corporation Intersil, Corp.
|
MS2100 MS2100GTR MS2100U MS2100GU MS2100TR |
RAIL-TO-RAIL OUTPUT LOW VOLTAGE, HIGH SLEW RATE, WIDE BANDWIDTH DUAL OPERATIONAL AMPLIFIERS
|
MOSA[MOSA ELECTRONICS]
|
HA9P2850-5 HA-2850 HA-2850_03 HA-285003 |
470MHz, Low Power, High Slew Rate Operational Amplifier
|
INTERSIL[Intersil Corporation]
|
MAX3483 MAX3483CPA MAX3483CSA MAX3483EPA MAX3483ES |
3.3V Powered, 10Mbps and Slew-Rate Limited, True RS-485/RS-422 Transceivers 3.3V-Powered 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered / 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-HVGA 27-Bit Display Serial Interface Receiver 48-BGA MICROSTAR JUNIOR -40 to 85 SWITCH, 6MM S0/8.5MM HT TACT 3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDIP14
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
|