PART |
Description |
Maker |
24LC16B-/ST 24LC16BT-/ST 24LC16BT-/SN 24LC16B-/SN |
Dual 64-Position Nonvolatile Digital Potentiometer with Buffered Output Digitally Controlled TCXO (DC-TCXO) Triple, 128-Position, Nonvolatile, Variable, Digital Resistor/Switch I2C Serial EEPROM I2C串行EEPROM
|
PLX Technology, Inc. Microchip Technology, Inc.
|
DS3903E-020/T DS3903E-020/R DS3903E-020TR DS3903 |
Triple 128-Position Nonvolatile Digital Potentiometer
|
MAXIM - Dallas Semiconductor Maxim Integrated Products Maxim Integrated Produc...
|
EVAL-AD5246DBZ AD5246BKSZ100-R2 AD5246BKSZ100-RL7 |
128-Position I2C-Compatible Digital Resistor
|
Analog Devices
|
DS3905 DS3905U-020 DS3904U-020 DS3904 |
Triple, 128-Position, Nonvolatile, Variable, Digital Resistor/Switch Triple 128-Position Nonvolatile Digital Variable Resistor/Switch
|
MAXIM - Dallas Semiconductor DALLAS[Dallas Semiconductor] Dallas Semiconducotr
|
EVAL-AD5247DBZ AD5247BKSZ100-1RL7 AD5247BKSZ100-2R |
128-Position I2C-Compatible Digital Potentiometer 128-Position I2C-Compatible Digital Potentiometer
|
Analog Devices
|
IS62LV1216BLL |
128 K x 16 Low Voltage, Ultra Low Power CMOS SRAM(128 K x 16 低压,极低功耗CMOS静态RAM)
|
Integrated Silicon Solution, Inc.
|
ISL95310 ISL95310UIU10Z ISL95310WIU10Z ISL95310UIU |
Terminal Voltage 0V to 13.2V, 128 Taps Up/Down Interface 终端电压0V13.2V28丝锥向上/向下接口 Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R 50K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 128 POSITIONS, PDSO10 Terminal Voltage 0V to 13.2V, 128 Taps Up/Down Interface 10K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 128 POSITIONS, PDSO10
|
Intersil, Corp. Intersil Corporation
|
SPX29150 SPX29150T SPX29150T-1.8 SPX29150T-2.5 SPX |
1.5A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 1.5A的高电流低压差稳压器可调 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time 1.5A的低压差线性稳压器可调 128 x 128 pixel format, LED or EL Backlight available 1.5A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time 1.5A Low Dropout Voltage Regulator, 1%
|
Electronic Theatre Controls, Inc. SIPEX[Sipex Corporation]
|
P87C51UFPN |
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V, low power, high speed 33 MHz
|
Philips
|
2SC4570 2SC4570-T1 2SC4570-T2 2SC4570T74-T2 2SC457 |
NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD NPN硅外延晶体管超小型模 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 128 x 128 pixel format, LED or EL Backlight available
|
NEC, Corp. NEC Corp. NEC[NEC]
|
ZL50075 ZL50074GAG2 ZL50074GAC ZL50075GAC ZL50075G |
32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 2 Streams (8, 16, 32 or 64 Mbps), and 64 Inputs and 64 Outputs 32 K x 32 K Channel TDM Switch with 128 Input and 128 Output Streams
|
Zarlink Semiconductor Inc
|