PART |
Description |
Maker |
AD7112 AD7112BN AD7112BR AD7112CN AD7112CR |
LC2MOS LOGDAC Dual Logarithmic D/A Converter
|
AD[Analog Devices]
|
AD7244AQ AD7244JN AD7244JR AD7244SQ3 AD7242BQ AD72 |
CMOS, Dual, Complete 12-Bit Serial DACPORT TM LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs DUAL, SERIAL INPUT LOADING, 2 us SETTLING TIME, 12-BIT DAC, CDIP24 LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs LC2MOS双,完整2-Bit/14-Bit串行数模转换 LC2MOS Dual/ Complete/ 12-Bit/14-Bit Serial DACs XTAL PLAS SMT 13X5 4PAD
|
Analog Devices, Inc. ANALOG DEVICES INC http://
|
AD7847 AD7847AN AD7847AQ AD7847AR AD7847BN AD7847B |
LC2MOS Complete, Dual 12-Bit MDACs DUAL, PARALLEL, WORD INPUT LOADING, 3 us SETTLING TIME, 12-BIT DAC, CDIP24 LC2MOS Complete/ Dual 12-Bit MDACs LC2MOS Complete, Dual 12-Bit MDAC, Parallel Loading Structure LC2MOS Complete, Dual 12-Bit MDAC, (8 4) Loading Structure LC2MOS Complete, Dual 12-Bit MDAC, (8 4) Loading Structure
|
Analog Devices, Inc.
|
ADG221 ADG222 ADG222BQ ADG222KN ADG222KP ADG222KR |
44V; 30mA; 470mW; LC2MOS quad SPST switch LC MOS QUAD SPST SWITCHES LCMOS Quad SPST Switches LC2MOS ±15 V Quad SPST Switch LC2MOS Quad SPST Switches SUR ABSORBER 7MM 56V 250A ZNR LC2MOS ±15 V Quad SPST Switch; Package: PDIP; No of Pins: 16; Temperature Range: Commercial LC MOS QUAD SPST SWITHCHES LC-2MOS ±15 V Quad SPST Switch LC2MOS 5 V Quad SPST Switch
|
AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
ADL5310ACPZ-REEL7 |
120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
|
Analog Devices
|
TA7666P TA7667P |
(TA7666P / TA7667P) 5 Step Logarithmic Dual LED Driver
|
Toshiba
|
MAX2016_06 MAX2016 MAX2016ETI MAX2016ETI_D MAX2016 |
LF-to-2.5GHz Dual Logarithmic Detector/ Controller for Power, Gain, and VSWR Measurements
|
MAXIM[Maxim Integrated Products]
|
AD7547 |
LC2MOS Parallel Load Dual 12-Bit DAC(LC2MOS并行载入2位D/A转换 LC2MOS并联负载2位DACLC2MOS并行载入2位的D / A转换器)
|
Analog Devices, Inc.
|
ADG453BRZ-REEL7 ADG453BR-REEL7 ADG453BRZ1 ADG453BR |
LC2MOS 5O RON SPST Switches; Package: SOIC; No of Pins: 16; Temperature Range: Industrial QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO16 LC2MOS 5 Ω RON SPST Switches LC2MOS 5O RON SPST Switches; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial LC MOS 5RON SPST Switches
|
Analog Devices, Inc. ANALOG DEVICES INC
|
5962-89629013X 5962-8962902LX AD7569ACHIPS AD7569T |
LC2MOS Complete, 8-Bit Analog I/0 Systems LC2MOS Complete, 8-Bit Analog I/0 Systems SPECIALTY ANALOG CIRCUIT, PQCC28 LC2MOS Complete/ 8-Bit Analog I/0 Systems CMOS, Complete 8-Bit Analog I/0 Port with Single DAC Output
|
Analog Devices, Inc.
|
ADG407BNZ ADG407BPZ ADG406BNZ ADG407BPZ-RL ADG407B |
LC2MOS ± 15 V, 8 Channel, High Performance Analog Multiplexer 8-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDIP28 LC2MOS 8-/16-Channel High Performance Analog Multiplexers LC2MOS ± 15V 16 Channel High Performance Analog Multiplexer 16-CHANNEL, SGL ENDED MULTIPLEXER, PDIP28 LC MOS 8-/16-Channel High Performance Analog Multiplexers LC2MOS 8-/16-Channel High Performance Analog Multiplexers
|
Analog Devices, Inc.
|