PART |
Description |
Maker |
74LVT162240 74LVT162240MEA 74LVT162240MTD 74LVTH16 |
Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs 12-Bit Asynchronous Binary Counters 16-TSSOP -40 to 85 Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25Series Resistors in the Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25 Series Resistors in the Outputs
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
AMS2954 AMS2954CT-X AMS2954AC-25 AMS2954AC-30 AMS2 |
5.0V 250mA low dropout voltage regulator 2.5V 250mA low dropout voltage regulator ; Resistance Min:1000ohm; Resistance Tolerance: /- 2 %; Series:JHE; Adjustment Type:Knob; Axis Configuration:Three; Body Height:4.97cm; Body Length:16.9cm; Body Width:15.6cm; Mechanical Angle/Rotation:18 Octal Non-Inverting Bus Transceivers with 3-State Outputs 20-SOIC -55 to 125 24-Bit ADC, 4 Ch, PGA 1:128, 50/60 Hz Notch, 0.6 mW Power Consumption 16-TSSOP -40 to 85 Octal Non-Inverting Bus Transceivers with 3-State Outputs 20-PDIP -55 to 125 Octal Non-Inverting Buffers/Line Drivers with 3-State Outputs 20-SSOP -55 to 125 250mA LOW DROPOUT VOLTAGE REGULATOR 250mA的低压差稳压 3.5V 250mA low dropout voltage regulator
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc. Advanced Monolithic Sys...
|
74ALVCH16245-D |
Low-Voltage 16-Bit Transceiver with Bus Hold 1.8/2.5/3.3 V (3-State, Non-Inverting)
|
ON Semiconductor
|
74ALVC16240-D 74ALVC16240/D |
Low-Voltage 1.8/2.5/3.3 V 16-Bit Buffer With 3.6 V-Tolerant Inputs and Outputs (3-State, Inverting)
|
ON Semiconductor
|
74VCX16240-D |
Low-Voltage 1.8/2.5/3.3V 16-Bit Buffer With 3.6 V-Tolerant Inputs and Outputs (3-State, Inverting)
|
ON Semiconductor
|
74ALVC16374/D 74ALVC16374-D |
Low-Voltage 1.8/2.5/3.3 V
16-Bit D-Type Flip-Flop With 3.6 V-Tolerant Inputs and Outputs (3-State, Non-Inverting) Low-Voltage 1.8/2.5/3.3 V 16 Bit D-Type Flip-Flop
|
ON Semiconductor
|
MTD48 74LCX16240 74LCX16240MEA 74LCX16240MTD |
Low Voltage 16-Bit Inverting Buffer/Line Driver with 5V Tolerant Inputs/Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
MC74LCX16373-D |
Low-Voltage CMOS 16-Bit Transparent Latch With 5 V-Tolerant Inputs and Outputs (3-State, Non-Inverting)
|
ON Semiconductor
|
MC74LCX16374-D |
Low-Voltage CMOS 16-Bit D-Type Flip-Flop With 5 V-Tolerant Inputs and Outputs (3-State, Non-Inverting)
|
ON Semiconductor
|
74LVTH162240 74LVT162240 74LVT162240MEAX 74LVT1622 |
Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25 Ohm Series Resistors in the Outputs Quad 4-Bit Buffer/Driver 1K, 128 x 8, 2.5V SER EE, -40C to 85C, 8-MSOP, T/R 位缓冲器/驱动 1K, 128 X 8, 2.5V SER EE, -40C to 125C, 8-MSOP, T/R
|
Fairchild Semiconductor Ohmite Mfg. Co.
|