PART |
Description |
Maker |
NPC50-100G-50R0G NPC50-50G-50R0F NPC50-50G-50R0J N |
0 MHz - 4000 MHz 50 ohm RF/MICROWAVE TERMINATION 0 MHz - 10000 MHz 50 ohm RF/MICROWAVE TERMINATION 0 MHz - 12400 MHz 50 ohm RF/MICROWAVE TERMINATION 0 MHz - 12400 MHz 100 ohm RF/MICROWAVE TERMINATION 0 MHz - 400 MHz 50 ohm RF/MICROWAVE TERMINATION 0 MHz - 400 MHz 100 ohm RF/MICROWAVE TERMINATION 0 MHz - 2500 MHz 50 ohm RF/MICROWAVE TERMINATION
|
Marktech Optoelectronics Ecliptek, Corp. Daishinku, Corp. Electronic Theatre Controls, Inc. 飞思卡尔半导体(中国)有限公司 Pulse Engineering, Inc. HIROSE ELECTRIC Co., Ltd.
|
2001-6101-00 2001-6110-00 2001-6112-00 2001-6113-0 |
SMA Terminations DC-4 GHz, SMA termination DC-18 GHz, SMA termination SMATerminations Circular Connector; Body Material:Aluminum Alloy; Series:MS3110; No. of Contacts:61; Connector Shell Size:24; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle; Circular Contact Gender:Pin RoHS Compliant: No 0 MHz - 26500 MHz 50 ohm RF/MICROWAVE TERMINATION
|
MA-Com Tyco Electronics TycoElectronics
|
74LVC322244A 74LVC322244AEC 74LVCH322244AEC 74LVCH |
32-bit buffer/line driver; with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
74LVC2245A 74LVC2245AD 74LVC2245ADB 74LVC2245APW 7 |
Octal transceiver with direction pin; 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
|
Philips Semiconductors
|
STB80NF03L-04 |
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Metal; Series:PC C-26482 Series I; No. of Contacts:2; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle N-CHANNEL 30V - 0.0035 ohm - 80A TO-262/TO-263 STripFET POWER MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
SA15A SA14A SA160 SA8.5A SA8.0A SA9.0A SA6.5A SA50 |
/Case:1206; Series:VJ; Leaded Process Compatible:Yes; Mounting Type:Surface Mount TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR HS Series Hermetically Sealed Basic Switch, Single Pole Double Throw Circuitry, 0.5 A at 125 Vac, Integral Lever Actuator, Leadwire Termination RES 24.9 OHM 1/16W .5% 0603 SMD
|
DC Components Co., Ltd.
|
VCH162373ADL 74LVC162373A 74LVC162373ADGG 74LVC162 |
Dual 4-Bit Binary Counters 14-SO -40 to 85 16-bit D-type transparent latch with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
NPCT25-50G1000G NPCH50-100G1000F NPCH50-100G1000J |
0 MHz - 12400 MHz 100 ohm RF/MICROWAVE TERMINATION ROHS COMPLIANT PACKAGE-2 0 MHz - 4000 MHz 100 ohm RF/MICROWAVE TERMINATION ROHS COMPLIANT PACKAGE-2 0 MHz - 12400 MHz 50 ohm RF/MICROWAVE TERMINATION ROHS COMPLIANT PACKAGE-2 0 MHz - 10000 MHz 100 ohm RF/MICROWAVE TERMINATION ROHS COMPLIANT PACKAGE-2 0 MHz - 4000 MHz 50 ohm RF/MICROWAVE TERMINATION ROHS COMPLIANT PACKAGE-2 0 MHz - 1000 MHz 100 ohm RF/MICROWAVE TERMINATION ROHS COMPLIANT PACKAGE-2 0 MHz - 2500 MHz 100 ohm RF/MICROWAVE TERMINATION ROHS COMPLIANT PACKAGE-2 0 MHz - 10000 MHz 50 ohm RF/MICROWAVE TERMINATION
|
NIC Components, Corp. Advanced Analogic Technologies, Inc. KODENSHI, CORP.
|
NPCT50-50W-50R0F NPC50-100G-50R0F NPC50-100X-50R0G |
50 ohm RF/MICROWAVE TERMINATION 100 ohm RF/MICROWAVE TERMINATION
|
Daishinku, Corp. DAISHINKU CORP
|
HFR-RFTL30AC50OHMF HFR-RFTL05AC50OHMF HFR-RFTL20AC |
0 MHz - 3000 MHz 50 ohm RF/MICROWAVE TERMINATION 0 MHz - 3000 MHz 200 ohm RF/MICROWAVE TERMINATION 0 MHz - 3000 MHz 100 ohm RF/MICROWAVE TERMINATION
|
IRC Advanced Film INTERNATIONAL RESISTIVE CO INC
|
74ALVT162244 AV162244DL 74ALVT162244DGG 74ALVT1622 |
2.5 V / 3.3 V 16-bit buffer/driver with 30 Ohm termination resistors (3-State) 2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State ALVT SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48 2.5V/3.3V 16-bit buffer/driver with 30 Ωtermination resistors (3-State)(0 Ω终端电阻器的2.5V/3.3V 16位缓冲器/驱动三态)) 2.5V/3.3V 16-bit buffer/driver with 30
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
POB-TMP-025 PO6-TMLP-025 PO6-TMP-025-1 |
0 MHz - 18000 MHz 50 ohm RF/MICROWAVE TERMINATION 0 MHz - 2000 MHz 50 ohm RF/MICROWAVE TERMINATION
|
HIROSE ELECTRIC Co., Ltd.
|