PART |
Description |
Maker |
74ALVC16839 74ALVC16839MTD |
Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs ALVC/VCX/A SERIES, 20-BIT DRIVER, TRUE OUTPUT, PDSO56 From old datasheet system
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74VCX162838 74VCX162838MTD |
Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs and 26з Series Resistors in the Outputs Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in the Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74VCX162839MTD 74VCX162839-00 |
Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs/Outputs and 26ohm Series Resistors in the Outputs
|
Fairchild Semiconductor
|
74VCX16838MTD 74VCX16838 74VCX16838MTDX |
Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
BS616LV4010DC BS616LV4010 BS616LV4010AC BS616LV401 |
Very Low Power/Voltage CMOS SRAM 256K X 16 bit 非常低功电压CMOS SRAM56 × 16 LM4985 Boomer ® Audio Power Amplifier Series Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled or Output Capacitor-less (OCL) Output and Digitally Controlled (I2C) V; Package: MICRO SMD; No of Pins: 12
|
BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor]
|
LTC2910 LTC2912 LTC2913 LTC2914 LTC2915 LTC2916 LT |
Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
|
Linear Technology http://
|
74LVTH322373G 74LVT322373 74LVT322373G 74LVTH32237 |
Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25蟹 Series Resistors in the Outputs 16K SPI 2K X 8, 32B PAGE, 2.5V SER EE, -40C to 125C, 8-MSOP, T/R LVT SERIES, QUAD 8-BIT DRIVER, TRUE OUTPUT, PBGA96 Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25?/a> Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25з Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Ohm Series Resistors in the Outputs
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MS68941 |
Mono 1.1W, Fully Differential Input Excellent PSRR, Low Voltage Operation Selectable Shutdown Logic Level
|
MOSA ELECTRONICS
|
MS6894MGTR MS6894MGU MS6894 |
Mono 1.1W, Fully Differential Input Excellent PSRR, Low Voltage Operation Selectable Shutdown Logic Level
|
MOSA ELECTRONICS
|
MAX5302EUA MAX5302CUA MAX5302 MAX5302EUA-T MAX5302 |
Low-Power, 12-Bit Voltage-Output DAC with Serial Interface 低功耗2位、电压输出DAC,串行接 Low-Power, 12-Bit Voltage-Output DAC with Serial Interface SERIAL INPUT LOADING, 14 us SETTLING TIME, 12-BIT DAC, PDSO8 Low-Power / 12-Bit Voltage-Output DAC with Serial Interface Low-Power 12-Bit Voltage-Output DAC with Serial Interface From old datasheet system Digital to Analog Converter - Datasheet Reference
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products Inc MAXIM - Dallas Semiconductor
|
74LCX162373 74LCX162373GX 74LCX162373MEA 74LCX1623 |
8-Bit D-Type Latch LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26з Series Resistor Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26 Series Resistor From old datasheet system Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26-Ohm Series Resistor Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26 Ohm Series Resistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|