PART |
Description |
Maker |
MM74HCT541 MM74HCT540 MM74HCT541MTC MM74HCT541N MM |
Bipolar Power T0220 PNP 10A 80V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer From old datasheet system Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
MM74HCT240 MM74HCT240MTC MM74HCT240N MM74HCT240SJ |
Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer From old datasheet system Precision Air-Core Tach/Speedo Driver with Return to Zero; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
TC7MET540AFK TC7MET541AFK |
Octal Bus Buffer Non-Inverted, 3-State Outputs Octal Bus Buffer Inverted, 3-State Outputs TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
|
Toshiba Semiconductor
|
74VHC541 74VHC541M 74VHC541T 6534 |
From old datasheet system OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED) OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED Dual 2-Line To 4-Line Decoders/Demultiplexers 16-TSSOP -40 to 85
|
ST Microelectronics SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
74VHCT244A 74VHCT244AM 74VHCT244AT 6528 |
From old datasheet system OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED) OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
|
STMICROELECTRONICS[STMicroelectronics]
|
M74HCT126M1R M74HCT126B1R M74HCT126 M74HCT126RM13T |
OCTAL BUS BUFFER (3-STATE) QUAD BUS BUFFER (3-STATE)
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
MC74VHC541-D MC74VHC541DT MC74VHC541MEL MC74VHC541 |
Octal Bus Buffer Octal 3-State Noninverting/BF L/DR/L/R
|
ON Semiconductor
|
MC74VHC244-D MC74VHC244DT MC74VHC244DTR2 MC74VHC24 |
Octal Bus Buffer Octal 3-State Driver
|
ON Semiconductor
|
IDT74LVCH2244A IDT74LVCH2244APG IDT74LVCH2244AQ ID |
3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS, 5V TOLERANT I/O, AND BUS-HOLD 3.3V CMOS Octal Buffer/Driver with 3-State Outputs, 5.0V Tolerant I/O, and Bus-Hold 3.3V CMOS OCTAL BUFFER/DRIVER WITH 3- STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
|
IDT[Integrated Device Technology]
|
74LVQ541TTR 74LVQ541MTR |
OCTAL BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
|
ST Microelectronics
|
TC74VHC540F TC74VHC540FT TC74VHC540FW TC74VHC541F |
OCTAL BUS BUFFER INVERTED, 3-STATE OUTPUTS OCTAL BUS BUFFER NON-INVERTED, 3-STATE OUTPUTS
|
TOSHIBA
|