PART |
Description |
Maker |
LMV321 |
General Purpose, Rail-to-Rail Output Amplifier Rail-to-Rail Amplifiers
|
Exar Corporation
|
AD5624 AD5624BRMZ-REEL7 AD5664BRMZ-REEL7 AD5624BCP |
2.7 V to 5.5 V, 450 μA, Rail-to-Rail Output, Quad, 12-Bit <span style="text-transform: lowercase"> <em>nano</span></em>DAC<sup>?</sup> 2.7 V to 5.5 V, 450 µA, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs® 2.7 V to 5.5 V, 450 レA, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs 2.7 V to 5.5 V, 450 μA, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
|
AD[Analog Devices]
|
BUS-65163-B BUS-65153-883B |
Rail-to-rail high output current quad operational amplifier Output rail-to-rail operational amplifiers MIL-STD-1553/ARINC总线控制 RTU通讯
|
Coilcraft, Inc.
|
TS7221 9412 TS7221BILT TS7221AI TS7221AILT TS7221B |
SINGLE BICMOS RAIL TO RAIL MICROPOWER COMPARATOR From old datasheet system SINGLE BICMOS RAIL TO RAIL 敌OWER COMPARATOR SINGLE BiCMOS RAIL TO RAIL uPOWER COMPARATOR 单BiCMOS工艺轨至轨uPOWER比较
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
OP162DRU OP262 OP262DRU OP462 OP462DRU OP462HRU OP |
15 MHz Rail-to-Rail Operational Amplifier, Quad 15 MHz Rail-to-Rail Operational Amplifier, Dual 15 MHz Rail-to-Rail Operational Amplifier, Single 15 MHZ RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
|
AD[Analog Devices]
|
ADM6315 ADM6315-25D2ART-RL ADM6315-25D2ART-RL7 ADM |
Voltage Detector 电压检测器 Single/Dual, 7ns, Low Power, 3V/5V/±5V Rail-to-Rail Comparators; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C Rail-to-Rail Current Sense Amplifier Micropower Ring Tone Generator Synchronous, Step-Down 800kHz PWM DC/DC Converter 2.5 V to 5 V at 100 mV Increments Supervisory Circuit in 4-Lead SOT-143
|
ON Semiconductor Electronic Theatre Controls, Inc. Analog Devices, Inc. Xicon Passive Components
|
KBPC1005 KBPC110 KBPC108 KBPC102 KBPC103 KBPC101 |
3.0 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER 3.0安培单相硅桥式整流器 Quad Rail-To-Rail uPower Operational Amplifier 14-PDIP Quad Rail-To-Rail uPower Operational Amplifier 14-SOIC
|
Electronic Theatre Controls, Inc. http:// List of Unclassifed Manufacturers List of Unclassifed Man...
|
APX321SEG-7 APX358SG-13 APX358M8G-13 APX324TSG-13 |
Low Voltage, Rail-to-Rail Input and Output Dual Operational Amplifiers Low Voltage, Rail-to-Rail Input and Output Quad Operational Amplifiers Low Voltage, Rail-to-Rail Input and Output Single Operational Amplifiers OP-AMP, 7000 uV OFFSET-MAX, 1 MHz BAND WIDTH, PDSO5
|
Diodes Incorporated
|
AD856803 AD8570ACP-REEL7 AD8570ACP-R2 AD8569ARM-R2 |
16V Rail-to-Rail Buffer Amplifier 10-Lead MSOP 16V Rail-to-Rail Buffer Amplifier 32-Lead LFCSP 16 V Rail-to-Rail Buffer Amplifiers
|
Analog Devices
|
AD866308 AD8663ACPZ-REEL AD8663ACPZ-REEL7 AD8663AR |
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifier; Package: LFCSP (3x3mm); No of Pins: 8; Temperature Range: Industrial OP-AMP, 175 uV OFFSET-MAX, 0.52 MHz BAND WIDTH, DSO8 Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
|
Analog Devices, Inc.
|
AD8032 AD8032A AD8032AN AD8032AR AD8032ARM AD8032A |
2.7 V/ 800 uA/ 80 MHz Rail-to-Rail I/O Amplifiers 2.7 V, 800 uA, 80 MHz Rail-to-Rail I/O Amplifiers Rail-to-Rail I/O Amplifiers (Single Amplifier)
|
http:// ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|