PART |
Description |
Maker |
74LS173SC 74LS133SC 74LS14PC 74LS04PC 74LS15PC 74L |
Single 13-input NAND Gate CERAMIC CHIP/MIL-PRF-55681 Triple 3-input AND Gate Synchronous Up/Down Counter 同步减计数器 Quad 2-input NOR Gate 输入或非 Hex D-Type Flip-Flop 六角D型触发器 Quad D-Type Flip-Flop 四D型触发器 2-To-4-Line Demultiplexer 2线复用器 Triple 3-input NAND Gate 输入与非 Quad 2-input NAND Gate 输入与非 4-Bit Buffer/Driver
|
Rochester Electronics, LLC NXP Semiconductors N.V.
|
DM7438 DM7438M DM7438N 7438SJ |
Quad 2-Input NAND Buffers with Open-Collector Outputs TTL/H/L SERIES, QUAD 2-INPUT NAND GATE, PDSO14 Quad 2-Input NAND Buffers with Open-Collector Outputs(输入与非门(集电极开路输出))
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|
DM74ALS37A DM74ALS37AM DM74ALS37AN |
Quadruple 2-Input NAND Buffers Quadruple 2-Input NAND Buffer ALS SERIES, QUAD 2-INPUT NAND GATE, PDIP14
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
74F38SJ 74F38SC 74F38PC 74F38 74F38S 54F38LMQB |
RECTIFIER FAST-RECOVERY SINGLE 3A 200V 100A-ifsm 0.9V-vf 25ns 10uA-ir SMB 3K/REEL-13 F/FAST SERIES, QUAD 2-INPUT NAND GATE, PDIP14 Quad Two-Input NAND Buffer (Open Collector)
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
ACS03DMSR |
Quad 2-Input NAND Gate with Open Drain; Temperature Range: -; Package: 14-SBDIP AC SERIES, QUAD 2-INPUT NAND GATE, CDIP14
|
Intersil, Corp.
|
CD4001BC CD4011BC CD4001BCMX CD4011BCMX CD4001BCM |
From old datasheet system Quad 2-Input NOR Buffered B Series Gate • Quad 2-Input NOR Buffered B Series Gate . Quad 2-Input NAND Buffered B Series Gate 4000/14000/40000 SERIES, QUAD 2-INPUT NOR GATE, PDSO14 16-Bit Bus Transceiver And Register With 3-State Outputs 56-TSSOP -40 to 85 4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, PDSO14
|
http:// FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
HCF4093M013TR HCF4093B HCF4093BEY HCF4093BM1 HCF40 |
QUAD 2 INPUT NAND SCHMITT TRIGGER QUAD 2-INPUT NAND SCHMIDT TRIGGERS QUAD 2-INPUT NAND SCHMIDT TRIGGERS
|
??????浣? STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
U74HC00-P14-T U74HC00-D14-T U74HC00-S14-R |
QUADRUPLE 2-INPUT POSITIVE-NAND GATES HC/UH SERIES, QUAD 2-INPUT NAND GATE, PDSO14 QUADRUPLE 2-INPUT POSITIVE-NAND GATES HC/UH SERIES, QUAD 2-INPUT NAND GATE, DIP14
|
Unisonic Technologies Co., Ltd.
|
74LVX03M |
LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE (OPEN DRAIN) LOGIC GATE|QUAD 2-INPUT NAND|LVX-CMOS|SOP|14PIN|PLASTIC 逻辑门|输入与非| LVX全CMOS |专科| 14PIN |塑料
|
SGS Thomson Microelectronics Bourns, Inc.
|
MC14093BCP MC14093BF MC14093 MC14093BFEL MC14093B |
Quad 2-Input NAND Schmitt Trigger IEEE 802.3af PoE Powered Device Controllers 8-SOIC -40 to 85 Quad 2-Input "NAND" Schmitt Trigger
|
ONSEMI[ON Semiconductor]
|
MC670L MC661L MC668L MC668P |
MC67 SERIES, TRIPLE 3-INPUT NAND GATE, CDIP16 MC66 SERIES, DUAL 4-INPUT NAND GATE, CDIP16 MC66 SERIES, QUAD 2-INPUT NAND GATE, CDIP16 MC66 SERIES, QUAD 2-INPUT NAND GATE, PDIP16
|
MOTOROLA INC
|
UT54ACS132-PQAH UT54ACS132-PQAR UT54ACS132-PQCH UT |
Quad 2-input NAND Gate 2输入与非 Quad 2-input NAND Gate 输入与非
|
Marktech Optoelectronics Aimtron Technology Corp. Fairchild Semiconductor, Corp. OKI SEMICONDUCTOR CO., LTD. Microchip Technology, Inc.
|