PART |
Description |
Maker |
DO-204AH BZX55C56RL BZX55C2V4 BZX55C62RL BZX83C2V7 |
ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80% SMALL SIGNAL SCHOTTKY DIODE IC,QUAD 2:1,MUX/DEMUX,ANALOG LANSW,6.2V,SOIC16 500 mW DO-35 Glass Zener Voltage Regulator Diodes 16 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Single Supply, High Speed, Quad SPDT CMOS Analog Switch w/Master Enable 130 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 500 mW DO-35 Glass Zener Voltage Regulator Diodes 3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 500 mW DO-35 Glass Zener Voltage Regulator Diodes 36 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 500 mW DO-35 Glass Zener Voltage Regulator Diodes 43 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 500 mW DO-35 Glass Zener Voltage Regulator Diodes 3.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 500 mW DO-35 Glass Zener Voltage Regulator Diodes 20 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 500 mW DO-35 Glass Zener Voltage Regulator Diodes 43 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 500 mW DO-35 Glass Zener Voltage Regulator Diodes 100 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 500 mW DO-35 Glass Zener Voltage Regulator Diodes 9.1 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 500 mW DO-35 Glass Zener Voltage Regulator Diodes 8.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 500 mW DO-35 Glass Zener Voltage Regulator Diodes 8.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 500 mW DO-35 Glass Zener Voltage Regulator Diodes 3.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 500 mW DO-35 Glass Zener Voltage Regulator Diodes 27 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 500 mW DO-35 Glass Zener Voltage Regulator Diodes 22 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 500 mW DO-35 Glass Zener Voltage Regulator Diodes 500毫瓦DO - 35玻璃封装稳压二极 GLASS ZENER DIODES 500 MILLIWATTS 1.8.200 VOLTS 玻璃封装二极管电压为500毫瓦1.8.200 500mW ZENER DIODE 500 mW DO-35 Glass Zener Voltage Regulator Diodes
|
http:// MOTOROLA INC Microsemi, Corp. Motorola Mobility Holdings, Inc. Diodes Incorporated Motorola Inc Motorola, Inc.
|
BZX55C BZX55C4V7 BZX55C3V9 BZX55C7V5 BZX55C2V4 BZX |
VOLTAGE REGULATOR DIODE IN A CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS Silicon Epitaxial Planar Z-Diodes Voltage Regulator Diode In a Ceramic Surface Mount Package For HI-REL Application(6.8V 齐纳稳压二极陶瓷表贴封装,HI-REL应用)) Voltage Regulator Diode In a Ceramic Surface Mount Package For HI-REL Application(3.9V 齐纳稳压二极陶瓷表贴封装,HI-REL应用)) 4A SCRS Voltage Regulator Diode In a Ceramic Surface Mount Package For HI-REL Application(22V 齐纳稳压二极陶瓷表贴封装,HI-REL应用)) 稳压二极管(陶瓷表贴封装,高可靠性应用)在陶瓷表面贴装封装,高可靠性的应用2V的齐纳稳压二极管 Voltage Regulator Diode In a Ceramic Surface Mount Package For HI-REL Application(12V 齐纳稳压二极陶瓷表贴封装,HI-REL应用)) 稳压二极管(陶瓷表贴封装,高可靠性应用)在陶瓷表面贴装封装,高可靠性的应用2V的齐纳稳压二极管 Voltage Regulator Diode In a Ceramic Surface Mount Package For HI-REL Application(15V 齐纳稳压二极陶瓷表贴封装,HI-REL应用)) 稳压二极管(陶瓷表贴封装,高可靠性应用)在陶瓷表面贴装封装,高可靠性的应用5V的齐纳稳压二极管 Voltage Regulator Diode In a Ceramic Surface Mount Package For HI-REL Application(18V 齐纳稳压二极陶瓷表贴封装,HI-REL应用)) 稳压二极管(陶瓷表贴封装,高可靠性应用)在陶瓷表面贴装封装,高可靠性的应用8V的齐纳稳压二极管 Voltage Regulator Diode In a Ceramic Surface Mount Package For HI-REL Application(10V 齐纳稳压二极陶瓷表贴封装,HI-REL应用)) 稳压二极管(陶瓷表贴封装,高可靠性应用)在陶瓷表面贴装封装,高可靠性的应用0V的齐纳稳压二极管 12 A Snubberless", logic level and standard triacs 参 16A TRIACS 参 Voltage Regulator Diode In a Ceramic Surface Mount Package For HI-REL Application(16V 齐纳稳压二极陶瓷表贴封装,HI-REL应用)) 稳压二极管(陶瓷表贴封装,高可靠性应用)在陶瓷表面贴装封装,高可靠性的应用16V的齐纳稳压二极管 Voltage Regulator Diode In a Ceramic Surface Mount Package For HI-REL Application(3.3V 齐纳稳压二极陶瓷表贴封装,HI-REL应用)) 稳压二极管(陶瓷表贴封装,高可靠性应用)在陶瓷表面贴装封装,高可靠性的应用.3V的齐纳稳压二极管 20A TRIACS
|
SemeLAB SEME-LAB[Seme LAB] Vishay Telefunken 3M Company Vishay Intertechnology, Inc. Alliance Semiconductor, Corp.
|
SST89C54-33-AC-NJ SST89C58-33-AC-NJ SST89C54-33-AI |
Voltage Regulator IC; Output Current:150mA; Output Voltage:3.3V; Package/Case:5-SOT-23; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:3.3V Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:5V; Peak Reflow Compatible (260 C):No Replaced by PT78ST133 : 3.3Vout 1.5A Wide Input Positive Step-Down ISR 3-SIP MODULE -40 to 85 Voltage Regulator IC; Output Current:150mA; Output Voltage:2.6V; Package/Case:5-SOT-23; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:2.6V Linear Voltage Regulator IC; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:5V; Peak Reflow Compatible (260 C):No; Reel Quantity:3000; Voltage Regulator Type:Low Dropout (LDO) RoHS Compliant: No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:2.85V; Peak Reflow Compatible (260 C):No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:3V; Peak Reflow Compatible (260 C):No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:1.8V; Peak Reflow Compatible (260 C):No Voltage Regulator IC; Output Current:500mA; Output Voltage:1.215V; Package/Case:8-MLP33; Supply Voltage Max:6V; Current Rating:500mA; Leaded Process Compatible:No; Output Current Max:500mA; Output Voltage Max:1.215V FlashFlex51 MCU FlashFlex51单片
|
Silicon Storage Technology, Inc. SILICON STORAGE TECHNOLOGY INC
|
SZN4492TX SZN4462TX SZN4492TXV SZN4472TXV SZN4462T |
130 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE HERMETIC SEALED, GLASS PACKAGE-2 7.5 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE HERMETIC SEALED, GLASS PACKAGE-2 20 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE HERMETIC SEALED, GLASS PACKAGE-2 200 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 150 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 180 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 75 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 91 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 160 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 82 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
Solid State Devices, Inc. SOLID STATE DEVICES INC
|
LP2950-02YZ |
Voltage Regulator IC; Package/Case:3-TO-92; Current Rating:100mA; Output Voltage Max:5V; Voltage Regulator Type:Low Dropout (LDO); Mounting Type:Through Hole RoHS Compliant: Yes 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PBCY3
|
Micrel Semiconductor, Inc.
|
HDMP-0440 |
Voltage Regulator IC; Output Current:100mA; Output Voltage:6.2V; Package/Case:3-TO-92; Voltage Regulator Type:Positive Voltage; Mounting Type:Through Hole; Supply Voltage:35V HDMP-0440 · 1.0625-1.25 GBd Quad Port Bypass Circuit without CDR for Fibre Channel/Storage and GbE Applications
|
Agilent (Hewlett-Packard)
|
HZU16B1TRF-E HZU2.7B1TLF HZU2.0BTLF HZU2.4BTRF-E H |
15.69 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.625 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.05 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.45 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.925 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.225 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.25 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.525 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.075 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.375 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.775 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 7.21 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5.795 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 4.515 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 30 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 23.445 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 21.325 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
|
BZV55-BC10 BZV55-BC3V3 BZV55-BC4V7 BZV55-BC6V2 BZV |
27 V, 0.4 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE HERMETIC SEALED, GLASS PACKAGE-2 Voltage regulator diodes 稳压二极 14.7 V, 0.4 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 56 V, 0.4 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
NXP Semiconductors N.V. EPCOS AG
|
STR30110 STR30112 STR30113 STR30115 STR30120 STR30 |
Voltage regulator fixed output voltage135 /-0.8V Voltage regulator fixed output voltage134 /-0.8V Voltage regulator fixed output voltage125 /-0.8V Voltage regulator fixed output voltage123 /-0.8V Voltage regulator fixed output voltage120 /-0.8V Voltage regulator fixed output voltage115 /-0.8V Voltage regulator fixed output voltage113 /-0.8V Voltage regulator fixed output voltage112 /-0.8V Voltage regulator fixed output voltage110 /-0.8V SANKEN ELECTRIC COMPANY, LTD. Sanken Hybrid IC Voltage Regulator STR30000 Series (STR30000 Series) Hybrid IC Voltage Regulator Sanken Hybrid IC Voltage Regulator STR30000 Series 三垦混合集成电路电压调节器STR30000系列 Sanken Hybrid IC Voltage Regulator STR30000 Series 三垦混合集成电路电压调节STR30000系列
|
SANKEN[Sanken electric] Sanken Electric Co.,Ltd. Sanken Electric Co., Ltd.
|
1N5953B 1N5918BG 1N5937 1N5937B 1N5929 1N5929B 1N5 |
Low-Voltage SOT23 µP Supervisors with Manual Reset and Watchdog Timer Zener Voltage Regulator Diode 33 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL Zener Voltage Regulator Diode 18 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL surface mount silicon Zener diodes 39 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Zener Voltage Regulator Diode 56 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL surface mount silicon Zener diodes 36 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Zener Voltage Regulator Diode 9.1 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL Zener Voltage Regulator Diode 6.2 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL Zener Voltage Regulator Diode 24 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL surface mount silicon Zener diodes 47 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Zener Voltage Regulator Diode 51 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL Zener Voltage Regulator Diode 130 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL IC CRIMZON Z8 MCU OTP 64K 20SSOP ZenerVoltageRegulatorDiode
5V to ±10V Voltage Converters Voltage Detectors SILICON 1.5 WATT ZENER DIODES
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
|