PART |
Description |
Maker |
MN101CF95F MN101CF95G |
Microcomputer - 8bit - General Purpose
|
Panasonic
|
MN101E01K MN101E01L MN101E01M |
Microcomputer - 8bit - General Purpose
|
Panasonic
|
MN101CF91D |
Microcomputer - 8bit - General Purpose
|
Panasonic
|
MN101E16K MN101E16M |
Microcomputer - 8bit - General Purpose
|
Panasonic
|
MN101D06F MN101D06G MN101D06H |
Microcomputer - 8bit - General Purpose RESET
|
PANASONIC[Panasonic Semiconductor]
|
MN101C61G MN101C61D MN101C61 |
Microcomputer - 8bit - General Purpose Timer counter 0 : 8-bit X 1
|
PANASONIC[Panasonic Semiconductor]
|
MN101C47 MN101C47C MN101C47D |
Microcomputer - 8bit - General Purpose From old datasheet system Remote control input discriminant circuit built-in
|
Panasonic Semiconductor http://
|
MN101C62F MN101C62D MN101C62 |
Microcomputer - 8bit - General Purpose LQFP080-P-1414A(Pb Free) The lower limit for operation guarantee for flash memory built-in type is 2.5 V 8-BIT, MROM, 20 MHz, MICROCONTROLLER, PQFP80
|
PANASONIC[Panasonic Semiconductor] Matsshita / Panasonic Panasonic Corporation Panasonic, Corp.
|
M38503E4SS M38503MXH M37516RSS M38504E6FP M38504E6 |
RAM size:768 bytes; single-chip 8-bit CMOS microcomputer RAM size:896 bytes; single-chip 8-bit CMOS microcomputer RAM size:192 bytes; single-chip 8-bit CMOS microcomputer RAM size:256 bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-Bit CMOS Microcomputer 3850 Series Microcontrollers: General Purpose with A/D Converter RAM size:1536 bytes; single-chip 8-bit CMOS microcomputer RAM size:640 bytes; single-chip 8-bit CMOS microcomputer RAM size:384 bytes; single-chip 8-bit CMOS microcomputer RAM size:512 bytes; single-chip 8-bit CMOS microcomputer RAM size:1024 bytes; single-chip 8-bit CMOS microcomputer RAM size:2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
MN103S33N |
Microcomputer - 32bit - General Purpose
|
Panasonic
|
MN102L490A |
Microcomputer - 16bit - General Purpose From old datasheet system
|
Panasonic
|