PART |
Description |
Maker |
74HC373 74HCT373 74HCT373D 74HC373D 74HC373PW 74HC |
Octal D-type transparent latch;3-state(D透明锁存器;三态;) 八路D型透明锁存器,3态(透明锁存器,三 Octal D-type transparent latch 3-state Octal D-type transparent latch;
3-state From old datasheet system 74HC/HCT373; Octal D-type transparent latch; 3-state
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MM74HCT373 MM74HCT373WM MM74HCT373SJ MM74HCT373MTC |
Micropower 5.0 V, 100mA Low Dropout Linear Regulator with NOCAP; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per 3-STATE Octal D-Type Latch . 3-STATE Octal D-Type Flip-Flop
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
74LVC573ABQ |
Octal D-type transparent latch with 5 V tolerant inputs-outputs; 3-state LVC/LCX/Z SERIES, 8-BIT DRIVER, TRUE OUTPUT, PQCC20 74LVC573A; Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
|
NXP Semiconductors N.V. Philips
|
TC74LVX373 TC74LVX373F TC74LVX373FT TC74LVX373FW E |
From old datasheet system OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT OCTAL D-TYPE LATCH WITH 3-TATE OUTPUT
|
TOSHIBA[Toshiba Semiconductor]
|
74VHCT373A 6889 74VHCT373ATTR 74VHCT373AM 74VHCT37 |
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING From old datasheet system OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
|
STMicroelectronics ST Microelectronics
|
AT27C040 AT27C040-12JC AT27C040-12JI AT27C040-90PI |
Octal Transparent D-Type Latch With 3-State Output 20-VQFN -40 to 125 512K X 8 OTPROM, 120 ns, PDIP32 Replaced by SN74LV374A : Octal Edge-Triggered D-Type Flip-Flop With 3-State Outputs 20-SOIC -40 to 85 512K X 8 OTPROM, 120 ns, PDSO32 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85 512K X 8 OTPROM, 90 ns, PDIP32 4-Megabit 512K x 8 OTP EPROM 512K X 8 OTPROM, 150 ns, PDIP32 Replaced by SN74LV374A : Octal Edge-Triggered D-Type Flip-Flop With 3-State Outputs 20-SSOP -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SO -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TVSOP -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SOIC -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SSOP -40 to 85
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
MM74HCT574WM MM74HCT573 MM74HCT573_05 MM74HCT573MT |
Octal D-Type Latch - 3-STATE Octal D-Type Flip-Flop
|
FAIRCHILD[Fairchild Semiconductor]
|
MC74VHCT540A06 MC74VHCT541ADWG MC74VHCT541A06 MC74 |
Octal Bus Buffer Octal D?Type Latch with 3?State Output Octal D?Type Flip?Flop with 3?State Output Octal D−Type Flip−Flop with 3−State Output
|
ONSEMI[ON Semiconductor]
|
MM74HC573 |
3-STATE Octal D-Type Latch
|
ON Semiconductor
|
74ABT573APWDH 74ABT573A 74ABT573AD 74ABT573ADB 74A |
Octal D-type transparent latch (3-State) Octal D-type transparent latch 3-State
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
74VHC373SJX |
Octal D-Type Latch with 3-STATE Outputs
|
Fairchild Semiconductor
|