PART |
Description |
Maker |
PIC16LF870T/PQ PIC16LF870T/PT PIC16F871T-I/P PIC16 |
12MHZ CERAMIC RES,SMT CAT 5E CROSSOVER PATCH CORD CABLE GREEN 6 FT Multiconductor Commercial Audio Cable; Number of Conductors:3; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:LSPVC; Conductor Material:Copper; Features:Flamarrest Low-Smoke Jacket; Jacket Color:Natural RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100% RoHS Compliant: Yes Sound/Security Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:33pF/ft RoHS Compliant: Yes 128 x 128 pixel format, LED or EL Backlight available 28/40-Pin 8位CMOS闪存微控制器 28/40-Pin 8-Bit CMOS FLASH Microcontrollers 28/40-Pin 8位CMOS闪存微控制器 SWITCH, SPNO SPNC ANTI-VANDAL 28/40-Pin 8位CMOS闪存微控制器
|
Microchip Technology Inc. Microchip Technology, Inc.
|
LC37G-183C1_60 LC30G LC30G191C1_10 LC30G191C1_100 |
From old datasheet system Sound/Security Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:30pF/ft RoHS Compliant: Yes Belden Shielded Riser Multi-Conductor Cable, Wire Size: 18 AWG, Number of Conductors: 2, Length: 500 feet, Conductor Material: Bare Copper Solid, Shielding: Beldfoil, Jacket: Red PVC Multiconductor Cable; Number of Conductors:8; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:FRPE - Flame Retardant Polyethylene; Leaded Process Compatible:Yes; Capacitance:27uF; Conductor Material:Copper RoHS Compliant: Yes Belden Unshielded Riser Multi-Conductor Cable, Wire Size: 18 AWG, Number of Conductors: 2, Length: 500 feet, Conductor Material: Bare Copper, Jacket: Gray PVC, Applications: Security systems, intercom/PA systems, sound/audio, power l Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:16; No. Strands x Strand Size:7 x 28; Jacket Material:FRPE - Flame Retardant Polyethylene; Leaded Process Compatible:Yes; Capacitance:31uF; Conductor Material:Copper RoHS Compliant: Yes Sound/Security Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:33pF/ft RoHS Compliant: Yes TRANS PNP BIPOLAR 45V SOT323 DC GEARED MOTORS 直流减速电
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
BYT40Y |
Multiconductor Cable; Number of Conductors:9; Conductor Size AWG:22; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Conductor Plating:Tin; Jacket Color:Chrome RoHS Compliant: Yes 硅梅萨整流器 Silicon Mesa Rectifier From old datasheet system
|
Vishay Intertechnology, Inc. VISAY[Vishay Siliconix]
|
MCP1701T-25021/TO MCP1701T-25021/MB MCP1701T-25021 |
5 V FIXED POSITIVE LDO REGULATOR, 0.63 V DROPOUT, PBCY3 Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:56pF/ft; Conductor Material:Copper RoHS Compliant: Yes 5015 RR 3#8 3#16 SKT RECP Multiconductor Security and Alarm Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Capacitance:16.3pF/ft; Conductor Material:Copper; Leaded Process Compatible:Yes RoHS Compliant: Yes 2uA Low Dropoout Positive Voltage Refulator 五成低Dropoout正电压Refulator 5015 RR 2#8 2#16 PIN RECPT 五成低Dropoout正电压Refulator
|
Microchip Technology Inc. Microchip Technology, Inc.
|
BYW99W200 BYW99P200 BYW99P-200 BYW99 BYW99P BYW99P |
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES Sound/Security Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:42pF/ft RoHS Compliant: Yes 高效快速恢复整流二极管 Sound/Security Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:70pF/ft RoHS Compliant: Yes 高效快速恢复整流二极管
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V. SGS Thomson Microelectronics
|
BYW178 |
Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:18-15; No. Strands x Strand Size:19 x 28, 19 x 30; Jacket Material:Polyvinylchloride From old datasheet system Very Fast Silicon Mesa Rectifier
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix] Vishay Telefunken
|
SFR16-XXX SFR16R-1 SFR16R-XXX SFR8R-1_5STE1 SFR10R |
0.8nn FLEX CIRCUIT/FLAT CABLE/CIC SURFLOK SFR SERIES 0.8nn柔性电扁平电缆/议会SURFLOK的SFR系列 Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Shielding Coverage:1% RoHS Compliant: Yes 0.8nn柔性电扁平电缆/议会SURFLOKSFR系列
|
http:// Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC]
|
24C512 AT24C512 AT24C512-10PC AT24C512-10PC-1.8 AT |
Quadruple 2-Input Positive-OR Gates 14-TVSOP -40 to 85 64K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 2-wire Serial EEPROM 64K X 8 I2C/2-WIRE SERIAL EEPROM, DSO8 2-wire Serial EEPROM 64K X 8 I2C/2-WIRE SERIAL EEPROM, PBGA8 2-wire Serial EEPROM 64K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 CABLE 9539, 9CORE, PER M; Cores, No. of:9; Conductor make-up:7/32AWG; Area, conductor CSA:0.2mm2; Diameter, External:6.2mm; Material, secondary insulation:PVC; Colour, secondary insulation:Chrome; Approval Bodies:CSA, SRPVC, UL RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:80 C; Voltage Nom.:300V RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:9; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:80 C; Voltage Nom.:300V RoHS Compliant: Yes 320 x 240 pixel format, LED or CFL Backlight 2-wireSerialEEPROM
|
Atmel, Corp. PROM Atmel Corp. ATMELCorporation ATMEL[ATMEL Corporation]
|
11EQ10 |
Multiconductor Cable; Number of Conductors:8; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30, 16 x 30; Jacket Material:Polyvinylchloride (PVC); Features:Unshielded; Leaded Process Compatible:Yes; Temperature Max:80 C RoHS Compliant: Yes SBD Low Forward Voltage drop Diode
|
ETC[ETC] NIEC[Nihon Inter Electronics Corporation]
|
MMBT8550 MMBT8050 M28S KTC5242 BA114ES6R MMBT1015 |
Mini Size Discrete Semiconductor Elements Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT01; Number of Contacts:3; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Body Style:Straight THYRISTOR 75V 100A SMB DO-214AA Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:31.7pF/ft; Conductor Material:Copper RoHS Compliant: Yes Mini size of Discrete semiconductor elements 迷你型离散半导体元件 Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:19 x 34; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:27.4pF/ft; Conductor Material:Copper RoHS Compliant: Yes 迷你型离散半导体元件
|
N/A Power Innovations Limited ETC Sinyork Co Ltd N.A. Electronic Theatre Controls, Inc.
|
JQX-116F-1_ACAF1H JQX-116F-1_ACAF2H JQX-116F-1_DCD |
MINIATURE HIGH POWER RELAY From old datasheet system CABLE, SEC, BLACK, 6.75X12.7MM, 152.4M; Cores, No. of:3; Conductor make-up:7/26; Area, conductor CSA:0.891mm2; Material, secondary insulation:PVC; Length, Reel (Imperial):500ft; Attenuation, 1 GHz:7.1dB; Attenuation, 1 MHz:0.20dB; RoHS Compliant: Yes Belden Coaxial Cable, Wire Size: 2/18 AWG, Type: RG-59/U, Color: Black, Length: 1000 feet, Conductor Material: Bare Copper, Shielding: Bare Copper, Jacket: PVC CCTV Control Composite Cable; Composite Conductor Types:1 Coaxial 1 Pair; Number of Conductors:3; Conductor Size AWG:18 Coax/18 Pr; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1 RoHS Compliant: Yes Belden Coaxial Cable, Wire Size: 2/18 AWG, Type: RG-6/U, Color: Black, Length: 1000 feet, Conductor Material: Bare Copper, Shielding: Bare Copper, Jacket: PVC Access Control Composite Cable; Composite Conductor Types:10 Conductors 3 Pairs; Number of Conductors:16; Conductor Size AWG:18-16; No. Strands x Strand Size:7 x 26, 19 x 30; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Belden Coaxial Cable, Wire Size: 2/18 AWG, Type: RG-59/U, Color: Black, Length: 500 feet, Conductor Material: Bare Copper, Shielding: Bare Copper, Jacket: PVC Shielded Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100% RoHS Compliant: Yes CCTV Control Composite Cable; Composite Conductor Types:1 Coaxial 1 Pair; Number of Conductors:3; Conductor Size AWG:20 Coax/18 Pr; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1 RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:Black; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Capacitance:16.3pF/ft; Conductor Material:Copper; Leaded Process Compatible:Yes RoHS Compliant: Yes Security Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Capacitance:16.3pF/ft; Conductor Material:Copper; Jacket Color:Black RoHS Compliant: Yes 2 PR #20 PVC FS FRPVC CCTV Control Composite Cable; Composite Conductor Types:1 Coaxial 1 Pair; Number of Conductors:3; Conductor Size AWG:18 Coax/18 Pr; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1 RoHS Compliant: Yes CABLE, SEC, COAX, 5.89MM, 152.4M; Cores, No. of:1; Conductor make-up:1.0.80 mm; Area, conductor CSA:0.519mm2; Material, secondary insulation:PVC; Attenuation, 1 GHz:8.50dB; Attenuation, 1 MHz:0.30dB; Attenuation, 10 MHz:0.90dB; RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Capacitance:16.3pF/ft; Conductor Material:Copper; Jacket Color:White RoHS Compliant: Yes 微型大功率继电器 CCTV Control Composite Cable; Composite Conductor Types:1 Coaxial 1 Pair; Number of Conductors:3; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1 RoHS Compliant: Yes 微型大功率继电器 Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Capacitance:16.3pF/ft; Conductor Material:Copper; Jacket Color:Black RoHS Compliant: Yes 微型大功率继电器 Sound/Security Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:56pF/ft RoHS Compliant: Yes 微型大功率继电器
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|