PART |
Description |
Maker |
SCC2698B SCC2698BC1A84 SCC2698BE1A84 |
Enhanced octal universal asynchronous receiver/transmitter Octal UART
|
PHILIPS[Philips Semiconductors]
|
MC74VHC244-D MC74VHC244DT MC74VHC244DTR2 MC74VHC24 |
Octal Bus Buffer Octal 3-State Driver
|
ON Semiconductor
|
MC74HC374A-D MC74HC374ADW MC74HC374ADWR2 MC74HC374 |
Octal 3-State Non-Inverting D Flip-Flop High-Performance Silicon-Gate CMOS Octal 3-State Noninverting D Flip-Flop Octal D-Type Flip-Flop
|
ON Semiconductor Motorola
|
MAX2079 MAX2079CXE MAX2079CXET MAX2079CXEW |
Low-Power, High-Performance, Fully Integrated Octal Ultrasound Receiver (Octal LNA, VGA, AAF, ADC, and CWD Beamformer)
|
MAXIM - Dallas Semiconductor
|
BBT3821-JH BBT3821 |
Octal Multi-Rate LX4/CX4 - XAUI Re-Timer Octal 2.488Gbps to 3.187Gbps/ Lane Retimer SPECIALTY TELECOM CIRCUIT, PBGA192
|
Intersil, Corp.
|
ASM3P2779AG-08TT ASM3I2779A-06OR ASM3I2779A-08SR A |
Low Power Peak EMI Reducing Solution Octal Bus Transceiver With 3-State Outputs 20-SSOP -40 to 85 Octal Bus Transceivers With 3-State Outputs 20-VQFN -40 to 85 COMMERCIAL THER Octal Bus Transceivers With 3-State Outputs 20-BGA MICROSTAR JUNIOR -40 to 85
|
ALSC[Alliance Semiconductor Corporation]
|
ACTS373D ACTS373DMSR ACTS373HMSR ACTS373K ACTS373K |
Radiation Hardened Octal Transparent Latch/ Three-State From old datasheet system Radiation Hardened Octal Transparent Latch Three-State Radiation Hardened Octal Transparent Latch, Three-State Latch, Transparent, Octal, Tri-State, TTL Inputs, Rad-Hard, Advanced Logic, CMOS
|
INTERSIL[Intersil Corporation]
|
SN74LS374DW SN74LS374N SN74LS373DW SN54LS374J 74LS |
OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS; OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT Hex Inverter; Package: SOEIAJ-14; No of Pins: 14; Container: Rail; Qty per Container: 50
|
MOTOROLA[Motorola, Inc] Motorola, Inc. Motorola Inc
|
74FR2240 74FR2240SC 74FR2240PC |
Octal Buffer/Line Driver with 25Series Resistors in the Outputs FR/FASTR SERIES, DUAL 4-BIT DRIVER, INVERTED OUTPUT, PDIP20 Octal Buffer/Line Driver with 25 Series Resistors in the Outputs Octal Buffer/Line Driver with 25-Ohm Series Resistors in the Outputs From old datasheet system Octal Buffer/Line Driver with 25ヘ Series Resistors in the Outputs Octal Buffer/Line Driver with 25Ω Series Resistors in the Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74VHCT541A 6535 74VHCT541AM 74VHCT41AT -74VHCT541A |
Octal Transparent D-Type Latches With 3-State Outputs 20-SSOP -40 to 85 八路总线缓冲器与三态输出的非反 OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED) From old datasheet system OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
MM74HCT574WM MM74HCT573 MM74HCT573_05 MM74HCT573MT |
Octal D-Type Latch - 3-STATE Octal D-Type Flip-Flop
|
FAIRCHILD[Fairchild Semiconductor]
|
N74F620D N74F620N N74F623N 74F620 74F623 N74620D N |
Octal bus transceiver, inverting 3tate 八路总线收发器,反相3tate Octal bus transceiver, non-inverting (3-State)(八通道总线收发器,同向(三态)) Octal bus transceiver / inverting 3tate From old datasheet system
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|