PART |
Description |
Maker |
AD9222BCPZRL7-40 AD9222BCPZRL7-50 AD9222BCPZ-50 AD |
Octal, 12-Bit, 40/50 MSPS Serial LVDS 1.8 V A/D Converter 8-CH 12-BIT PROPRIETARY METHOD ADC, SERIAL ACCESS, QCC64
|
Analog Devices, Inc.
|
MCP320208 MCP3202-CI_MS MCP3202-BI_P MCP3202-BI_SN |
2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
|
Microchip Technology
|
5102ALP-RP-F-H 5102ALP-RP-F-E 5102ALP-RP-F-I 5102A |
16-Bit, 20 KHz A/D Converter 2-CH 16-BIT PROPRIETARY METHOD ADC, SERIAL ACCESS, DFP44 16-Bit, 20 KHz A/D Converter 16位,20千赫的A / D转换 SHIELDED 24AWG UL2464 4 COND 2-CH 16-BIT PROPRIETARY METHOD ADC, SERIAL ACCESS, DFP44
|
Maxwell Technologies, Inc Linear Technology, Corp.
|
SY100E446JZ |
4-BIT PARALLEL-TO-SERIAL CONVERTER 100E SERIES, 4-BIT RIGHT PARALLEL IN SERIAL OUT SHIFT REGISTER, COMPLEMENTARY OUTPUT, PQCC28
|
Micrel Semiconductor, Inc.
|
LTC15941 LTC1594CS LTC1594ISPBF |
4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters 4-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converter; Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C 4-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16
|
Linear Technology, Corp.
|
CS433408 CS4338-KSZ CS4338-DSZ CS4339-KSZ |
8-Pin, 24-Bit, 96 kHz Stereo D/A Converter D/A Converter (D-A) IC; Resolution (Bits):24; Update Rate:96kSPS; No. of DACs:2; Data Interface:Serial; Package/Case:8-SOIC; Interface Type:Serial; Leaded Process Compatible:No; No. of Bits:18; Operating Temp. Max:70 C RoHS Compliant: Yes
|
CIRRUS LOGIC INC
|
MAX160-MX7574 MX7574 MAX7574TD MAX7574SQ MAX7574AQ |
Microprocessor compatible 8-bit A/D converter. Fast conversion time 15microsec. Error -3/4 LSB. Hex Schmitt-trigger Inverters 14-CFP -55 to 125 μP Compatible 8 Bit A/D Converter ヌP COMPATIBLE 8 BIT A/D CONVERTER 10 AMP MINIATURE POWER RELAY レP Compatible 8 Bit A/D Converter 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, UUC18 ?? Compatible 8 Bit A/D Converter
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
AD5531BRUZ AD5530BRU-REEL7 AD5531BRU-REEL7 AD5531B |
Serial Input, Voltage Output14-Bit D/A Converter; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial SERIAL INPUT LOADING, 20 us SETTLING TIME, 14-BIT DAC, PDSO16 Serial Input, Voltage Output 12-Bit D/A Converter; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial SERIAL INPUT LOADING, 20 us SETTLING TIME, 12-BIT DAC, PDSO16
|
Analog Devices, Inc. ANALOG DEVICES INC
|
TMP90CH44 |
High Speed Advanced CMOS 8-bit Microcontroller,Integrating 8-Bit CPU,8-Bit A/D Converter,RAM,ROM,General Serial Interface,Multifuction Timer/Event
|
Toshiba Corporation
|
CS5503 CS5501-AS CS5501-CP |
Low-Cost,20-Bit Measurement A/D Converter(低价0位度量A/D转换 低成20 -位测量的A / D转换器(低价0位度量的A / D转换器) 1-CH 16-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO20 1-CH 16-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDIP20
|
Cirrus Logic, Inc. CRYSTAL SEMICONDUCTOR CORP
|
AD5570WRSZ AD5570-15 |
True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: SSOP; No of Pins: 16; Temperature Range: Industrial SERIAL INPUT LOADING, 12 us SETTLING TIME, 16-BIT DAC, PDSO16 True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
|
Analog Devices, Inc.
|