PART |
Description |
Maker |
MBRF2045CT MBRF2045CT_D ON0450 |
SWITCHMODESchottky Power Rectifirer SWITCHMODE Schottky Power Rectifirer 20 AMPERES 45 VOLTS From old datasheet system SWITCHMODE⑩ Schottky Power Rectifirer
|
Motorola, Inc. ON Semi MOTOROLA[Motorola, Inc]
|
MBRP30035L |
30 AMP MINIATURE POWER RELAY SWITCHMODESchottky Power Rectifier(POWERTAP III Package) SWITCHMODE Schottky Power Rectifier(POWERTAP III Package)
|
Motorola, Inc.
|
MBRF1045_D MBRF1045 ON0446 |
SWITCHMODESchottky Power Rectifirers SWITCHMODE⑩ Schottky Power Rectifirers From old datasheet system SWITCHMODE Schottky Power Rectifirers 10 AMPERES 45 VOLTS SWITCHMODE?/a> Schottky Power Rectifirers
|
Motorola, Inc. MOTOROLA[Motorola, Inc] ON Semi
|
IMP1233D IMP1810 IMP1811 IMP1812 IMP1815 IMP1816 I |
4.125V power reset RELAY 024VDC 01A DPDT-XX FORM:2C UC Bi-Lobe Standard Metal Shell Nano Offset Connector Low Power 5V/3.0V P Reset Low Power/ 5V/ P Reset Low Power, 5V, 楼矛P Reset Low Power 5V P Reset Low Power, 5V, P Reset Low Power, 5V, μP Reset 4.375V power reset
|
IMP INC. IMP Inc IMP[IMP, Inc] IMP[IMP Inc]
|
Q67060-S7432 P-TO220-3-1 P-TO263-3-2 P-TO262-3-1 P |
Low Voltage MOSFETs - Power MOSFET, 100V, TO-262, RDSon=33mOhm, 47A, LL SIPMOS垄莽 Power-Transistor SIPMOS庐 Power-Transistor SIPMOS? Power-Transistor SIPMOS㈢ Power-Transistor
|
Infineon Technologies AG
|
BUW36 BUY69A BUY69B BUX48 BUX80 BDX87 BDX88 BDW51 |
Leaded Power Transistor Darlington Power Transistors 15 A, 45 V, PNP, Si, POWER TRANSISTOR, TO-3 INDUCTOR PWR UNSHIELD 470UH SMT Certification- 5.2kVDC Isolation- Power Sharing- Pin Compatible with RH & RK Series, SIP DC-DC Converters- UL94V-0 Package M Leaded Power Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
2SA2118 |
Power Device - Power Transistors - General-Purpose power amplification Power Transistors Silicon PNP epitaxial planar type
|
PANASONIC[Panasonic Semiconductor]
|
8485A 8485D Q8486D W8486A R8486A Q8486A R8486D E44 |
8485A Power Sensor, 50 MHz to 26.5 GHz 8485D Diode Power Sensor, 50 MHz to 26.5 GHz Q8486D Waveguide Power Sensor, 33 GHz to 50 GHz W8486A Waveguide Power Sensor, 75 GHz to 110 GHz R8486A Thermocouple Waveguide Power Sensor, 26.5 GHz to 40 GHz Q8486A Thermocouple Waveguide Power Sensor, 33 GHz to 50 GHz R8486D Waveguide Power Sensor, 26.5 GHz to 40 GHz E4412A Wide Dynamic Range Power Sensor, E-Series E4413A Wide Dynamic Range Power Sensor, E-Series V8486A V-band Power Sensor, 50 GHz to 75 GHz 8482B High-Power Sensor, 100 kHz to 4.2 GHz, 25W 8487A Power Sensor, 50 MHz to 50 GHz 8482H Power Sensor, 100 kHz to 4.2 GHz, 3 W 8481D Diode Power Sensor, 10 MHz to 18 GHz
|
Agilent (Hewlett-Packard)
|
2SC5505 |
Power Device - Power Transistors - General-Purpose power amplification Silicon NPN epitaxial planar type
|
Panasonic Semiconductor
|
MCP-02D-0805 MCP-02S-08 MCP-02D-0803 MCP-02D-1403 |
2W Output Power Compact, Board Mount 2W Constant Power Mode AC/DC Power Supplies
|
MicroPower Direct, LLC
|
U5T12.12.5 R5T12.2.5 U28S15.45 U28S24.4 R28D15.22 |
Low power quad operational amplifiers High power 3-phase auxiliary power supply evaluation board based on L5991 and ESBT STC08DE150HV Evaluation board using 1x SD3932 for HF transmitters VIPer12A travel adaptor 3.6W output Analog IC 模拟IC RF power amplifier using 1 x PD55008 N-channel enhancement-mode lateral MOSFETs 模拟IC RF power amplifier using 1 x PD55008L 模拟IC
|
Electronic Theatre Controls, Inc. KEMET Corporation Bourns, Inc. MITSUMI ELECTRIC CO., LTD.
|