PART |
Description |
Maker |
ADP3000AN-12 ADP3000AR-12 ADP3000AN-33 ADP3000AR-3 |
Isolated Flyback Switching Regulator with 9V Output SWITCHING REGULATOR, 400 kHz SWITCHING FREQ-MAX, PDSO8 Voltage-Mode SMPS Controller SWITCHING REGULATOR, 400 kHz SWITCHING FREQ-MAX, PDSO8 Isolated Flyback Switching Regulator with 9V Output SWITCHING REGULATOR, 400 kHz SWITCHING FREQ-MAX, PDIP8 Isolated Flyback Switching Regulator with 9V Output 隔离反激式开关稳9V输出 Circular Connector Cable Assembly; Connector Type A:Circular Plug; Connector Type B:Stripped End Leads; Cable Length:10ft RoHS Compliant: Yes Top Entry Connector Hood; Enclosure Material:Aluminum Alloy; For Use With:C146 Rectangular Circular Connectors; Connecting Termination:Screw; Gender:Male; No. of Contacts:48; Operating Voltage:400V; Series:C-146 RoHS Compliant: Yes Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V and Adjustable High Frequency Switching Regulator
|
ANALOG DEVICES INC Rochester Electronics, LLC Analog Devices, Inc.
|
LT1425 |
Isolated Flyback Switching Regulator with 9V Output 隔离反激式开关稳9V输出
|
Linear Technology Corporation Linear Technology, Corp.
|
LT1425 LT1425CS LT1425IS 1425FA |
From old datasheet system Isolated Flyback Switching Regulator
|
LINER[Linear Technology]
|
2SK2608 |
Isolated Flyback Switching Regulator with 9V Output 隔离反激式开关稳9V输出 N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, SWITCHING REGULATOR APPLICATIONS)
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor]
|
AIC1579 AIC1579CN AIC1579CS AIC1579L AIC1579LCN AI |
Step-Down Switching Regulator Controller Isolated Flyback Switching Regulator with 9V Output
|
AIC[Analog Intergrations Corporation] Analog Integrations Corporation
|
LT1737ISTR LT1737CGN LT1737ISPBF LT1737CSPBF LT173 |
High Power Isolated Flyback Controller; Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C SWITCHING CONTROLLER, 250 kHz SWITCHING FREQ-MAX, PDSO16 High Power Isolated Flyback Controller SWITCHING CONTROLLER, 250 kHz SWITCHING FREQ-MAX, PDSO16 High Power Isolated Flyback Controller; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C SWITCHING CONTROLLER, 250 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
NTE7044 |
Isolated Flyback Switching Regulator with 9V Output Integrated Circuit Switching Regulator Control Circuit
|
NTE Electronics, Inc. NTE[NTE Electronics]
|
LTC1530IS8-3.3 LTC1530IS8-1.9TRPBF LTC1530IS8-2.5 |
Isolated Flyback Switching Regulator with 9V Output High Power Synchronous Switching Regulator Controller; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C
|
Linear Technology Corporation
|
LT1737CGNTRPBF |
High Power Isolated Flyback Controller; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C SWITCHING CONTROLLER, 250 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology, Corp.
|
AAC243E-D8A-G-LF AAC243E-F8A-G-LF-TR AAC243E-F8A-G |
Flyback, Forward and Isolated
|
Microsemi
|
IPS15HI-D-G-LF |
Flyback, Forward and Isolated
|
Microsemi
|
LT3748EMSPBF LT3748IMSPBF LT3748EMSTRPBF LT3748IMS |
100V Isolated Flyback Controller
|
Linear Technology
|