PART |
Description |
Maker |
LT3462 3462AF LTBBV LT3462AES6 LT3462ES6 LTBGB LT3 |
Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C SWITCHING REGULATOR, 1600 kHz SWITCHING FREQ-MAX, PDSO6 From old datasheet system Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT 0.42 A SWITCHING REGULATOR, 3500 kHz SWITCHING FREQ-MAX, PDSO6 Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT 0.42 A SWITCHING REGULATOR, 1600 kHz SWITCHING FREQ-MAX, PDSO6 Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
|
LINER[Linear Technology] Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
NJM2550 NJM2550V |
10.7MHz INPUT FM IF DEMODULATOR
|
New Japan Radio http://
|
LBS140A13 |
140MHz SAW Filter 7MHz Bandwidth
|
SIPAT Co,Ltd
|
LBT14075 |
140MHz SAW Filter 9.7MHz Bandwidth
|
SIPAT Co,Ltd
|
SP43303 |
433.92MHz RF SAW Filter 1.7MHz Bandwidth
|
SIPAT Co,Ltd
|
LBS11902 |
118.7MHz SAW Filter 1MHz Bandwidth
|
SIPAT Co,Ltd
|
LBS13703 |
136.7MHz SAW Filter 3MHz Bandwidth
|
SIPAT Co,Ltd
|
TB0969A |
SAW Filter 279.7MHz 55MHz BW (SMD 5.0×5.0 mm)
|
TAI-SAW TECHNOLOGY CO.,...
|
LBS12203 |
121.7MHz SAW Filter 3MHz Bandwidth
|
SIPAT Co,Ltd
|
LBN12014 |
120MHz High-Loss SAW Filter 12.7MHz Bandwidth
|
SIPAT Co,Ltd
|