PART |
Description |
Maker |
PCS810LIURF PCS810JIURF PCS810MIURF PCS810PIURF PC |
3-Pin 楼矛P Voltage Supervisor
|
PulseCore Semiconductor
|
ASM812SEUS ASM812SEUSF ASM811JEUS ASM812JEUS ASM81 |
4-Pin muP Voltage Supervisor with Manual Reset
|
ON Semiconductor
|
MAX6701 MAX6701KA-T MAX6701AKA-T MAX6701-MAX6708 M |
4.63 V, Low-voltage, SOT23 mP supervisor with power-fail in/out, manual reset and watchdog timer 2.63 V, Low-voltage, SOT23 mP supervisor with power-fail in/out, manual reset and watchdog timer 2.32 V, Low-voltage, SOT23 mP supervisor with power-fail in/out, manual reset and watchdog timer 4.38 V, Low-voltage, SOT23 mP supervisor with power-fail in/out, manual reset and watchdog timer TV 6C 6#22D SKT RECP 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 Low-Voltage, SOT23 レP Supervisors with Power- Fail In/Out, Manual Reset, and Watchdog Timer 3-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 Low-Voltage, SOT23 P Supervisors with Power- Fail In/Out, Manual Reset, and Watchdog Timer 3-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 Low-Voltage, SOT23 レP Supervisors with Power- Fail In/Out, Manual Reset, and Watchdog Timer 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 Low-Voltage, SOT23 レP Supervisors with Power- Fail In/Out, Manual Reset, and Watchdog Timer 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 Rocker Switch; Leaded Process Compatible:Yes; Contact Rating:10A at 250VAC; Mounting Type:Panel; Switch Features:Neon Lighted Rocker; Switch Function:DPDT RoHS Compliant: Yes JT 61C 61#20 PIN WALL RECP LOW-VOLTAGE, SOT23 ヌP SUPERVISORS WITH POWER- FAIL IN/OUT, MANUAL RESET, AND WATCHDOG TIMER Low-Voltage, SOT23 ?? Supervisors with Power- Fail In/Out, Manual Reset, and Watchdog Timer Low-Voltage, SOT23 μP Supervisors with Power- Fail In/Out, Manual Reset, and Watchdog Timer Low-Voltage / SOT23 P Supervisors with Power- Fail In/Out / Manual Reset / and Watchdog Timer Low-Voltage, SOT23, µP Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer 2.19 V, Low-voltage, SOT23 mP supervisor with power-fail in/out, manual reset and watchdog timer 3.08 V, Low-voltage, SOT23 mP supervisor with power-fail in/out, manual reset and watchdog timer
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor Maxim Integrated Produc...
|
EP6700-1 EP6700-10 EP6700-11 EP6700-12 EP6700-14 E |
14 Pin Single-in-Line Package Passive Delay Lines CPU Supervisor with 4kbit EEPROM; Temperature Range: -40°C to 85°C; Package: 8-MSOP CPU Supervisor with 4kbit EEPROM; Temperature Range: -40°C to 85°C; Package: 8-PDIP CPU Supervisor with 4kbit EEPROM; Temperature Range: -40°C to 85°C; Package: 8-SOIC CPU Supervisor with 4kbit EEPROM; Temperature Range: 0°C to 70°C; Package: 8-PDIP CPU Supervisor with 4kbit EEPROM; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R CPU Supervisor with 4kbit EEPROM; Temperature Range: 0°C to 70°C; Package: 8-MSOP CPU Supervisor with NOVRAM and Output Ports; Temperature Range: -40°C to 85°C; Package: 20-TSSOP RTC Module With CPU Supervisor
|
PCA ELECTRONICS INC.
|
SP809EK-L-3-1TR SP809NEK-L-3-1TR SP810 SP809NEK-L- |
3 Pin Microprocessor Supervisor Circuit
|
Exar Corporation
|
SG6510D1 SG6510X1 |
PC power supply supervisor to provide the voltage supervisor function, remote on/off PSON function, power good (PGO) indicator and fault protection (FPO) for switching poer systems. PC Power Supply Supervisors
|
System General (SG) ETC[ETC] List of Unclassifed Manufacturers
|
CM3404 CM3404-40ST |
Micropower Voltage Supply Supervisor (SVS) From old datasheet system MICROPOWER SUPPLY VOLTAGE SUPERVISOR (SVS)
|
California Micro Devices Corp
|
MC54F242J MC54F243J MC54_74F242 MC74F243 ON1263 MC |
Supply Voltage Supervisor w/Watchdog input, RESET, /RESET 5-SOT-23 -40 to 85 F/FAST SERIES, 4-BIT TRANSCEIVER, TRUE OUTPUT, PDSO14 Automotive Catalog Supply Voltage Supervisor w/Watchdog Input, RESET, /RESET 5-SOT-23 -40 to 125 (MC74F242 / MC74F243) QUAD BUS TRANSCEIVERS WITH 3-STATE OUTPUTS FAST SCHOTTKY TTL From old datasheet system
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola Inc] ON Semi
|
SG6513 SG6513T SG6513D SG6513TD SG6513TS SG6513S |
PC power supply supervisor to provide the voltage, current and temperature supervisor function, remote on/off PSON function, power good (PGO) indicator and fault protection (FPO) for switching poer systems. PC Power Supply Supervisors From old datasheet system
|
System General (SG) List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
FM1233E FM1233ECS3X FM1233EDS3X |
3-Pin μC Supervisor Circuit 3-Pin レC Supervisor Circuit 2.88V, Active Low Precision Reset Generator Circuit 2.72V, Active Low Precision Reset Generator Circuit
|
FAIRCHILD[Fairchild Semiconductor]
|
MAX821-MAX822 MAX822LUS-T MAX822MUS-T MAX822RUS-T |
4-Pin レP Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 SCR Thyristor; Thyristor Type:Standard Gate; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):16A; Peak Non Repetitive Surge Current, Itsm:200A; Gate Trigger Current Max, Igt:25mA RoHS Compliant: Yes 4-PIN ヌP VOLTAGE MONITORS WITH PIN-SELECTABLE POWER-ON RESET TIMEOUT DELAY 4-Pin P Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay 4-Pin ?? Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay 4-Pin μP Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay Microprocessor Voltage Monitors with Programmable Voltage Detection
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
X80144Q20I X80140 X80140Q20I X80141 X80141Q20I X80 |
Voltage Supervisor/Sequencer Quad Programmable Time Delay with Local/Remote Voltage Monitors
|
INTERSIL[Intersil Corporation]
|