PART |
Description |
Maker |
MAX4237 MAX4237A MAX4237EUT-T MAX4237BESA MAX4237A |
SOT23, Very High Precision, 3V/5V Rail-to-Rail Op Amps OP-AMP, 340 uV OFFSET-MAX, 7.5 MHz BAND WIDTH, PDSO8 "SOT23, Very High Precision, 3V/5V, Rail-to-Rail Op Amp (>5 Gain Stable)" "8-pin μMAX, Very High Precision, 3V/5V, Rail-to-Rail Op Amp (>5 Gain Stable)" SOT23 Very High Precision 3V/5V Rail-to-Rail Op Amps "?8-pin μMAX, Very High Precision, 3V/5V, Rail-to-Rail Op Amp (Unity Gain Stable)" SOT23 / Very High Precision / 3V/5V Rail-to-Rail Op Amps
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LTC6090-5-15 LTC6090-15 |
140V CMOS Rail-to-Rail Output, Picoamp Input Current Op Amp
|
Linear Technology
|
LTC6244 LTC6244CDD LTC6244CMS8 LTC6244HMS8 LTC6244 |
Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
|
Linear Technology
|
LTC6242HVHGN LTC6242HGN |
Quad 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amp; Package: SSOP; No of Pins: 16; Temperature Range: -40° to 125°C QUAD OP-AMP, 400 uV OFFSET-MAX, 12 MHz BAND WIDTH, PDSO16
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
XC221A1200MR XC221A XC221A11 XC221A1100 XC221A1100 |
1.2VInput/ Output Rail To Rail CMOS Op Amp
|
TOREX[Torex Semiconductor]
|
MAX4091 MAX4091ASA MAX4091AUA MAX4091AUK-T MAX4091 |
Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps OP-AMP, 3500 uV OFFSET-MAX, 0.5 MHz BAND WIDTH, PDSO8 Single/Dual/Quad / Micropower / Single-Supply / Rail-to-Rail Op Amps Single/Dual/Quad Micropower Single-Supply Rail-to-Rail Op Amps "Dual, Micropower, Single-Supply, Rail-to-Rail I/O Op Amp" "Single, Micropower, Single-Supply, Rail-to-Rail I/O Op Amp in SOT23" "Quad, Micropower, Single-Supply, Rail-to-Rail I/O Op Amp"
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ADC0811BJ |
Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C 模拟到数字转换器
|
Bourns, Inc.
|
AD8567 AD8567ACP AD8567ARU AD8565AKS AD8566 AD8565 |
16 V Rail-to-Rail Operational Amplifiers QUAD OP-AMP, 10000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO14 16 V Rail-to-Rail Operational Amplifiers 16 V的轨到轨运算放大
|
Analog Devices, Inc. AD[Analog Devices]
|
FAN4274IMU8X FAN4174IS5X_NL FAN4174 FAN4174IP5X_NL |
Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier OP-AMP, 6000 uV OFFSET-MAX, 4 MHz BAND WIDTH, PDSO8
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Vicor, Corp.
|
6484RPFS |
CMOS quad rail-to-rail I/O Op Amp
|
Maxwell Technologies
|
AD8594 AD8594AR AD8594ARU AD8592 AD8592ARM AD8591A |
Dual, CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifier with ±250 mA Output Current and a Power-Saving Shutdown ... Single, CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifier with ±250 mA output Current and a Power-Saving Shutdown ... CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown CMOS单电源轨到轨输入/输出运算放大器,带有关断 CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown QUAD OP-AMP, 30000 uV OFFSET-MAX, 2.2 MHz BAND WIDTH, PDSO16 CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown OP-AMP, 30000 uV OFFSET-MAX, 2.2 MHz BAND WIDTH, PDSO6 CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown DUAL OP-AMP, 30000 uV OFFSET-MAX, 2.2 MHz BAND WIDTH, PDSO10
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
|