PART |
Description |
Maker |
AD7492AR AD7492ARU-5 AD7492BR AD7492BRU-5 AD749201 |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 500kHz High Efficiency 3A Switching Regulator; Package: TO-220; No of Pins: 7; Temperature Range: 0°C to 70°C 1MSPS, 4mW Internal Ref & Clk, 12-Bit Parallel ADC 1MSPS, 4mW Internal Ref & Clk, 12-Bit Parallel ADC IC,A/D CONVERTER,SINGLE,12-BIT,SOP,24PIN 1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC 500kHz High Efficiency 3A Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: 0°C to 70°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C 500kHz High Efficiency 3A Switching Regulator; Package: TO-220; No of Pins: 7; Temperature Range: 0°C to 70°C RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS A/D CONVERTER A / D转换 500kHz High Efficiency 6A Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: -40°C to 85°C 的A / D转换
|
Analog Devices Inc NEC, Corp. Electronic Theatre Controls, Inc.
|
LTC1771 LTC17711 LTC1771ES8 LTC1771IS8 LTC1771IS8T |
10A Quiescent Current High Efficiency Step-Down DC/DC Controller 10µA Quiescent Current High Efficiency Step-Down DC/DC Controller; Package: SO; No of Pins: 8; Temperature Range: -40°C to 125°C 1 A SWITCHING CONTROLLER, PDSO8 10µA Quiescent Current High Efficiency Step-Down DC/DC Controller; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 1 A SWITCHING CONTROLLER, PDSO8 10mA Quiescent Current High Efficiency Step-Down DC/DC Controller
|
Linear Technology, Corp.
|
LTC1629 LTC1629C LTC1629I LTC1629C-PG LTC1629CG LT |
PolyPhase, High Efficiency,Synchronous Step-DownSwitching Regulator PolyPhase/ High Efficiency/ Synchronous Step-Down Switching Regulators PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS Dual LinCMOS(TM) Timer 14-SOIC
|
Linear Technology Corporation
|
LTC1436AIGN-PLL LTC1436ACGN-PLL |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS High Efficiency Low Noise Synchronous Step-Down Switching Regulators
|
http:// Linear Technology Corporation
|
ISL8014IRZ-T |
4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator; Temperature Range: -40°C to 85°C; Package: 16-QFN T&R 6.6 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PQCC16
|
Intersil, Corp.
|
NCP1050ST100 NCP1050ST44 NCP1052P136 NCP1050/D NCP |
Monolithic High Voltage Gated Oscillator Power Switching Regulator 2 A SWITCHING REGULATOR, 50 kHz SWITCHING FREQ-MAX, PDSO4 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 2 A SWITCHING REGULATOR, 154 kHz SWITCHING FREQ-MAX, PDIP8 24 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 24字符X2行,5X7点矩阵字符和光标
|
ON Semiconductor
|
LT1777ISPBF LT1777ISTR LT1777CS LINEARTECHNOLOGYCO |
Low Noise Step-Down Switching Regulator; Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
|
LINEAR TECHNOLOGY CORP
|
LINEARTECHNOLOGYCORP-LTM4600HVMPVTRPBF LTM4600HVEV |
10A High Efficiency DC/DC µModule; Package: LGA; No of Pins: 104; Temperature Range: -40°C to 125°C 10A High Efficiency DC/DC µModule; Package: LGA; No of Pins: 104; Temperature Range: -40°C to 85°C 10A High Efficiency DC/DC µModule; Package: LGA; No of Pins: 104; Temperature Range: -55° to 125°C
|
LINEAR TECHNOLOGY CORP
|
HER604 HER601 HER602 HER606 HER603 HER605 |
6.0 AMP HIGH EFFICIENCY RECTIFIERS
|
FORMOSA[Formosa MS]
|
US5K |
5.0 AMP HIGH EFFICIENCY RECTIFIERS
|
Nanjing International G...
|
HER504 HER505 HER508 HER506 HER503 HER501 HER502 H |
5.0 AMP HIGH EFFICIENCY RECTIFIERS
|
FORMOSA[Formosa MS]
|