PART |
Description |
Maker |
FQI27N25 FQB27N25 FQB27N25TMAM002 FQB27N25TMNAM002 |
250V N-Channel MOSFET(漏源电压250VN沟道增强型MOS场效应管) 25.5 A, 250 V, 0.11 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263 250V N-Channel MOSFET(漏源电压50V的N沟道增强型MOS场效应管) 250V N-Channel QFET
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
IRHG8214 2071 IRHG3214 IRHG4214 IRHG7214 IRHG8214N |
250V 100kRad Hi-Rel Quad N -Channel TID Hardened MOSFET in a MO-036AB package 0.5 A, 250 V, 2.4 ohm, 4 CHANNEL, N-CHANNEL, Si, POWER, MOSFET, MO-036AB 250V 1000kRad Hi-Rel Quad N -Channel TID Hardened MOSFET in a MO-036AB package 250V Quad N-Channel MOSFET in a MO-036AB package RADIATION HARDENED POWER MOSFET THRU-HOLE From old datasheet system
|
IRF[International Rectifier] http://
|
IRFP264 IRFP264PBF |
250V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=250V, Rds(on)=0.075ohm, Id=38A) 功率MOSFET(减振钢板基本\u003d 250V,的Rdson)\u003d 0.075ohm,身份证\u003d 38A条)
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFI634G ORFO634G |
POWER MOSFET 功率MOSFET Power MOSFET(Vdss=250V / Rds(on)=0.45ohm / Id=5.6A) 250V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFP264N IRFP264NPBF |
250V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=250V, Rds(on)=60mohm, Id=44A)
|
IRF[International Rectifier]
|
IRFN214B IRFN214BTAFP001 |
250V N-Channel B-FET 250V N-Channel MOSFET From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|
STD4NS25 7408 |
N-CHANNEL 250V - 0.9ohm - 4A DPAK/IPAK MESH OVERLAY MOSFET N-CHANNEL 250V - 0.9ohm - 4A DPAK/IPAK MESH OVERLAY⑩ MOSFET From old datasheet system N-CHANNEL 500V - 2.4 OHM - 3A TO-220/TO-220FP/DPAK/IPAK ZENER-PROTECTED SUPERMESH POWER MOSFET
|
STMicroelectronics
|
IRFS624B IRF624B IRF624 IRF624BFP001 IRFS624BFP001 |
250V N-Channel B-FET / Substitute of IRFS624 & IRFS624A 250V N-Channel B-FET / Substitute of IRF624 & IRF624A 250V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
STW52NK25Z |
N-CHANNEL 250V - 0.033 - 52A TO-247 Zener-Protected SuperMESH MOSFET N-CHANNEL 250V - 0.033з - 52A TO-247 Zener-Protected SuperMESH⑩ MOSFET N-CHANNEL 250V-0.033Ohm-52A TO-247 Zener-Protected SuperMESHMOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
FQB9P25 FQI9P25 FQB9P25TM |
250V P-Channel QFET 250V P-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|