PART |
Description |
Maker |
DS2480 |
Serial 1-Wire Line Driver
|
MAXIM - Dallas Semiconductor
|
AT24C64 AT24C64-10PC AT24C64-10PC-1.8 AT24C64-10PC |
128 x 64 pixel format, LED or EL Backlight available 2-WireSerialEEPROM ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) IC,Normally-Open PC-Mount Solid-State Relay,1-CHANNEL,M:ML043MW015 M Series (0.4") I/O Module 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 2-Wire Serial EEPROM 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 2-Wire Serial EEPROM 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 Quadruple 2-Input Positive-OR Gates 14-VQFN -40 to 85 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 2-Wire Serial EEPROM 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 16 characters x 4 Lines, 5x7 Dot Matric Character and Cursor 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 2-Wire Serial EEPROM 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 16 characters x 4 Lines, 5x7 Dot Matric Character and Cursor 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 CAP 2.2UF 16V 10% TANT SMD-3216-18 TR-13 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 Hex Buffers And Line Drivers With 3-State Outputs 16-SSOP -40 to 85 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 2-Wire Serial EEPROM 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 Quadruple 2-Input Positive-OR Gates 14-TSSOP -40 to 85 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14
|
ATMEL[ATMEL Corporation] Atmel Corp. ATMELCorporation Atmel, Corp. ATM Electronic, Corp. TE Connectivity, Ltd.
|
CAT24WC128PI-1.8REVA CAT24WC128U14-TE13REVA CAT24W |
Serial CMOS EEPROM, Full Array Write Protect, 128Kb 16K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 16K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 TSSOP-14 16K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 PLASTIC, DIP-8
|
Catalyst Semiconductor ON Semiconductor Vicor, Corp.
|
AT24C1024B08 AT24C1024B-W-11 AT24C1024BN-SH-B AT24 |
Two-wire Serial EEPROM 1M (131,072 x 8) 8-TSSOP, PB/HALO FREE,NiPdAu, 2.5V(SERIAL EE) 128K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 8-dBGA2, PB/HALO FREE,1.8V(SERIAL EE)
|
ATMEL Corporation 聚兴科技股份有限公司 Atmel, Corp.
|
MAX1036 MAX1036EKA- MAX1036-MAX1039 MAX1037 MAX103 |
2.7-5.5V; low power, 4-/12-channel 2-wire serial 8-bit ADC. For hand-held portable applications, medical instrumnets, battery-powered test equipment, solar-powered remote systems, received-signal-strength indicators, system supervision " 2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs" -2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs 2.7V to 5.5V / Low-Power / 4-/12-Channel 2-Wire Serial 8-Bit ADCs
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
BH6456GUL BH6456GUL12 |
System Lens Driver Series for Mobile Phone Cameras 2-wire serial interface Lens Driver for Voice Coil Motor(I2C BUS compatible)
|
Rohm
|
11AA080 11LC040 11LC160 11LC080 11AA010 11AA020 11 |
1K-16K UNI/O? Serial EEPROM Family Data Sheet 2K X 8 1-WIRE SERIAL EEPROM, PDIP8 2K X 8 1-WIRE SERIAL EEPROM, PDSO8
|
Microchip Technology http://
|
CAT24WC01 CAT24WC16 CAT24WC02YE-1.8 CAT24WC04ZE-1. |
128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 SOIC-8 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 LEAD AND HALOGEN FREE, PLASTIC, DIP-8 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 LEAD AND HALOGEN FREE, MSOP-8 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 LEAD AND HALOGEN FREE, MSOP-8 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 LEAD AND HALOGEN FREE, TSSOP-8 Serial EEPROM, Full Array Write Protect, 16Kb Serial EEPROM, Full Array Write Protect, 1Kb
|
NXP Semiconductors N.V. Fox Electronics Intersil, Corp. Catalyst Semiconductor
|
AT24C02AY1-10YI-2.7 AT24C04AY1-10YI-2.7 AT24C04AY1 |
256 X 8 I2C/2-WIRE SERIAL EEPROM, DSO8 4.90 X 3 MM, MSOP-8 512 X 8 I2C/2-WIRE SERIAL EEPROM, DSO8 4.90 X 3 MM, MSOP-8 2K X 8 I2C/2-WIRE SERIAL EEPROM, DSO8 4.90 X 3 MM, MSOP-8 2K X 8 I2C/2-WIRE SERIAL EEPROM, DSO8 2 X 3 MM, 0.50 MM PITCH, LEAD AND HALOGEN FREE, MO-229, DFN-8
|
Atmel, Corp.
|
|