PART |
Description |
Maker |
CD4093BC CD4093BCM CD4093BCN CD4093 |
Quadruple Operational Amplifier 14-SO -40 to 125 Quad 2-Input NAND Schmitt Trigger Quadruple Operational Amplifier 14-SOIC -40 to 125 输入与非施密特触发器
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
TDA8928J TDA8928ST |
Power stage 2 x 10 or 1 x 20 W class-D audio amplifie
|
NXP Semiconductors
|
AN6554 AN6554NS |
Quadruple Operational Amplifiers QUAD OP-AMP, 5000 uV OFFSET-MAX, PDSO14
|
Panasonic Semiconductor
|
G1584 |
Quadruple Rail-to-Rail Operational Amplifiers
|
Global Mixed-mode Technology Inc
|
NTE1868 NTE1867 |
Quadruple Operational Amplifier 14-SO 0 to 70 Integrated Circuit Hybrid Switching Voltage Regulator SWITCHING REGULATOR, 25 kHz SWITCHING FREQ-MAX, PSFM5
|
NTE Electronics, Inc. NTE[NTE Electronics]
|
3D7304 3D7304-25 3D7304-100 3D7304-15 3D7304-20 3D |
MONOLITHIC QUADRUPLE FIXED DELAY LINE Delay 25 /-1 ns, monolithic quadruple fixed delay line Delay 100 /-2 ns, monolithic quadruple fixed delay line Delay 10 /-1 ns, monolithic quadruple fixed delay line Delay 15 /-1 ns, monolithic quadruple fixed delay line Delay 20 /-1 ns, monolithic quadruple fixed delay line Delay 200 /-4 ns, monolithic quadruple fixed delay line Delay 30 /-1 ns, monolithic quadruple fixed delay line Delay 300 /-6 ns, monolithic quadruple fixed delay line Delay 40 /-1 ns, monolithic quadruple fixed delay line Delay 400 /-8 ns, monolithic quadruple fixed delay line Delay 50 /-1 ns, monolithic quadruple fixed delay line Delay 500 /-10 ns, monolithic quadruple fixed delay line
|
Data Delay Devices Inc
|
AS7C32098A AS7C32098A-20TIN AS7C32098A-10TC AS7C32 |
Hex D-Type Flip-Flops With Clear 16-TSSOP -40 to 85 128K X 16 STANDARD SRAM, 10 ns, PDSO44 Quadruple D-Type Flip-Flops With Clear 16-TVSOP -40 to 85 Quadruple D-Type Flip-Flops With Clear 16-SSOP -40 to 85 Quadruple D-Type Flip-Flops With Clear 16-SOIC -40 to 85 Quadruple D-Type Flip-Flops With Clear 16-SO -40 to 85 SRAM - 3.3V Fast Asynchronous 3.3 V 128K x 16 CMOS SRAM
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
KBPC3500G KBPC3500GW KBPC3501G KBPC3501GW KBPC3502 |
Dual Advanced LinCMOS(TM) Rail-To-Rail Operational Amplifier 8-SOIC 15,25,35阿玻璃钝化整流桥 Rail-To-Rail Low Power Advanced LinCMOS(TM) Dual Operational Amplifier 10-CFP -55 to 125 15,25,35阿玻璃钝化整流桥 15,25,35A GLASS PASSIVATED BRIDGE RECTIFIER 15,25,35阿玻璃钝化整流桥 Quadruple 2-Input Positive-AND Gates 14-PDIP -40 to 85 15,25,35阿玻璃钝化整流桥 Advanced LinCMOS(TM) Rail-To-Rail Dual Operational Amplifier 8-TSSOP -40 to 125 Dual 2-Line To 4-Line Decoders / Demultiplexers 16-TVSOP -40 to 85 3-Line To 8-Line Decoder / Demultiplexer 16-SOIC -40 to 85 Dual 2-Line To 4-Line Decoders / Demultiplexers 16-SOIC -40 to 85 15/25/35A GLASS PASSIVATED BRIDGE RECTIFIER
|
Micro Commercial Components, Corp. Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
ACT-F128K32N-090F5I ACT-F128K32N-090F5Q ACT-F128K3 |
ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module 行为F128K32高兆位闪存多芯片模 Dual retriggerable monostable multivibrators 16-PDIP 0 to 70 行为F128K32高兆位闪存多芯片模 Quadruple Bus Buffers With 3-State Outputs 14-SSOP 0 to 70 行为F128K32高兆位闪存多芯片模 Dual retriggerable monostable multivibrators 16-SOIC 0 to 70 Quadruple Bus Buffers With 3-State Outputs 14-PDIP 0 to 70 Dual retriggerable monostable multivibrators 16-SO 0 to 70 Quadruple Bus Buffers With 3-State Outputs 14-SOIC 0 to 70 Quadruple Bus Buffers With 3-State Outputs 14-SO 0 to 70
|
http:// Aeroflex, Inc. Aeroflex Inc.
|
HD14016B HD14016 |
Quadruple Analog Switch/Quadruple Multiplexer Quad Analog Switch / Quad Multiplexer Quadruple Analog Switch/Quadruple Multiplexer 四人间模拟开四人间复用器
|
HITACHI[Hitachi Semiconductor] Hitachi,Ltd.
|
LM308N8 LM308AN8 LT0108 LM308A LM308H LM108AH LM10 |
Operational Amplifiersbb From old datasheet system Operational Amplifiers??|} |
LINER[Linear Technology]
|