PART |
Description |
Maker |
M24256-B MM24256-BBN5T MM24256-BBN6T MM24256-BDL5T |
32K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 256/128 Kbit Serial I C Bus EEPROM With Three Chip Enable Lines 一百二十八分之二百五十六千位串行总线EEPROM,带有集成电路芯片启用三 HDWR ASSY ROD 2-4 MODULES SER 3 HDWR ASSY ROD 1 MODULES SER 3 HDWR NUT FASTENER SER 3 ROD ASSY TOOL HAND NUT DRIVER FOR SER 3 256/128 Kbit Serial I2C Bus EEPROM With Three Chip Enable Lines 256/128 Kbit Serial I?C Bus EEPROM With Three Chip Enable Lines 256/128 Kbit Serial IC Bus EEPROM Without Chip Enable Lines
|
STMicroelectronics N.V. EEPROM 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics SGS Thomson Microelectronics
|
74LVC1284DB-T |
256K, 32K X 8, 1.8V SER EE IND, -40C to 85C, 8-TSSOP, T/R 4位总线收发
|
Kyocera, Corp.
|
P82B715 P82B715TD P82B715PN112 P82B715TD-T |
I2C-bus extender I2C bus extender - I2C-bus: 100 kHz; Inputs: 1 ; Operating temperature: -40~85 Cel; Operating voltage: 4.5~12.0 VDC; Outputs: 1; Package: SOT97-1 (DIP8); Container: Tube SPECIALTY MICROPROCESSOR CIRCUIT, PDIP8
|
http:// NXP Semiconductors N.V.
|
NM24C32 NM24C32FN NM24C32FVM8 NM24C32FLVM8 NM24C32 |
I2C Serial EEPROM 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 I2C Serial EEPROM 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 32K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
BR24G1MF-3AGTE2 BR24G256-3A BR24G256F-3AGTE2 BR24G |
I2C BUS 1024Kbit(131072x8bit) EEPROM I2C BUS 256Kbit(32768x8bit) EEPROM I2C BUS 128Kbit(16384x8bit) EEPROM
|
ROHM
|
74LVT374PW-T 74LVT374DB-T |
16K SPI, 2K X 8, 16B PAGE, 1.8V SER EE, -40C to 85C, 8-MSOP, T/R Octal D-Type Flip-Flop
|
|
IS24C02 IS24C08 IS24C04 IS24C01 24C16 IS24C16-3PI |
16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM From old datasheet system 301K 1% 100PPM TF 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 RES 2.7 OHM 5% 0.1 W METAL FILM SMT 0805 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 RESISTOR,309,CR0805 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2线串行EEPROM中的CMOS
|
Integrated Silicon Solu... Integrated Silicon Solution Inc ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution, Inc. Integrated Silicon Solution...
|
25LC640XT-I_ST 25AA640_04 25AA640-E_P 25AA640-E_SN |
64K SPI Bus Serial EEPROM 64k, 5K X 8, 2.5V SER EE, -40C to 125C, 8-SOIC 150mil, TUBE
|
MICROCHIP[Microchip Technology]
|
BR24A02FVM-WMTR BR24A01AF-WME2 BR24A02FJ-WM BR24A0 |
Automotive I2C BUS 2Kbit(256x8bit) EEPROM Automotive I2C BUS 1Kbit(128x8bit) EEPROM Automotive I2C BUS 8Kbit(1024x8bit) EEPROM
|
ROHM
|
1-1218437-0 |
Subminiature D Pin/Socket Connectors for MIL-C-24308 and MIL-C-39029; R/A RCP ASSY 50 POS SER 109 ( AMP )
|
Tyco Electronics
|
FM24C08U_09U FM24C16U_17U FM24C02U FM24C04U_05U FM |
I2C Serial EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 I2C Serial EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 CONN HEADER .05 90POS DUAL T/H M1 - M1 CABLE 6 FEET 2K-Bit Standard 2-Wire Bus Interface Serial EEPROM From old datasheet system 2K--Bit Standard 2-Wire Bus Interface Serial EEPROM
|
http:// Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
MTAN6621-CHRG MTAN6621-HR MTAN6621-G MTAN6621-CG M |
Low Power, Single-Supply, Rail-To-Rail Operational Amplifiers MicroAmplifier(TM) Ser 8-PDIP 2.0 4x4 Bi-Color Dot Matrix Display
|
MARKTECH[Marktech Corporate] Marktech Optoelectronics
|