PART |
Description |
Maker |
Z8S18033VEC Z8S18006VEC Z8S18020VEC Z8S18010PEC Z8 |
ENHANCED Z180 MICROPROCESSOR CONN HDR INVERSE 30POS 5ROW R/A ENHANCED Z180 MICROPROCESSOR 强化Z180微处理器 CONN POWER HEADER 4ROW 8POS P-F 8-BIT, MICROPROCESSOR, PQCC68 Moldable Putty Stick; Pack Quantity:1 RoHS Compliant: Yes 8-BIT, 10 MHz, MICROPROCESSOR, PDIP64
|
ZiLOG, Inc.
|
INTEL386 KU80386EXTB-20 KU80386EXTB-25 KU80386EXTC |
Microprocessor, Intel386 core, 33MHz Microprocessor, Intel386 core, 25MHz Microprocessor, Intel386 core, 20MHz Intel386 EX Embedded Microprocessor
|
INTEL[Intel Corporation]
|
KC80524NY450128 KP80526NY500128 |
32-BIT, 500 MHz, MICROPROCESSOR, CPGA495 Microprocessor 微处理器
|
INTEL CORP Glenair, Inc.
|
R80C188XL-25 SB80C188XL-25 TN80C188XL-25 TS80C188X |
16-BIT, 25 MHz, MICROPROCESSOR, CQCC68 CERAMIC, LCC-68 16-BIT, 25 MHz, MICROPROCESSOR, PQFP80 SHRINK, QFP-80 16-BIT, 25 MHz, MICROPROCESSOR, PQCC68 PLASTIC, LCC-68 16-BIT, 25 MHz, MICROPROCESSOR, PQFP80 EIAJ, QFP-80 16-BIT, 12 MHz, MICROPROCESSOR, PQFP80 SHRINK, QFP-80 16-BIT, 12 MHz, MICROPROCESSOR, CPGA68 CERAMIC, PGA-68 16-BIT, 25 MHz, MICROPROCESSOR, CPGA68 CERAMIC, PGA-68
|
Intel, Corp.
|
80C88/883 80C88 |
Microprocessor, 8/16 Bit, CMOS, 883 Compliant, Process Speed 8MHz Microprocessor, 8/16 Bit, CMOS, Process Speed 5 and 8MHz Microprocessor 3.08V Reset Monitor, -40C to 125C, 3-SC-70, T/R 16位产品的CMOS微处理器
|
Intersil
|
ADM810JART-REEL ADM810JART-REEL-7 ADM810LART-REEL- |
0.3-6V; 20mA; 320mW; microprocessor supervisory circuit. For microprocessor systems, computers, controllers, intelligent instruments, automotive systems
|
Analog Devices
|
HS1-80C86RH-8 HS9-80C86RH-8 HS9-80C86RH-Q HS1-80C8 |
Radiation Hardened 16-Bit CMOS Microprocessor 16-BIT, 5 MHz, MICROPROCESSOR, CDFP42
|
Intersil, Corp. http://
|
XPC604ERX166LD XPC604ERX166PD |
(XPC604ERX166LD - XPC604ERX200LD) RISC Microprocessor (XPC604ERX166PD - XPC604ERX200PD) RISC Microprocessor
|
Freescale Semiconductor
|
ADM1815-10AKS-REEL ADM1815-10AKS-RL7 ADM1815-10ART |
Microprocessor Supervisory in SOT-23 with Active Low Push-Pull Output Choices Microprocessor Supervisory in SOT-23 with Active High and Low Push-Pull Output, Positive Reset Output Microprocessor Supervisory in SOT-23 with Low Active OpenDrain Output Choices Microprocessor Supervisory in SOT-23 with Active Low Open Drain Output Choices Microprocessor Supervisory in SOT-23 with Active High Push-Pull Output Microprocessor Supervisory in SOT-23 with Open Drain Output Choices 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3
|
ANALOG DEVICES INC
|
ADM70508 ADM705ARZ ADM705ARZ-REEL ADM705AN ADM705A |
Low Cost Microprocessor Supervisory Circuit; Package: SOIC; No of Pins: 8; Temperature Range: Industrial 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 Low Cost Microprocessor Supervisory Circuits 3 V, Voltage Monitoring Microprocessor Supervisory Circuit; Package: PDIP; No of Pins: 8; Temperature Range: Industrial Low Cost Microprocessor Supervisory Circuits
|
Analog Devices, Inc. ANALOG DEVICES INC
|
364TG 364B 364UYL 364UOL 364PG 364UB 364G |
Microprocessor Supervisory Reset Circuits with Edge-Triggered, One-Shot Manual Reset Surface Mount Chip LEDs 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 表面贴装芯片LED
|
Electronic Theatre Controls, Inc.
|
|