PART |
Description |
Maker |
ADM70508 ADM705ARZ ADM705ARZ-REEL ADM705AN ADM705A |
Low Cost Microprocessor Supervisory Circuit; Package: SOIC; No of Pins: 8; Temperature Range: Industrial 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 Low Cost Microprocessor Supervisory Circuits 3 V, Voltage Monitoring Microprocessor Supervisory Circuit; Package: PDIP; No of Pins: 8; Temperature Range: Industrial Low Cost Microprocessor Supervisory Circuits
|
Analog Devices, Inc. ANALOG DEVICES INC
|
70I-1A 70D-5A 70X-2/10A 72A-DUMMY 70L-6A 70M-8A 70 |
3-Pin Microprocessor Reset Circuits Full-Featured µP Supervisory Circuit with ±1.5% Reset Accuracy SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference 3.0V/3.3V Microprocessor Supervisory Circuits Telpower? Indicating Fuse and Holder 300 Volts DC ?1/10-10A Telpower Indicating Fuse and Holder
|
Cooper Bussmann, Inc.
|
6013-8110-0040 6013-9110-0040 9021 6012-9012-0040 |
RELAIS SOCKEL 11POLIG RELAY DCPO 12VAC SOT23, Low-Power Microprocessor Supervisory Circuits with Battery Backup INDUSTRIERELAIS 240V交流电DPCO SOT23, Low-Power Microprocessor Supervisory Circuits with Battery Backup 继电PCO 48VAC
|
Keystone Electronics, Corp. Glenair, Inc.
|
ADM6315-46D1ARTRL7 ADM6315-46D1ART-RL ADM6315-45D2 |
Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143; Package: SOT143; No of Pins: 4; Temperature Range: Industrial 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
|
Analog Devices, Inc. ANALOG DEVICES INC
|
ADM6711LAKS-REEL7 ADM6711LAKS-REEL ADM6713LAKS-REE |
Microprocessor Supervisory Circuit in 4-Lead SC70 Active-Low Push-Pull Output Microprocessor Supervisory Circuit in 4-Lead SC70 Active-Low Open-Drain Output
|
Analog Devices
|
364TG 364B 364UYL 364UOL 364PG 364UB 364G |
Microprocessor Supervisory Reset Circuits with Edge-Triggered, One-Shot Manual Reset Surface Mount Chip LEDs 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 表面贴装芯片LED
|
Electronic Theatre Controls, Inc.
|
LTC694IS8-3.3TR LTC694IN8-3.3PBF LTC695CN-3.3PBF L |
Microprocessor Supervisory Circuits; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 Microprocessor Supervisory Circuits; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 Microprocessor Supervisory Circuits; Package: PDIP; No of Pins: 16; Temperature Range: 0°C to 70°C 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP16 Microprocessor Supervisory Circuits; Package: PDIP; No of Pins: 16; Temperature Range: -40°C to 85°C 3.3V Microprocessor Supervisory Circuits
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
ADM8691 ADM8691AN ADM8691ARN ADM8691ARU ADM8691ARW |
Microprocessor Supervisory Circuits
|
AD[Analog Devices]
|
MAX695 |
Microprocessor Supervisory Circuits
|
MAXIM - Dallas Semiconductor
|
LTC692I |
Microprocessor Supervisory Circuits
|
Linear Technology
|
MAX690A MAX690ACPA MAX690AEPA MAX690AESA MAX690A06 |
Microprocessor Supervisory Circuits
|
Maxim Integrated Produc... Maxim Integrated Products
|