PART |
Description |
Maker |
CAT93W66 CAT93C6612KI-28TE13 CAT93W66VP2I-GT3 CAT9 |
4 kb Microwire Serial CMOS EEPROM Self?timed Write Cycle with Auto?clear 4 kb Microwire Serial CMOSEEPROM
|
ON Semiconductor
|
FM93C46 FM93C46E FM93C46V FM93C46EM8 FM93C46N FM93 |
From old datasheet system 1024-Bit Serial CMOS EEPROM (MICROWIRE⑩ Synchronous Bus) 1024-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus) Microwire Serial EEPROM 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 Monolithic Photodiode and Single-Supply Transimpedance Amplifier 8-SOP 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 1024-Bit Serial CMOS EEPROM (MICROWIRE?Synchronous Bus)
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
CAT93C86LAT2C CAT93C86LAT3C CAT93C86WIT2C CAT93C86 |
1K X 16 MICROWIRE BUS SERIAL EEPROM, DSO8 16K-Bit Microwire Serial EEPROM
|
http:// ON Semiconductor
|
AT93C46Y6-10YH-1.8 AT93C46-10SU-2.7/SL383 |
8 ULTRA THIN,MINI MAP,PB/HALO FREE,IND T(SERIAL EE) 64 X 16 MICROWIRE BUS SERIAL EEPROM, DSO8 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8
|
Atmel, Corp. ATMEL CORP
|
CAT93C76LI-G |
8 kb Microwire Serial EEPROM 512 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8
|
ON Semiconductor
|
AT93C46-10PQ-2.7 AT93C46-10TE-2.7 |
10MS, PDIP, EXT TEMP, GREEN, 2.7V(SERIAL EE) 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8
|
Atmel, Corp. ATMEL CORP
|
BR93H66RFJ-WC BR93H86RFJ-WC BR93H86RFJ-WCE2 |
Automotive Microwire BUS 4Kbit(256x16bit) EEPROM Automotive Microwire BUS 16Kbit(1024x16bit) EEPROM
|
ROHM
|
93C46A 93C46C 93LC46C 93LC46BX-E_MS 93LC46BX-E_MSG |
This datasheet is compatible with the following devices: 93AA46A/B/C, 93LC46A/B/C, and 93C46A/B/C 1K Microwire-Compatible Serial ... This datasheet is compatible with the following devices: 93AA46A/B/C, 93LC46A/B/C, and 93C46A/B/C 1K Microwire-Compatible Serial EERPOM 1K Microwire Compatible Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
93LC76 93LC76-IP 93LC76-ISN 93LC76-P 93LC76-SN 93L |
16-Bit Registered Transceivers With 3-State Outputs 56-TSSOP -40 to 85 8K/16K 2.5V的微型导线串行EEPROM 8K/16K 2.5V Microwire Serial EEPROM 8K/16K 2.5V的微型导线串行EEPROM 8K/16K 2.5V Microwire Serial EEPROM
|
Microchip Technology, Inc. MICROCHIP[Microchip Technology]
|
MAX3110 MAX3110E MAX3110ECNI MAX3110ECWI MAX3110EE |
SPI /MICROWIRE-Compatible UART and ±15kV ESD-Protected RS-232 Transceivers with Internal Capacitors SPI/MICROWIRE-Compatible UART and 15kV ESDProtected RS-232 Transceivers with Internal Capacitors SPI/MICROWIRE-Compatible UART and ±15kV ESD-Protected RS-232 Transceivers with Internal Capacitors SPI/MICROWIRE-Compatible UART and 【15kV ESDProtected RS-232 Transceivers with Internal Capacitors
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products]
|