PART |
Description |
Maker |
74ALVCH162373T 74ALVCH162373 74ALVCH162373TX |
Low Voltage 16-Bit Transparent Latch with Bushold and 26?Series Resistors in Outputs Quadruple Bus Buffer Gates With 3-State Outputs 14-SO -40 to 85 ALVC/VCX/A SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit Transparent Latch with Bushold and 26 Series Resistors in Outputs Low Voltage 16-Bit Transparent Latch with Bushold and 26з Series Resistors in Outputs From old datasheet system Low Voltage 16-Bit Transparent Latch with Bushold and 26-Ohm Series Resistors in Outputs Low Voltage 16-Bit Transparent Latch with Bushold and 26 Ohm Series Resistors in Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
5962F9584501VYC 5962H9584501VYC 5962R9584501VYC 59 |
2-Wire, Serial, 8-Bit DACs with Rail-to-Rail Outputs 5-Pin, Multiple-Input, Programmable Reset ICs Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 Low-Cost, Voltage-Output, 16-Bit DACs in µMAX 5V, Low-Power, Voltage-Output, Serial 12-Bit DACs Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in µMAX Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23 Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in µMAX x8的SRAM x8 SRAM x8的SRAM
|
Analog Devices, Inc. California Micro Devices Corporation
|
TMP91PW12F |
Low-Voltage/Low Power CMOS 16-Bit Micro-controller 16-Bit Microcontroller TLCS-900 Family
|
Toshiba
|
TC7MPB9307FK TC7MPB9307FT |
P SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20 Low Voltage/Low Power 8-Bit Dual Supply Bus Switch
|
Toshiba Semiconductor
|
AM29SL800B AM29SL800BB170EC AM29SL800BB170ECB AM29 |
High Speed CMOS Logic Octal Inverting Bus Transceiver with 3-State Outputs 20-CDIP -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-CDIP -55 to 125 High Speed CMOS Logic Quad 2-Input EXCLUSIVE OR Gates 14-CDIP -55 to 125 4-Bit Magnitude Comparator 16-CDIP -55 to 125 High Speed CMOS Logic Dual Positive-Edge Trigger D Flip-Flops with Set and Reset 14-CDIP -55 to 125 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 200 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 170 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 200 ns, PDSO48
|
Advanced Micro Devices, Inc.
|
ST6210L ST6210LB1 ST6210LM1 ST6220L ST6220LB1 ST62 |
LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 20 PINS 低电压的8ROM微控制器使用A / D转换器和20图钉 LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 20 PINS 低电压的8位ROM微控制器使用A / D转换器和20图钉 (ST6208L - ST6220L) LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 20 PINS From old datasheet system
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
BXA15-48T05-12F BXA15-24T05-12F BXA15-48T05-15F BX |
Low voltage CMOS 16-bit bus transceiver (3-state) with 3.6V tolerant inputs and outputs Low voltage CMOS 16-bit bus buffer (3-state inv.) with 3.6V tolerant inputs and outputs Low voltage CMOS 16-bit bus buffer (3-state) with 3.6V tolerant inputs and outputs Low voltage BICMOS 16 bit bus buffer with bus hold and power up 3-state 模拟IC
|
Advanced Interconnections, Corp.
|
P87C52SFAA P80C31SBAA P80C51SBAA P87C51SBAA P80C51 |
80C51 8-bit microcontroller family 4 K-8 K OTP-ROM low voltage (2.7 V-5.5 V), low power, high speed (33 MHz), 128-256 B RAM 80C51 8-bit microcontroller family 4 K/8 K OTP/ROM low voltage (2.7 V?.5 V)
|
NXP Semiconductors N.V.
|
MAX5170 MAX5170AEEE MAX5170BEEE MAX5172AEEE MAX517 |
Low-Power, Serial, 14-Bit DACs with Voltage Output SERIAL INPUT LOADING, 18 us SETTLING TIME, 14-BIT DAC, PDSO16 Low-Power / Serial / 14-Bit DACs with Voltage Output
|
Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products]
|
MAX6840 MAX6839 MAX6838 MAX6837 MAX6836 MAX6835 MA |
1.575 V, 210 ms, ultra-low-voltage voltage detector and mP reset circuit 16-Bit Shift Registers 24-CDIP -55 to 125 8-Bit Identity/Magnitude Comparators 20-LCCC -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-CDIP -55 to 125 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-CFP -55 to 125 超低电压SC70封装电压检测器和レP复位电路 Ultra-Low-Voltage SC70 Voltage Detectors and µP Reset Circuits 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 Ultra-Low-Voltage SC70 Voltage Detectors and レP Reset Circuits 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 Ultra-Low-Voltage SC70 Voltage Detectors and µP Reset Circuits 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 Ultra-Low-Voltage SC70 Voltage Detectors and レP Reset Circuits 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 Ultra-Low-Voltage SC70 Voltage Detectors and µ.P Reset Circuits Ultra-Low-Voltage SC70 Voltage Detectors and μP Reset Circuits Ultra-Low-Voltage SC70 Voltage Detectors and ?P Reset Circuits Ultra-Low-Voltage SC70 Voltage Detectors and P Reset Circuits Ultra-Low-Voltage SC70 Voltage Detectors and ?? Reset Circuits 1.050 V, 0.07 ms, ultra-low-voltage voltage detector and mP reset circuit 1.313 V, 0.07 ms, ultra-low-voltage voltage detector and mP reset circuit 1.575 V, 0.07 ms, ultra-low-voltage voltage detector and mP reset circuit 1.050 V, 219 ms, ultra-low-voltage voltage detector and mP reset circuit 1.313 V, 210 ms, ultra-low-voltage voltage detector and mP reset circuit
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Produc... MAXIM - Dallas Semiconductor
|
FXLA0104 FXLA0104QFX |
Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels,
|
Fairchild Semiconductor
|