PART |
Description |
Maker |
24LC32AX 24AA32A 24LC32AT-I_SM 24LC32AT-I_SMG 24LC |
The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I<SUP>2</SUP>C compatible 2-wire serial ... The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I2C compatible 2-wire serial interface bus. The 24AA32A features a page-write capability of up to 32 bytes of data and is capable of both r 32K I2C Serial EEPROM The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I2C compatible 2-wire serial ... 32KIC Serial EEPROM 32K 1.8V I2C Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
FM25C041 FM25C041U FM25C041UE FM25C041UV FM25C041U |
SERIAL EEPROM|512X8|CMOS|SOP|8PIN|PLASTIC 512 X 8 SPI BUS SERIAL EEPROM, PDSO8 4K-Bit SPI⑩ Interface Serial CMOS EEPROM 4K-Bit SPI Interface Serial CMOS EEPROM From old datasheet system 4K-Bit SPI?/a> Interface Serial CMOS EEPROM
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] http://
|
AM2855DMB AM2857DM |
AM28 SERIES, 128-BIT RIGHT SERIAL IN SERIAL OUT SHIFT REGISTER, TRUE OUTPUT, CDIP16 512-BIT RIGHT SERIAL IN SERIAL OUT SHIFT REGISTER, TRUE OUTPUT, CDIP8
|
ADVANCED MICRO DEVICES INC
|
MAX535 MAX5351ACPA MAX5351ACUA MAX5351AEPA MAX5351 |
Low-Power 13-Bit Voltage-Output DACs with Serial Interface Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:23-35 RoHS Compliant: No Low-Power / 13-Bit Voltage-Output DACs with Serial Interface Low-Power, 13-Bit Voltage-Output DACs with Serial Interface SERIAL INPUT LOADING, 16 us SETTLING TIME, 13-BIT DAC, PDSO8 Low-Power, 13-Bit Voltage-Output DACs with Serial Interface SERIAL INPUT LOADING, 16 us SETTLING TIME, 13-BIT DAC, PDIP8
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
FM24C04 FM24C04U FM24C04UE FM24C04UL FM24C04ULZ FM |
I2C Serial EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 I2C Serial EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 CONN HEADER .05 80POS DUAL SMD 4K-Bit Standard 2-Wire Bus Interface Serial EEPROM From old datasheet system 4K--Bit Standard 2-Wire Bus Interface Serial EEPROM
|
http:// Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
MAX532 MAX532ACPE MAX532ACWE MAX532AEPE MAX532AEWE |
Dual, Serial Input, Voltage-Output, Multiplying, 12-Bit DAC Dual, Serial-Input, Voltage-Output, 12-Bit MDAC Dual, Serial-Input,
Voltage-Output, 12-Bit MDAC Dual / Serial-Input / Voltage-Output / 12-Bit MDAC Single Universal Serial Bus Port Transient Suppressor 6-SOT-23 -40 to 85
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ULA6102N UL1102N UL1101N UL1101 UL1102 ULA6102 |
2 Kbit serial I²C bus EEPROM for DIMM serial presence detect 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE® serial access EEPROM PARAMETRY DOPUSZCZALNE Dwa wzmacniacze rnicowe
|
List of Unclassifed Manufacturers ETC[ETC] Ultra CEMI
|
AD9212BCPZRL7-40 AD9212BCPZRL7-65 AD9212-65EBZ AD9 |
Octal, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter 8-CH 10-BIT FLASH METHOD ADC, SERIAL ACCESS, QCC64
|
Analog Devices, Inc.
|
SPT7830 SPT7830SCS SPT7830SCU SPT7830SIS |
10-BIT, 2.5 MSPS, SERIAL OUTPUT A/D CONVERTER 1-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 From old datasheet system
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MAX1239KEEE-T |
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs 12-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16
|
Maxim Integrated Products, Inc.
|
MAX170 MAX170CCPA MAX170CCWE MAX170CEPA MAX170CEWE |
Serial Output 5.6us 12-Bit A/D Converter 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDIP8
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|