PART |
Description |
Maker |
PLF0E331MCO8 |
Aluminum Polymer Radial Lead Capacitor; Capacitance: 330uF; Voltage: 2.5V; Case Size: 6.3x8.5 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 2.5 V, 330 uF, THROUGH HOLE MOUNT
|
Nichicon, Corp.
|
GBS4B GBS4M GBS4A GBS4D GBS4G GBS4J GBS4K |
Silicon-Bridge Rectifiers Aluminum Polymer Radial Lead Capacitor; Capacitance: 470uF; Voltage: 10V; Case Size: 10x13 mm; Packaging: Bulk Aluminum Polymer Radial Lead Capacitor; Capacitance: 270uF; Voltage: 10V; Case Size: 8x12 mm; Packaging: Bulk
|
Diotec Elektronische DIOTEC[Diotec Semiconductor] Diotec Semiconductor AG
|
HYS72D32300GBR-5-C HYS72D64320GBR-5-C HYS72D64300G |
Aluminum Polymer Radial Lead Capacitor; Capacitance: 820uF; Voltage: 2.5V; Case Size: 8x12 mm; Packaging: Bulk Aluminum Polymer Radial Lead Capacitor; Capacitance: 820uF; Voltage: 2.5V; Case Size: 8x9 mm; Packaging: Bulk Aluminum Polymer Radial Lead Capacitor; Capacitance: 560uF; Voltage: 4V; Case Size: 8x12 mm; Packaging: Bulk 184针注册双倍数据速率SDRAM模块
|
Infineon Technologies AG
|
337AVG025MFBJ |
Radial lead aluminum polymer capacitors
|
Illinois Capacitor, Inc...
|
FP-2R5RE821M-R5P FP-2R5RE152M-R5CG FP-2R5RE152M-R5 |
CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 2.5 V, 820 uF, THROUGH HOLE MOUNT RADIAL LEADED, LEAD FREE CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 2.5 V, 1500 uF, THROUGH HOLE MOUNT RADIAL LEADED, LEAD FREE CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 4 V, 820 uF, THROUGH HOLE MOUNT RADIAL LEADED, LEAD FREE
|
Fujitsu, Ltd. Toshiba, Corp.
|
UHE1C472MHD UHE1J820MPD UHE2A121MHD6 UHE2A271MHD U |
Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 4700uF; Voltage: 16V; Case Size: 16x13.5 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 4700 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 82uF; Voltage: 63V; Case Size: 8x15 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 82 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 120uF; Voltage: 100V; Case Size: 12.5x20 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 100 V, 120 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 270uF; Voltage: 100V; Case Size: 12.5x35.5 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 100 V, 270 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 180uF; Voltage: 100V; Case Size: 18x15 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 100 V, 180 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 2700uF; Voltage: 16V; Case Size: 12.5x31.5 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 2700 uF, THROUGH HOLE MOUNT
|
Nichicon, Corp.
|
SC30-040 SC30-050 SC30-065 SC30-075 SC30-090 SC30- |
Radial Lead Resettable Polymer PTCs
|
Socay Electornics Co., Ltd.
|
JK16-1400 JK16-300 JK16-700 JK16-1100 JK16-1200 JK |
Radial Lead Resettable Polymer PTCs
|
UN Semiconducctor INC
|
NSPZR821M4.0V10X12.5 |
CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, 4 V, 820 uF, THROUGH HOLE MOUNT RADIAL LEADED
|
NIC Components, Corp.
|
PLS0E331MCO8 |
CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 2.5 V, 330 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT
|
Nichicon, Corp.
|
|