PART |
Description |
Maker |
CMRDM3590 |
SURFACE MOUNT DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET 160 mA, 20 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET ROHS COMPLIANT PACKAGE-6
|
Central Semiconductor Corp Central Semiconductor, Corp.
|
CPH3307 |
P-Channel Silicon MOSFET Ultrahigh-Speed Switching Applications N-Channel Silicon MOSFET
|
SANYO[Sanyo Semicon Device]
|
2SK1450 |
20 A, 450 V, 0.3 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-3PB N-Channel Silicon MOSFET Ultrahigh-Speed Switching Applications
|
Sanyo
|
FDS898407 FDS8984 |
N-Channel PowerTrench? MOSFET N-Channel PowerTrench庐 MOSFET N-Channel PowerTrench㈢ MOSFET N-Channel PowerTrench MOSFET 30V, 7A, 23mOhm 7 A, 30 V, 0.032 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp.
|
FW905 |
N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device 7 A, 20 V, 0.024 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET
|
Sanyo Semicon Device SANYO SEMICONDUCTOR CO LTD
|
3SK231 3SK231U1C 3SK231U1D |
N-Channel Silicon Dual-Gate MOSFET(应用于RF放大器的N沟道双门MOSFET) 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit TRANSISTOR | MOSFET | N-CHANNEL | 18V V(BR)DSS | 25MA I(D) | SOT-143R
|
NEC Corp.
|
3N191 X3N190-91 3N190 3N190-91 X3N191 |
50 mA, 40 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 30V N-Channel PowerTrench MOSFET Dual P-Channel Enhancement Mode MOSFET General Purpose Amplifier
|
Calogic LLC Calogic LLC CALOGIC[Calogic, LLC]
|
MIC94030 MIC94030BM4 MIC94031BM4 4030B MIC94031 |
TinyFET P-Channel MOSFET(TinyFET???P娌??澧?己??OS?烘?搴??) TinyFETP-Channel MOSFET Preliminary Information TinyFETP沟道MOSFET的初步信 10000 SYSTEM GATE 3.3 VOLT LOGIC CELL AR - NOT RECOMMENDED for NEW DESIGN TinyFET P-Channel MOSFET(TinyFET技P沟道增强型MOS场效应管) TinyFET P-Channel MOSFET Preliminary Information TinyFET⑩ P-Channel MOSFET Preliminary Information TinyFET?/a> P-Channel MOSFET Preliminary Information
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
FMC05N50E |
N-CHANNEL SILICON POWER MOSFET 5 A, 500 V, 1.5 ohm, N-CHANNEL, Si, POWER, MOSFET T-PACK(S), 3 PIN
|
Fuji Electric Holdings Co., Ltd.
|
CPH5801 |
MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode DC/DC Converter Applications
|
SANYO[Sanyo Semicon Device]
|