PART |
Description |
Maker |
2SK3598-01 |
N-CHANNEL SILICON POWER MOSFET Super FAP-G Series
|
Fuji Electric
|
V175LA10C V175LA20C V175LA20CX425 V320LA40C C-III |
C-III Varistor Series -Ⅲ压敏电阻系
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
69376-2 169422-1 |
REMARKS HANDTOOL FOR M.SERIES TYPE III CONTACTS
|
Tyco Electronics
|
MJH16018 MJ16018 |
NPN SILICON POWER TRANSISTORS 1.5KV SWITCHMODE III SERIES
|
MOTOROLA[Motorola, Inc]
|
A62S6308 A62S6308G-10S A62S6308G-10SI A62S6308G-70 |
Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVPS00; No. of Contacts:53; Connector Shell Size:23; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Body Style:Straight Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVPS00; No. of Contacts:3; Connector Shell Size:9; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Body Style:Straight TV 46C 40#20 4#16 2#8(COAX) TV 19C 19#12 PIN RECP Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVPS00; Number of Contacts:53; Connector Shell Size:23; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Body Style:Straight 64K X 8 BIT LOW VOLTAGE CMOS SRAM
|
AMIC Technology Corporation AMICC[AMIC Technology]
|
D3899924WD35SA D38999-20FC98PN D38999-20FE35SN D38 |
MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
|
Amphenol Corporation
|
ABAC26F1135PNM09 ABAC26F1335SNM09 ABAC26F1535PNM09 |
Cylindrical 38999 Series III Connectors with PC tail Cylindrical 38999 Series III Connectors with PC tail
|
List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
EP3C120F484C7 EP3C5E144C6ES EP3C16E144C6ES EP3C25E |
Cyclone III Device Handbook This section provides a complete overview of all features relating to the Cyclone III device family Chapter Revision Dates Cyclone III Device Family Overview Cyclone III Device Family Overview
|
Altera Corporation
|
SC2092-600-15 SC2092 SC2092-400-15 |
Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVS06; Number of Contacts:55; Connector Shell Size:23; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight 矽控整流 Pressure Transducer, Series 19 mm, Uncompensated, Pressure Range: 0 psi to 30 psi, Absolute, flush mount, 10 Vdc excitation SILICON CONTROLLED RECTIFIERS
|
Transys Electronics, Ltd. Transys Electronics Ltd. TRSYS[TRSYS]
|
K9F4008W0A-TCB0 K9F4008W0A-TIB0 |
Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVPS00; No. of Contacts:37; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Body Style:Straight 12k × 8位NAND快闪记忆
|
SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
1MB08D-120 |
Fuji Discrete Package IGBT Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TV07; Number of Contacts:11; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Jam Nut Receptacle; Body Style:Straight
|
FUJI ELECTRIC HOLDINGS CO., LTD.
|
H1084E H1084-3.3E |
Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TV06; No. of Contacts:24; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight 5A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
|
HSMC CORP. Hi-Sincerity Mocroelectronics Hi-Sincerity Microelectronics
|