PART |
Description |
Maker |
2SJ226 |
Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 543-0503-0 00; No. of Positions: 8; Connector Type: Wire Very High-Speed Switching Applications
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
ESJC30 |
Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 543-0551-3 00; Connector Type: Wire; Contact Gender HIGH VOLTAGE SILICON DIODE
|
FUJI ELECTRIC HOLDINGS CO., LTD. FUJI[Fuji Electric]
|
2SJ602 2SJ602-S 2SJ602-ZJ 2SJ602-Z |
MOS FIELD EFFECT TRANSISTOR Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 543-0632-3 00; No. of Positions: 30; Connector Type Pch power MOSFET 60V RDS(on)MAX=73m ohm TO-220AB,TO-262,TO-263
|
NEC Corp.
|
HGT1S20N60C3S HGTG20N60C3 HGTP20N60C3 G20N60C3 HGT |
45 A, 600 V, UFS N-Channel IGBT Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 543-0654-6 53 45 A, 600 V, N-CHANNEL IGBT, TO-263AB 45A, 600V, UFS Series N-Channel IGBT 5A00V的,的ufs系列N沟道IGBT
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
HIF3F-10PA-2.54DS HIF3F-10PA-2.54DSA HIF3F-16PA-2. |
Box type Pin Header to Prevent Mis-insertion 箱式排针防止误插
|
TE Connectivity, Ltd. HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC.
|
5962-9210901HZX ATW2805D ATW2805D_CH ATW2805D_ES A |
Hi-Rel DC-DC Standard Dual Converter in a ATW package 高可靠性的DC - DC标准在ATW包双转换 ER 3C 1#16 2#8 SKT RECP BOX 先进的模拟混合,高度可靠的DC / DC转换 ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS 先进的模拟混合,高度可靠的DC / DC转换 ER 24C 24#16 PIN RECP ER 24C 24#16 SKT RECP AC 9C 6#12 3#8 SKT RECP BOX DC to DC Converter ER 7C 7#8 SKT RECP BOX ER 7C 7#8 PIN RECP From old datasheet system
|
International Rectifier, Corp. http:// IRF[International Rectifier]
|
IRF100 IRF400 IRF250 IRF150 IRF200 IRN50S IRN100 I |
GT 3C 3#16S PIN PLUG 50W to 500W High Power Wire Wound Resistirs Flat Shaped Aluminum Housed (IRF150 - IRF500) 50W to 500W HIGH POWER WIRE WOUND RESISTORS FLAT SHAPED ALUMINUM HOUSED
|
Nikkohm Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers N.A. ETC[ETC]
|
AM108 AM156 AM101 AM158 AM100 AM1010 AM102 AM104 A |
Circular Connector; No. of Contacts:26; Series:MS27505; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:17; Circular Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:17-26 RoHS Compliant: No LJT 6C 6#12 SKT REAR BOX MTG LJT 8C 8#16 PIN RECP Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:17-35 RoHS Compliant: No Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:15-5 RoHS Compliant: No Silicon Miniature Single-Phase Bridge
|
Comchip Technology Co., Ltd. COMCHIP[Comchip Technology]
|
127178MA050G210ZR 127183MA020G210ZR |
1.27mmX1.27mm BOX HEADER S.M.D TYPE 1.27mm 1.27mm BOX HEADER SMD TYPE
|
SUYIN USA, INC.
|
BHR-XX-VTA-SL |
BOX HEADER
|
Adam Technologies, Inc.
|