PART |
Description |
Maker |
IRL3714L IRL3714S IRL3714 IRL3714STRR |
TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 36A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 20V的五(巴西)直| 36A条(丁)|63AB HEXFET? Power MOSFET Power MOSFET(Vdss=20V, Rds(on)max=20mohm, Id=36A) 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. http:// IRF[International Rectifier]
|
OC70 OC75 OC66 2N217 OC74 OC65 OC73 OC76 OC77 OC78 |
TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 10MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 150MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 300MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 16V V(BR)CEO | 300MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 250MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 200MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 10V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 1A I(C) | TO-5 TRANSISTOR | BJT | PNP | 35V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 1A I(C) | TO-5 68HC11/Bidirectional-Compatible µP Reset Circuit TRANSISTOR | BJT | PNP | 18V V(BR)CEO | 500MA I(C) | TO-5 晶体管|晶体管|进步党| 18V的五(巴西)总裁| 500mA的一(c)|
|
APEM SA
|
2SD2144S 2SD2114K 2SD2114K_1 2SD2144STPV 2SD2114KS |
High-current Gain Medium Power Transistor (20V, 0.5A) 500 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
ROHM[Rohm]
|
DXTP19020DP5 DXTP19020DP5-13 DXTP19020DP5-15 |
20V PNP HIGH GAIN TRANSISTOR PowerDI?5 20V PNP HIGH GAIN TRANSISTOR PowerDI垄莽5 Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors
|
Diodes Incorporated
|
ZXTN25020CFHTA ZXTN25020CFH |
20V, SOT23, NPN medium power transistor
|
ZETEX[Zetex Semiconductors]
|
ZXTP25020DFLTA ZXTP25020DFL |
20V, SOT23, PNP low power transistor
|
ZETEX[Zetex Semiconductors]
|
ZXTP19020CFF ZXTP19020CFFTA |
20V, SOT23F, PNP medium power transistor
|
ZETEX[Zetex Semiconductors]
|
ZXTN19020CFF ZXTN19020CFFTA |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 20V, SOT23F, NPN high gain power transistor
|
Diodes Incorporated
|
WPT2N31-6TR |
Single, PNP, -30V, -3A, Power Transistor with 20V N-MOSFET
|
TY Semiconductor Co., Ltd TY Semiconductor Co., L...
|