PART |
Description |
Maker |
BAS7004LT1 |
CASE 318-08, STYLE 12 SOT-23 TO-236AB CASE 318-08 STYLE 12 SOT-23 TO-236AB
|
Motorola, Inc. MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
BC857BWT1 BC857AWT1 BC858BWT1 BC856BWT1 BC858AWT1 |
CASE 419-02, STYLE 3 SOT-323/SC-70 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR CASE 419-02, STYLE 3 SOT-323/SC-70 100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR CASE 419-02/ STYLE 3 SOT-323/SC-70 CASE 419-02 STYLE 3 SOT-323/SC-70
|
Motorola Mobility Holdings, Inc. Motorola Inc MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
BAW56LT1 ON0137 BAW56 |
Monolithic Dual Switching Diode Common Anode CASE 318-08,STYLE12 SOT-23(TO-236AB) From old datasheet system
|
ON Semi MOTOROLA[Motorola, Inc]
|
BAV70WT1 ON0133 |
From old datasheet system CASE 419-02, STYLE 5 SC-70/SOT-323
|
MOTOROLA[Motorola, Inc]
|
2N5555 ON0063 |
CASE 29.04, STYLE 5 TO-92 (TO-226AA) CASE 29-4, STYLE 5TO-2 (TO-26AA) From old datasheet system JFET Switching
|
MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
2N5087 ON0053 2N5087/D |
CASE 29.04/ STYLE 1 TO-92 (TO-226AA) 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset Motorola Preferred Device From old datasheet system CASE 29.04, STYLE 1 TO-92 (TO-226AA)
|
Motorola Inc Motorola, Inc. ON Semi
|
BC846AWT1 BC847AWT1 ON0161 BC848BWT1 BC848AWT1 BC8 |
General Purpose Transistors(NPN Silicon) 100 mA, 65 V, NPN, Si, SMALL SIGNAL TRANSISTOR CASE 419-2, STYLE 3 SOT-23/SC-0 From old datasheet system
|
ONSEMI[ON Semiconductor]
|
ST95P08 ST95P08B1TR ST95P08B3TR ST95P08B6TR ST95P0 |
MOSFET, P, SOT-23; Transistor type:MOSFET; Current, Id cont:3A; Resistance, Rds on:0.05R; Voltage, Vgs Rds on measurement:4.5V; Case style:SOT-23 (TO-236); Current, Id max:3.0A; Current, Idm pulse:12A; Marking, SMD:M5; Pins, No. RoHS Compliant: Yes 8 Kbit Serial SPI EEPROM with Positive Clock Strobe
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
BAS16LT1 ON0114 |
CASE 31808, STYLE 8 SOT23 (TO236AB) SILICON, SIGNAL DIODE, TO-236AB CASE 31808/ STYLE 8 SOT23 (TO236AB) From old datasheet system
|
Motorola Mobility Holdings, Inc. Motorola Inc MOTOROLA[Motorola, Inc]
|
X9315 X9315WSZ-2.7 X9315TM X9315TM-2.7 X9315TMI X9 |
:SEMITOP 3; Centres, fixing:52.5mm; Current, Ic av:40A; Current, Ic continuous b max:32A; RoHS Compliant: Yes max:2.1V; Case style:SEMITOP 4; Current, Icm pulsed:100A; Temperature, Tj RoHS Compliant: Yes THYRISTOR MODULE, 3 PHASETHYRISTOR MODULE, 3 PHASE; Voltage, Vrrm:1600V; Case style:SEMITOP 3; Current, It rms:68A; Current, Itsm:450A; Voltage, Vgt :SEMITOP-4; Voltage, Vceo:1200V; Voltage, Vce sat max:2.15V; Current, Ic continuous a continuous a max:17A; Voltage, Vce sat max:2.5V; Case style:SEMITOP 3; Current, Icm RoHS Compliant: Yes IGBT MODULE, H BRIDGE 1200VIGBT MODULE, H BRIDGE 1200V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:1200V; Voltage, Vce sat max:3.2V IGBT MODULE, DUAL 600V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:600V; Voltage, Vce sat max:2V; Current, Ic continuous a max:54A IGBT MODULE, CHOPPER 1200VIGBT MODULE, CHOPPER 1200V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:1200V; Voltage, Vce sat max:3V IGBT MODULE 6 PACK 114A 1200V TRENCHIGBT MODULE 6 PACK 114A 1200V TRENCH; Transistor type:3-phase bridge inverter; Case style:SEMITOP-4; Voltage :SEMITOP 2; Centres, fixing:38mm; Current, Ic av:23A; Current, Ic continuous b max:15A; RoHS Compliant: Yes IGBT MODULE, 6 PACK 1200VIGBT MODULE, 6 PACK 1200V; Transistor type:IGBT; Case style:SEMITOP 3; Voltage, Vceo:1200V; Voltage, Vce sat max:2.1V IGBT MODULE, DUAL 1200VIGBT MODULE, DUAL 1200V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:1200V; Voltage, Vce sat max:3V; Current, Ic MOSFET MODULE, 6 PACK 75VMOSFET MODULE, 6 PACK 75V; Transistor type:MOSFET; Transistor polarity:N; Voltage, Vds max:100V; Case style:SEMITOP 2 RECTIFIER SCHOTTKY SINGLE 1A 70V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/AMMO DIODE SCHOTTKY SINGLE 10V 150mW 0.37V-vf 30mA-IFM 1mA-IF 1uA-IR SOT-523 3K/REEL IGBT MODULE, DUAL 600V; Transistor type:IGBT; Case style:SEMITOP 1; Voltage, Vceo:600V; Voltage, Vce sat max:2V; Current, Ic continuous a max:30A; Current, Icm pulsed:24A; Power, Pd:1400W; Time, rise:35ns; Centres, fixing:28.5mm; Low Noise, Low Power, 32 Taps 10K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDIP8 IGBT MODULE 6 PACK 96A 600V TRENCHIGBT MODULE 6 PACK 96A 600V TRENCH; Transistor type:3-phase bridge inverter; Case style:SEMITOP-4; Current, Ic continuous a max:100A IGBT MODULE, 6 PACK 1200VIGBT MODULE, 6 PACK 1200V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:1200V; Voltage, Vce sat max:2.1V; Current, Ic continuous a max:22A; Current, Icm pulsed:44A; Power, Pd:1600W; Time,
|
http:// INTERSIL[Intersil Corporation] Intersil, Corp.
|
SRU6025-100Y SRU6025-150Y SRU6025-151Y SRU6025-220 |
CHOKE, POWER, SHIELDED, 10UH; Inductor type:Shielded Power Choke; Inductance:10uH; Tolerance, inductance:30%; Resistance:57mR; Frequency, resonant:25MHz; Case style:SMD Shielded; Q factor:8; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 15UH; Inductor type:Shielded Power Choke; Inductance:15uH; Tolerance, inductance:30%; Resistance:86mR; Frequency, resonant:22MHz; Case style:SMD Shielded; Q factor:12; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 150UH; Inductor type:Shielded Power Choke; Inductance:150uH; Tolerance, inductance:30%; Resistance:770mR; Frequency, resonant:5MHz; Case style:SMD Shielded; Q factor:30; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 22UH; Inductor type:Shielded Power Choke; Inductance:22uH; Tolerance, inductance: /-30%; Resistance:130mR; Frequency, resonant:18MHz; Case style:SMD Shielded; Q factor:12; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 220UH; Inductor type:Shielded Power Choke; Inductance:220uH; Tolerance, inductance:30%; Resistance:1250mR; Frequency, resonant:4MHz; Case style:SMD Shielded; Q factor:20; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 33UH; Inductor type:Shielded Power Choke; Inductance:33uH; Tolerance, inductance:30%; Resistance:180mR; Frequency, resonant:12MHz; Case style:SMD Shielded; Q factor:12; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 4.7UH; Inductor type:Shielded Power Choke; Inductance:4.7uH; Tolerance, inductance: /-30%; Resistance:35mR; Frequency, resonant:42MHz; Case style:SMD Shielded; Q factor:8; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 68UH; Inductor type:Shielded Power Choke; Inductance:68uH; Tolerance, inductance: /-30%; Resistance:365mR; Frequency, resonant:8MHz; Case style:SMD Shielded; Q factor:10; Material, core:Ferrite DR/RI; RoHS Compliant: Yes
|
BOURNS INC
|
|