PART |
Description |
Maker |
24LC16 24LC16B 24LC16B-MT 24LC08B-MT 24LC08BMODULE |
8K/16K I 2 C Serial EEPROMs in ISO Micromodules 8K/16K的I 2 C⑩在ISO微型模块串行EEPROM 16K IIC Serial EEPROMs in ISO micromoduls(16K1M次擦写周ISO模块) 8K/16K IIC Sserial EEPROMs in ISO micromoduls(8K1M次擦写周ISO模块) 8K/16K I 2 C ?Serial EEPROMs in ISO Micromodules 8K/16KI2CSerialEEPROMsinISOMicromodules
|
Microchip Technology, Inc. MicrochipTechnology Microchip Technology Inc. http://
|
24C128 AT24C128 AT24C128-10CC AT24C128-10CC-1.8 AT |
2-WireSerialEEPROMs 128 x 64 pixel format, LED or EL Backlight available BOX WATERTIGHT 4.70X4.70X1.1,1 Triple 3-Input Positive-NOR Gate 14-TSSOP -40 to 85 Quadruple 2-Input Positive-OR Gates 14-SOIC -40 to 85 122 x 32 pixel format, Compact LCD size Replaced by SN74LV32A : Quadruple 2-Input Positive-OR Gate 14-SSOP -40 to 85 Replaced by SN74LV32A : Quadruple 2-Input Positive-OR Gate 14-SOIC -40 to 85 2-Wire Serial EEPROMs 16K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 2-Wire Serial EEPROMs 2线串行EEPROM 2-Wire Serial EEPROMs 16K X 8 I2C/2-WIRE SERIAL EEPROM, DSO8 2-Wire Serial EEPROMs 32K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 2-Wire Serial EEPROMs
|
http:// ATMEL[ATMEL Corporation] ATMELCorporation Atmel Corp. Atmel, Corp.
|
BR9016AF-W BR9016ARFVM-W BR9016ARFV-W BR9080ARFV B |
8k/ 16k bit EEPROMs for direct connection to serial ports 8k 16k bit EEPROMs for direct connection to serial ports 8k, 16k bit EEPROMs for direct connection to serial ports 分为8K6K,可直接连接到串行端口位的EEPROM 512 X 16 4-WIRE SERIAL EEPROM, PDSO8 1K X 16 4-WIRE SERIAL EEPROM, PDSO8
|
ROHM[Rohm] Rohm Co., Ltd.
|
BR9016RFV BR9016F BR9016 BR9080F BR9080RFV BR9080 |
8k, 16k bit EEPROMs for direct connection to serial ports 8k 16k bit EEPROMs for direct connection to serial ports 8k, 16k bit EEPROMs for direct connection to serial ports 分为8K6K,可直接连接到串行端口位的EEPROM
|
ROHM[Rohm] Rohm Co., Ltd.
|
IN24LC16 |
16K 2.5V CMOS Serial EEPROMs
|
IK Semiconductor
|
CTK24BC02Q8 |
2-Wire Serial EEPROMs 1K - 2K - 4K - 8K - 16K
|
CYStech Electronics
|
AT93C46 AT93C46-10PC AT93C46-10PC-1.8 AT93C46-10PC |
3-Wire Serial EEPROMs 3线串行EEPROM 3-Wire Serial EEPROMs 128 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 16 Characters x 4 Lines, 5x7 Dot Matrix Character and Cursor 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 CONN UHF JACK 4 HOLE FLANGE MT 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 122 x 32 pixel format, Compact LCD size 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 3-Wire Serial EEPROMs 256 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 3-Wire Serial EEPROMs 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 3-Wire Serial EEPROMs 128 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 128 x 64 pixel format, LED or EL Backlight available 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 DC-DC Converter; Supply Voltage:36V; Output Voltage:3.3V; Number of Outputs:1; Power Rating:100W; Mounting Type:PC Board; Series:Eighth-Brick; Efficiency:90%; Leaded Process Compatible:Yes; Output Current:20A RoHS Compliant: Yes SH2 Series, 7606 Group, UBC, SDRAM, PCMCIA, Host I/F, 2-ch CMT, 16KB unified 4 way set associative cache BP-176V; Vcc= 3.0 to 3.6 volts, Temp= -40 to 85 C; Package: PLBG0176GA-A SH2 Series, 7606 Group, UBC, SDRAM, PCMCIA, Host I/F, 2-ch CMT, 16KB unified 4 way set associative cache BP-176V; Vcc= 3.0 to 3.6 volts, Temp= -20 to 75 C; Package: PLBG0176GA-A -3-Wire Serial EEPROMs 3-WireSerialEEPROMs 3-Wire Serial EEPROMs
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
MAX17605 MAX17601 MAX17603 MAX17600 MAX17602 CAT24 |
4A Sink /Source Current, 12ns, Dual MOSFET Drivers 2K/4K-Bit Serial EEPROM with Partial Array Write Protection 2K/4K-Bit偏串行EEPROM阵列写保 1K/2K/4K/8K/16K SPI Serial CMOS EEPROM 1K/2K/4K/8K/16K SPI 串行 互补型金属氧化物 电可擦可编程只读存储 The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国568位每字举办的串行CMOS 16K-Bit Microwire Serial EEPROM 16K的位微型导线串行EEPROM 64K 8K x 8 Battery-Voltage CMOS E2PROM 64K8K的8电池电压的CMOS E2PROM
|
Maxim Integrated Products Atmel, Corp. ON Semiconductor TE Connectivity, Ltd.
|
24C01B 24C01B-EP 24C01B-ESN 24C02B-ESN 24C02B-EP |
1K/2K 5.0V I 2 C ??Serial EEPROM 1K/2K 5.0V I 2 C Serial EEPROM 1K/2K 5.0VI 2荤⑩串行EEPROM 1K 5.0V IIC serial EEPROMs(1K5.0V,IIC串行EEPROM) 1K/2K5.0VI2CSerialEEPROM
|
Microchip Technology, Inc. Microchip Technology Inc. MicrochipTechnology
|
CAT25C16YA-GT3 CAT25C16YA-1.8-GT3 CAT25C16VE-GT3 C |
8K/16K SPI Serial CMOS EEPROM 8K/16K SPI串行EEPROM中的CMOS
|
Emulation Technology, Inc. Yageo, Corp. Rectron Semiconductor
|