PART |
Description |
Maker |
AM41DL3208GB70I AM41DL3208GB85I AM41DL3208GT30IT A |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices] SPANSION
|
5962-8766505YA 5962-8766503YA 5962-8766507UA 5962- |
Complete High-Speed CMOS, 12-Bit ADC CMOS, 8-Bit-Compatible, 12-Bit DAC CMOS 12-Bit Buffered Multiplying DACs 16-Bit Microprocessor 16位微处理
|
Electronic Theatre Controls, Inc.
|
W25X10L W25X20L W25X10LSNEG W25X80L W25X80LZPEG W2 |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
Winbond
|
W25X20AVDAIZ W25X40AVDAIZ W25X80AVDAIZ W25X40AVSNI |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
Winbond
|
MC6800 MC6800CL MC6800CP MC6800CS MC6800L MC6800P |
8-BIT MPUS, 8-BIT MCUS, 8-BIT PERIPHERALS 8-BIT MICROPROCESSING UNIT (MPU)
|
MOTOROLA[Motorola, Inc]
|
AD7470 HSC-INTERFACEBOARD EVAL-CONTROLBOARD AD7472 |
AD7470/AD7472: 1.75MSPS. 4mW 10-Bit/12-Bit SAR ADC Data Sheet (Rev. A. 3/00) 2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP 12-Bit, 2.7 V to 5.25 V, 1.5 MSPS Low Power ADC 10-Bit, 2.7 V to 5.25 V, 1.75 MSPS Low Power ADC 1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs 1.75MSPS, 4mW 10-Bit/12-Bit SAR ADC
|
Analog Devices, Inc. AD[Analog Devices]
|
AM41LV3204M M410000095 M410000096 AM41LV3204MT10IT |
Stacked Multi-chip Package (MCP) 32 Mbit (4 M x 8 bit/2 M x 16-bit) Flash Memory and 4 Mbit (512K x 8-Bit/256 K x 16-Bit) Static RAM
|
SPANSION[SPANSION] AMD[Advanced Micro Devices]
|
MR53V3252J |
2,097,152-Word X 16-Bit or 4,194,304-Word X 8-Bit 8Word X 16-Bit or 16Word X 8-Bit/Page Mode MASK ROM From old datasheet system
|
OKI
|
MR53V8052J-XXMA MR53V8052J-XXRA MR53V8052J-XXTP MR |
524,288-Word x 16-bit or 1,048,576-Word x 8-bit 8Word X 16-Bit or 16Word X 8-Bit/Page Mode MASK ROM
|
OKI[OKI electronic componets]
|
MAX196-MAX198 MAX198 MAX198ACAI MAX198ACNI MAX198A |
Multirange, Single %V, 12-Bit DAS with 12-Bit Bus Interface SPECIALTY ANALOG CIRCUIT, PDIP28 Multirange, Single 5V, 12-Bit DAS with 12-Bit Bus Interface(6通道,100ksps,并行,12位A/D转换 Multirange / Single %V / 12-Bit DAS with 12-Bit Bus Interface Multirange Single %V 12-Bit DAS with 12-Bit Bus Interface 6-Channel, Multi-Range, 5V, 12-Bit DAS with 12-Bit Bus Interface and Fault Protection
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LD87C51FB-1 TP80C51FA N80C51FA-24 LN80C51FA-1 D83C |
8-BIT, MROM, 33 MHz, MICROCONTROLLER, CDIP40 8-BIT, 16 MHz, MICROCONTROLLER, PQCC44 8-BIT, 24 MHz, MICROCONTROLLER, PQCC44 EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER 8-BIT, 12 MHz, MICROCONTROLLER, PDIP40 8-Bit MCU: CISC: EPROM: MCS51 Family
|
INTEL CORP Intel, Corp.
|