PART |
Description |
Maker |
25C040-P 25AA040-P 25LC040-P 25C040X-ST 25C040IN 2 |
Evaluation Kit for the MAX1748, MAX1779 Evaluation Kit for the MAX16803 Evaluation Kit for the MAX1760 High-Voltage, Step-Down DC-DC Controller in µMAX 500mA Low-Dropout Linear Regulator in UCSP Industry-Standard, 12-Bit ADC with Reference Evaluation Kit for the MAX1757, MAX1758 60mA, SOT23 Inverting Charge Pump with Shutdown Evaluation Kit for the MAX1700, MAX1701 125mA, Frequency-Selectable, Switched-Capacitor Voltage Converters Evaluation Kit for the MAX1684, MAX1685 Evaluation Kit for the MAX1698 Evaluation Kit for the MAX1692 Evaluation Kit for the MAX1703 Evaluation Kit for the MAX1820, MAX1821 Complete, 100ksps, 8-Channel, 12-Bit Data Acquisition Systems SPI串行EEPROM High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver SPI串行EEPROM Evaluation Kit for the MAX1744, MAX1745 SPI串行EEPROM SPI Serial EEPROM SPI串行EEPROM
|
Microchip Technology, Inc.
|
25C320-E/ST 25C320T-/ST 25LC320T-/ST 25C320-/P 25C |
CMOS, 10-Bit A/D Converter with Track and Hold Evaluation Kit for the MAX1858, MAX1875, MAX1876 Dual, High-Efficiency, Step-Down Converter with Backup Battery Switchover Evaluation Kit for the MAX1774 SPI Serial EEPROM Evaluation Kit for the MAX1846, MAX1847 3µs, 12-Bit ADC Evaluation Kit for the MAX1776 SPI串行EEPROM
|
Microchip Technology, Inc.
|
YGV606 |
STARTER KIT, CYCLONE III, FPGA; Depth, external:50mm; Height:160mm; Weight:0.4kg; Width, external:130mm RoHS Compliant: Yes VGA视频控制
|
Jameco Electronics
|
NBX-10915 NBX-10970 |
LOCKING HASP KIT, INTERNAL PANEL HINGED BRACKET KIT
|
Bud Industries, Inc. http://
|
RFM15N06L RFP15N06L RFP15N05L RFM15N05L RFM15N05 |
Motor Splicing Kit (3 splices/kit) RoHS Compliant: Yes POWER LOGIC LEVEL MOSFETS
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
FQA10N80 |
CAPACITOR KIT, AUTOMOTIVE, AECQ 200; Kit contents:24 Values RoHS Compliant: Yes 800V N-Channel MOSFET
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
AM79C930EVAL-HW |
PCnet-Mobile Evaluation Kit EMULATOR KIT ADAPTER, 100 VQFP(FPGA) 44-PIN A PART PLCC(FPGA)
|
Advanced Micro Devices
|
27HC191L-40/K 27HC191L-55/L 27HC191L-40/P 27HC191L |
Evaluation Kit for the MAX4338, MAX4233 ADSL Drivers/Receivers for Customer Premise Equipment 16 x 16 Nonblocking Video Crosspoint Switch with On-Screen Display Insertion and I/O Buffers Evaluation Kit for the MAX4447, MAX4448, MAX4449 Evaluation Kit for the MAX4450 250MHz Wideband Transconductance Amplifier with Differential Output SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute Evaluation Kit for the MAX4336, MAX4231 Evaluation Kit for the MAX4365 ±15V Chopper Stabilized Operational Amplifier Ultra-High PSRR Stereo Drivers Microphone Amp 100mA Linear Regulator Evaluation Kit for the MAX4299 Evaluation Kit for the MAX4358 Low-Cost 4x4, 8x4, 8x8 Video Crosspoint Switches Low-Cost, Low-Voltage, PA Power Control Amplifier for GSM Applications in 8-Pin QFN High-Speed, Low-Power, Single-Supply Multichannel, Video Multiplexer-Amplifiers 用于GSM、采引脚QFN封装的低成本、低电压功率控制放大 Mono, 2W, Switch-Mode (Class D) Audio Power Amplifier x8存储 x8 EPROM x8存储
|
GSI Technology, Inc.
|
MCP2150 MCP2120 |
DEVELOPER’S KIT USER’S GUIDE DEVELOPERS KIT USERS GUIDE
|
MICROCHIP[Microchip Technology]
|
TSC21020F-20MA/883 TSC21020F-20MASB TSC21020F-20MA |
IC CYCLONE III FPGA 16K 484FBGA IC CYCLONE III FPGA 16K 164 MBGA IC CYCLONE III FPGA 25K 256 FBGA IC CYCLONE III FPGA 55K 484FBGA IC CYCLONE III FPGA 40K 484 UBGA IC CYCLONE III FPGA 25K 324 FBGA IC CYCLONE III FPGA 40K 484UBGA IC CYCLONE III FPGA 40K 324 FBGA IC CYCLONE III FPGA 40K 780 FBGA IC CYCLONE III FPGA 40K 484FBGA IC CYCLONE III FPGA 40K 780FBGA FPGA, CYCLONE III, 40K LE, 240 PQFP Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:128; IC CYCLONE III FPGA 25K 144 EQFP IC CYCLONE III FPGA 16K 256 UBGA FPGA, CYCLONE III, 40K LE, 324FBGA Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:195; IC CYCLONE III FPGA 16K 256FBGA 数字信号处理器| 32位|的CMOS | RAD数据通信硬|美巡赛| 223PIN |陶瓷 IC CYCLONE III FPGA 16K 240PQFP
|
TE Connectivity, Ltd.
|
MAX1575 MAX1575EVKIT MAX1575ETE |
White LED 1x/1.5x Charge Pump for Main and Sub-Displays MAX1575 Evaluation Kit Evaluation Kit for the MAX1575
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
DS1701K |
1-Wire Temperature Sensor Evaluation Kit 1-Wire Thermal Device Evaluation Kit
|
MAXIM - Dallas Semiconductor DALLAS[Dallas Semiconductor]
|