PART |
Description |
Maker |
FT28C16-20SC FT28C16-20SI |
Parallel EEPRO M 16K (2Kx8)
|
Force Technologies Ltd
|
IS24C02 IS24C08 IS24C04 IS24C01 24C16 IS24C16-3PI |
16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM From old datasheet system 301K 1% 100PPM TF 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 RES 2.7 OHM 5% 0.1 W METAL FILM SMT 0805 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 RESISTOR,309,CR0805 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2线串行EEPROM中的CMOS
|
Integrated Silicon Solu... Integrated Silicon Solution Inc ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution, Inc. Integrated Silicon Solution...
|
74F676PC 74F676SC 74F676SPC 74F676 |
SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 5 A, Pin Plunger Actuator, Solder Termination F/FAST SERIES, 16-BIT RIGHT PARALLEL IN SERIAL OUT SHIFT REGISTER, TRUE OUTPUT, PDIP24 16-Bit Serial/Parallel-In / Serial-Out Shift Register 16-Bit Serial/Parallel-In, Serial-Out Shift Register
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
NEPORT1 NECHIP |
Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface/USER MANUAL
|
List of Unclassifed Manufacturers ETC
|
NM25C640 NM25C640LEN NM25C640LVM8 NM25C640LVN NM25 |
SPI Serial EEPROM 64K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus) [Advanced]
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
FM93C06E FM93C06 FM93C06V FM93C06L FM93C06LZ FM93C |
256-Bit Serial CMOS EEPROM (MICROWIRE?Synchronous Bus) The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each Microwire Serial EEPROM 16 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 Microwire Serial EEPROM 16 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 From old datasheet system 256-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus) 256-BIT SERIAL CMOS EEPROM (MICROWIRE⒙ SYNCHRONOUS BUS) 256-Bit Serial CMOS EEPROM (MICROWIRE⑩ Synchronous Bus)
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
24CO25-SN 24CO25-ST 24CO25-IP 24CO25-ISN 24CO25-IS |
2K 2.5V I 2 C Serial EEPROM 2K 2.5VI 2荤⑩串行EEPROM 2K 2.5V IIC serial EEPROMs(2.5V~5.5V,2K10M次擦写周可寻址,EEPROM) 2K2.5VI2CSerialEEPROM 2K 2.5V I 2 C ?Serial EEPROM 2K 2.5V I2C EEPROM
|
Microchip Technology, Inc. MicrochipTechnology Microchip Technology Inc.
|
LTC1595 LTC1595BCS LTC1596-1CCN LTC1596BIN LTC1596 |
Serial 16-Bit Multiplying DACs Serial 16-Bit Multiplying DACs SERIAL INPUT LOADING, 1 us SETTLING TIME, 16-BIT DAC, PDIP8 Serial 16-Bit Multiplying DACs SERIAL INPUT LOADING, 1 us SETTLING TIME, 16-BIT DAC, PDIP16 8-Bit, 40 kSPS ADC Serial-Out, On-Chip 12-Ch. Analog Mux, 11 Ch. 20-PDIP From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology] http://
|
NM93C06EM8 NM93C06EMT8 NM93C06EN NM93CS06EMT8 NM93 |
256-Bit Serial CMOS EEPROM (MICROWIRE?/a> Synchronous Bus) The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 16 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 Card Edge Connector; No. of Contacts:40; Pitch Spacing:0.1" RoHS Compliant: Yes 256-Bit Serial CMOS EEPROM (MICROWIRE⑩ Synchronous Bus) 256-BIT SERIAL CMOS EEPROM (MICROWIRE⒙ SYNCHRONOUS BUS) 256-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus) 256-Bit Serial CMOS EEPROM (MICROWIRE?Synchronous Bus)
|
Fairchild Semiconductor, Corp. EEPROM Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
AT24C04A-10PU-2.7 AT24C02AN-10SU-2.7 |
10MS, 8 PDIP, IND TEMP, GREEN, 2.7V(SERIAL EE) 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
Atmel, Corp. ATMEL CORP
|
IS23SC1604 IS23SC1604-X6 IS23SC1604-X7I IS23SC1604 |
Low-Cost, Low-Power, Highly Secured 16K Bits (2K x 8) Serial EEPROM(低价值,低功耗,高可靠6K位串行EEPROM) 16-KBIT SECURED SERIAL EEPROM 2K X 8 3-WIRE SERIAL EEPROM, UUC7
|
Integrated Silicon Solution, Inc.
|