PART |
Description |
Maker |
LCD160X160A LCD-160X160A |
160 x 160 Dots Graphic LCD 160 × 160点阵图形液晶显示 CONNECTOR ACCESSORY
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
NT7701H-TABF3 NT7701H-BDT |
160 Output LCD Segment/Common Driver
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
ST8016 |
160 Output LCD Common/Segment driver IC
|
List of Unclassifed Manufacturers ETC[ETC]
|
ML9060 |
From old datasheet system 1/2 DUTY, 160-OUTPUT STATIC LCD DRIVER
|
OKI electronic components OKI[OKI electronic componets]
|
KS0794 |
160 COM / 160 SEG DRIVER FOR STN LCD
|
Samsung semiconductor
|
HYS72D32300GU-5-C HYS64D16301GU-6-C HYS72D32300HU- |
RES 160 OHM 1/16W 5% 0402 SMD 184-Pin Unbuffered Double Data Rate SDRAM 184引脚缓冲双数据速率SDRAM
|
Infineon Technologies AG
|
DMC5001NYL DMF5001NYL |
0.3-7.0V 13.4mA LCD module 160 x 128dots;Dot size: 0.54 x 0.54mm; 0.3-7.0V; 1.0mA LCD module
|
Optrex Corporation
|
ST2245P-4.000MHZ ST2245E-4.000MHZ ST2245EP-4.000MH |
IC ACEX 1K FPGA 50K 208-PQFP Crystal Oscillator FPGA, FLEX 6000, 24K GATES, PQFP208; Logic IC family:FPGA; Logic IC Base Number:6024; Logic IC function:EPF6024A; Voltage, supply:3.30V; Case style:PQFP; Gates, No. of:24000; I/O lines, No. of:171; Pins, No. of:208; Temp, op. RoHS Compliant: Yes IC MAX 7000 CPLD 128 100-TQFP IC ACEX 1K FPGA 30K 208-PQFP MAX 3000A CPLD 64 MC 44-PLCC Cyclone II FPGA 5K TQFP-144 Stratix II FPGA 60K FBGA-1020 Cyclone II FPGA 5K PQFP-208 Stratix II FPGA 30K FBGA-672 Cyclone FPGA 12K PQFP-240 MAX II CPLD 1270 LE 256-FBGA Stratix II FPGA 15K FBGA-484 IC APEX 20KE FPGA 100K Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:176; Package/Case:256-FBGA; Leaded Process Compatible:No; Number of Circuits:1728; Peak Reflow Compatible (260 C):No RoHS Compliant: No Cyclone II FPGA 35K FBGA-672 CONFIGURATION DEVICE, 1.6MBIT, PLCC20; Memory type:Configuration FLASH; Interface type:Serial; Memory size:1.6Mbit; Frequency:16.7MHz; Temp, op. min:0(degree C); Temp, op. max:70(degree C); Case style:PLCC; Temperature, operating RoHS Compliant: Yes MAX 3000A CPLD 256 MC 144-TQFP 晶体振荡 Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:147; Package/Case:208-PQFP; Leaded Process Compatible:No; Number of Circuits:1728; Peak Reflow Compatible (260 C):No; Mounting Type:surface mount RoHS Compliant: No
|
Pletronics
|
LCD-160G032A |
160 x 32 Dots Graphic LCD
|
VISAY[Vishay Siliconix]
|
LCD-160G128B |
160 x 128 Dots Graphic LCD
|
Vishay Siliconix
|