PART |
Description |
Maker |
UPD16344 |
64-BIT AC-PDP DRIVER
|
NEC
|
UPD16307 |
41-Bit DC-PDP ROW Driver IC
|
NEC Electronics
|
UPD16341 |
96-BIT AC-PDP DRIVER 96位交PDP驱动
|
NEC, Corp.
|
UPD16300GF |
41-Bit DC-PDP ROW Driver IC
|
NEC Electronics
|
TND312S |
ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
|
Sanyo Semicon Device
|
TND304S |
General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive Switching Power Supply, DC / DC Converter Applications
|
SANYO[Sanyo Semicon Device]
|
74ALVT162244 AV162244DL 74ALVT162244DGG 74ALVT1622 |
2.5 V / 3.3 V 16-bit buffer/driver with 30 Ohm termination resistors (3-State) 2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State ALVT SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48 2.5V/3.3V 16-bit buffer/driver with 30 Ωtermination resistors (3-State)(0 Ω终端电阻器的2.5V/3.3V 16位缓冲器/驱动三态)) 2.5V/3.3V 16-bit buffer/driver with 30
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
74ACTQ16240 74ACTQ16240MTD 74ACTQ16240SSC 74ACTQ16 |
16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs From old datasheet system 20 Characters x 4 Lines, 5x7 Dot Matrix Character and Cursor Quad 4-Bit Buffer/Driver ACT SERIES, QUAD 4-BIT DRIVER, INVERTED OUTPUT, PDSO48 GTLP-to-LVTTL 1-to-6 Fanout Driver 24-SOIC -40 to 85 ACT SERIES, QUAD 4-BIT DRIVER, INVERTED OUTPUT, PDSO48
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
74ACTQ16244 74ACTQ16244MTD 74ACTQ16244SSC 74ACTQ16 |
GTLP-to-LVTTL 1-to-6 Fanout Driver 24-SOIC -40 to 85 Quad 4-Bit Buffer/Driver 16-Bit Buffer/Line Driver with 3-STATE Outputs From old datasheet system
|
Fairchild Semiconductor Corporation
|
74VCX16827 74VCX16827MTD 74VCX16827MTDX 74VCX16827 |
Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs Dual 10-Bit Buffer/Driver ALVC/VCX/A SERIES, DUAL 10-BIT DRIVER, TRUE OUTPUT, PDSO56 From old datasheet system
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74LVT1403 74LVT1403DR |
3.3V combined 8-bit bus receiver and 4-bit bus driver 3.3联合8位总线接收器和4位公共汽车司 3.3V combined 8-bit bus receiver and 4-bit bus driver LVT SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO32
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
74LVCH16541ADGG 74LVCH16541ADGG-T |
16-bit buffer-line driver; 3-state LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48
|
NXP Semiconductors N.V.
|