PART |
Description |
Maker |
ST232 ST232B ST232BD ST232BDR ST232BN ST232BT ST23 |
5V POWERED MULTI-CHANNEL RS-232 DRIVERS AND RECEIVERS
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
CA82C37A-8ED CA82C37A-5ED CA82C37A-10CD CA82C37A-1 |
/- 15 kV ESD protected 5 V RS-232 transceiver 3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver DMA Controller 5 V powered multi-channel RS-232 drivers and receivers DMA控制
|
Linear Technology, Corp.
|
ST202B |
(ST202B/C) 5V Powered multi-channel RS-232 drivers and receivers
|
STMicroelectronics
|
DLZ-5-DLZ-30CA DLZ-5A DLZ-12 DLZ-12A DLZ-13C DLZ-1 |
High powered multi-line tvs array
|
Protek Devices
|
VS10P05LC VS10P05LCI VS10P05C |
High powered multi-line VSIP? tvs array
|
Protek Devices
|
STEVAL-IDS002V1 |
Autonomous wireless multi-sensor node powered by PV cells and based on SPV1050 (SPIDEr ™)
|
ST Microelectronics
|
MAX1036 MAX1036EKA- MAX1036-MAX1039 MAX1037 MAX103 |
2.7-5.5V; low power, 4-/12-channel 2-wire serial 8-bit ADC. For hand-held portable applications, medical instrumnets, battery-powered test equipment, solar-powered remote systems, received-signal-strength indicators, system supervision " 2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs" -2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs 2.7V to 5.5V / Low-Power / 4-/12-Channel 2-Wire Serial 8-Bit ADCs
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ISL97692 ISL97692IIZ-T ISL97692IRTZ ISL97693 ISL97 |
Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers
|
Renesas Electronics Corporation
|
GP712 |
IEEE 802.15.4 Multi-Stack Multi-Channel Communications Controller
|
TriQuint Semiconductor
|
MAX3483 MAX3483CPA MAX3483CSA MAX3483EPA MAX3483ES |
3.3V Powered, 10Mbps and Slew-Rate Limited, True RS-485/RS-422 Transceivers 3.3V-Powered 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered / 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-HVGA 27-Bit Display Serial Interface Receiver 48-BGA MICROSTAR JUNIOR -40 to 85 SWITCH, 6MM S0/8.5MM HT TACT 3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDIP14
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
MAX3483E MAX3483ECPA MAX3483ECSA MAX3483EEPA MAX34 |
Quad LVDS Receiver with -4 to 5V Common-mode Range 16-SOIC -40 to 85 3.3V-Powered, ??5kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V Powered, ±15kV ESD-Protected, 12Mbps, Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-VGA 27-Bit Display Serial Interface Receiver 48-BGA MICROSTAR JUNIOR -40 to 85 LINE TRANSCEIVER, PDSO8 3.3V-Powered, 5kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-VGA 27-Bit Display Serial Interface Transmitter 48-BGA MICROSTAR JUNIOR -40 to 85 3.3V-Powered, ±15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, ±15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS- 485/RS-422 Transceivers 3.3V-Powered 15kV ESD-Protected 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 【15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered / 15kV ESD-Protected / 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V Powered, ±15kV ESD-Protected, 12Mbps, Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15,15kV ESD-Protected, 12Mbps
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AK4628 AK4628VQ |
2-channel 96KHz ADC 8-channel 192KHz DAC HIGH PERFORMANCE MULTI CHANNEL AUDIO CODEC
|
AKM[Asahi Kasei Microsystems]
|