PART |
Description |
Maker |
CS8221YDF8 CS8221YDP3 CS8221YDFR8 CS8221YDPR3 CS82 |
Micropower 5V/ 100mA Low Dropout Linear Regulator Micropower 5V, 100mA Low Dropout Linear Regulator 5V的,100mA的低压差线性稳压器
|
CHERRY[Cherry Semiconductor Corporation] ZF Electronics, Corp.
|
RT916907 RT9169-49PZL RT9169-49PZT RT9169-13PZL RT |
100mA, 4μA Quiescent Current CMOS LDO Regulator 100mA, 4渭A Quiescent Current CMOS LDO Regulator 100mA, 4楼矛A Quiescent Current CMOS LDO Regulator 100mA, 4レA Quiescent Current CMOS LDO Regulator
|
Richtek Technology Corporation
|
LT1761MPS5-1.8 LT1761ES5-1.2 |
100mA, Low Noise,LDO Micropower Regulators in SOT-23
|
Linear Technology
|
LT3024IDE LT3024IDE-TR LT3024IDE-TRPBF LT3024EFE-T |
Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulator
|
Linear Technology
|
LT3024 3024FS |
Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator From old datasheet system
|
linear
|
LT1761MPS5-1.8-PBF LT1761MPS5-1.8-TR LT1761MPS5-1. |
100mA, Low Noise, LDO Micropower Regulators in TSOT-23 1.8 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO5 PLASTIC, MO-193, TSOT-23, 5 PIN 100mA, Low Noise, LDO Micropower Regulators in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -55° to 125°C 1.8 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO5 100mA, Low Noise, LDO Micropower Regulators in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO5 100mA, Low Noise, LDO Micropower Regulators in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO5 100mA, Low Noise, LDO Micropower Regulators in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO5 1.2 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO5 2.8 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO5
|
http:// Linear Technology, Corp. LINEAR TECHNOLOGY CORP Linear Dimensions Semiconductor Linear Dimensions Semic...
|
LT3027 LT3027EMSE LT3027IMSE LT3027EDD LT3027IDD |
From old datasheet system Dual 100mA, Low Dropout, Low Noise, Micropower Regulator wih Independent Inputs
|
LINER[Linear Technology]
|
TSX561 TSX561A TSX561AILT TSX564IPT TSX561IYLT TSX |
Micropower, wide bandwidth 16V CMOS op-amps Micropower, wide bandwidth, 16 V CMOS operational amplifiers
|
ST Microelectronics STMicroelectronics
|
ILC7280AR2530X ILC7280AR2828X ILC7280AR2830X ILC72 |
Dual 0.15A Low Dropout Voltage Regulator Micropower Dual 150mA CMOS RF LDO Regulators Micropower Dual 150mA CMOS RF LDO-TM Regulators
|
FAIRCHILD[Fairchild Semiconductor]
|